Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

WR5006X Datasheet(PDF) 2 Page - STANLEY ELECTRIC CO.,LTD.

Part # WR5006X
Description  Single Color ?5 Round Shape Type
Download  10 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  STANLEY [STANLEY ELECTRIC CO.,LTD.]
Direct Link  http://www.stanley.co.jp/e/
Logo STANLEY - STANLEY ELECTRIC CO.,LTD.

WR5006X Datasheet(HTML) 2 Page - STANLEY ELECTRIC CO.,LTD.

  WR5006X Datasheet HTML 1Page - STANLEY ELECTRIC CO.,LTD. WR5006X Datasheet HTML 2Page - STANLEY ELECTRIC CO.,LTD. WR5006X Datasheet HTML 3Page - STANLEY ELECTRIC CO.,LTD. WR5006X Datasheet HTML 4Page - STANLEY ELECTRIC CO.,LTD. WR5006X Datasheet HTML 5Page - STANLEY ELECTRIC CO.,LTD. WR5006X Datasheet HTML 6Page - STANLEY ELECTRIC CO.,LTD. WR5006X Datasheet HTML 7Page - STANLEY ELECTRIC CO.,LTD. WR5006X Datasheet HTML 8Page - STANLEY ELECTRIC CO.,LTD. WR5006X Datasheet HTML 9Page - STANLEY ELECTRIC CO.,LTD. Next Button
Zoom Inzoom in Zoom Outzoom out
 2 / 10 page
background image
Single Color φ5 Round Shape Type
WR5006X
Page 2
2010.03.10
Color and Luminous Intensity
TYP.
IF(mA)
MIN.
TYP.
IF(mA)
WR5006X
GaAlAs
Red
Water
Clear
Clear
637
20
1,400
2,800
20
Iv (mcd)
Luminous Intensity
Dominant
Wavelength
λd (nm)
Part No.
Material
Emitted
Color
Lens
Color
(Ta=25℃)
Absolute Maximum Ratings
Power Dissipation
Pd
125
mW
Forward Current
IF
50
mA
Pulse Forward
Current
※ 1
IFRM
200
mA
Derating
(Ta=25
℃ or higher)
⊿ IF
0.67
mA/
Reverse Voltage
VR
5
V
Operating
Temperature
Topr
-40~+85
Storage
Temperature
Tstg
-40~+100
Item
Symbol
Unit
Absolute Maximum Ratings
※1 IFRM Measurement condition : Pulse Width≦1ms., Duty≦1/20.
(Ta=25℃)


Similar Part No. - WR5006X

ManufacturerPart #DatasheetDescription
logo
STANLEY ELECTRIC CO.,LT...
WR5006X STANLEY-WR5006X Datasheet
132Kb / 10P
   Single Color 5 Round Shape Type
More results

Similar Description - WR5006X

ManufacturerPart #DatasheetDescription
logo
STANLEY ELECTRIC CO.,LT...
WR5004X STANLEY-WR5004X_10 Datasheet
131Kb / 10P
   Single Color ?5 Round Shape Type
BG5305S STANLEY-BG5305S Datasheet
432Kb / 33P
   Single Color ?5 Round Shape Type
WR5006X STANLEY-WR5006X Datasheet
132Kb / 10P
   Single Color 5 Round Shape Type
WR5005S STANLEY-WR5005S_10 Datasheet
132Kb / 10P
   Single Color ?5 Round Shape Type
WR5004X STANLEY-WR5004X Datasheet
131Kb / 10P
   Single Color 5 Round Shape Type
5335S STANLEY-5335S Datasheet
413Kb / 33P
   Single Color ?5 Round Shape Type
KR5004X STANLEY-KR5004X Datasheet
187Kb / 12P
   Single Color ?5 Round Shape Type
BR5335S STANLEY-BR5335S Datasheet
2Mb / 33P
   Single Color 5 Round Shape Type
BG5307S STANLEY-BG5307S Datasheet
436Kb / 33P
   Single Color ?5 Round Shape Type
WR5005S STANLEY-WR5005S Datasheet
132Kb / 10P
   Single Color 5 Round Shape Type
More results


Html Pages

1 2 3 4 5 6 7 8 9 10


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.NET
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com