Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

17-21-R7C-A0N1P2B0C-3T-AM Datasheet(PDF) 11 Page - Everlight Electronics Co., Ltd

Part # 17-21-R7C-A0N1P2B0C-3T-AM
Description  0805 Package Chip LED
Download  12 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  EVERLIGHT [Everlight Electronics Co., Ltd]
Direct Link  http://www.everlight.com
Logo EVERLIGHT - Everlight Electronics Co., Ltd

17-21-R7C-A0N1P2B0C-3T-AM Datasheet(HTML) 11 Page - Everlight Electronics Co., Ltd

Back Button 17-21-R7C-A0N1P2B0C-3T-AM Datasheet HTML 4Page - Everlight Electronics Co., Ltd 17-21-R7C-A0N1P2B0C-3T-AM Datasheet HTML 5Page - Everlight Electronics Co., Ltd 17-21-R7C-A0N1P2B0C-3T-AM Datasheet HTML 6Page - Everlight Electronics Co., Ltd 17-21-R7C-A0N1P2B0C-3T-AM Datasheet HTML 7Page - Everlight Electronics Co., Ltd 17-21-R7C-A0N1P2B0C-3T-AM Datasheet HTML 8Page - Everlight Electronics Co., Ltd 17-21-R7C-A0N1P2B0C-3T-AM Datasheet HTML 9Page - Everlight Electronics Co., Ltd 17-21-R7C-A0N1P2B0C-3T-AM Datasheet HTML 10Page - Everlight Electronics Co., Ltd 17-21-R7C-A0N1P2B0C-3T-AM Datasheet HTML 11Page - Everlight Electronics Co., Ltd 17-21-R7C-A0N1P2B0C-3T-AM Datasheet HTML 12Page - Everlight Electronics Co., Ltd  
Zoom Inzoom in Zoom Outzoom out
 11 / 12 page
background image
.
Technical Data Sheet
0805 Package Chip LED
Preliminary
17-21-R7C-A0N1P2B0C-3T-AM
Everlight Electronics Co., Ltd.
http://www.everlight.com
Rev. 1
Page: 11 of
12
Device No:DSE-0001194
Prepared date: 9-Apr -2009
Created by: Wuhongmei
Precautions for Use
1. Soldering Condition
1.1 (A) Maximum Body Case Temperature Profile for evaluation of Reflow Profile
Note:
Preheat
Temperature min (Tsmin)
150 °C
Temperature max (Tsmax)
200°C
Time (Tsmin to Tsmax) (ts)
60-120 seconds
Average ramp-up rate (Tsmax to Tp)
3 °C/second max.
Other
Liquidus Temperature (TL)
217 °C
Time above Liquidus Temperature (t L)
60-150 sec
Peak Temperature (TP)
260°C
Time within 5 °C of Actual Peak Temperature: TP - 5°C
30 s
Ramp- Down Rate from Peak Temperature
6°C /second max.
Time 25°C to peak temperature
8 minutes max.
Reflow times
3 times
All parameters are maximum body case temperature values and cannot be considered as a
soldering profile. The body case temperature was measured by soldering a thermal couple to the
soldering point of LEDs.
Reference: IPC/JEDEC J-STD-020D


Similar Part No. - 17-21-R7C-A0N1P2B0C-3T-AM

ManufacturerPart #DatasheetDescription
logo
HK TO-GRACE TECHNOLOGY ...
17-21-R7C-A0N1P2B0C-3T-AM TO-GRACE-17-21-R7C-A0N1P2B0C-3T-AM Datasheet
910Kb / 12P
   0805 Package Chip LED
More results

Similar Description - 17-21-R7C-A0N1P2B0C-3T-AM

ManufacturerPart #DatasheetDescription
logo
Everlight Electronics C...
17-21-G6C-FM1N2B-3T EVERLIGHT-17-21-G6C-FM1N2B-3T Datasheet
214Kb / 10P
   0805 Package Chip LED
logo
TAITRON Components Inco...
TSP2-XF2012A3 TAITRON-TSP2-XF2012A3 Datasheet
314Kb / 7P
   0805 PACKAGE CHIP LED
logo
Everlight Electronics C...
EAIST2012A2 EVERLIGHT-EAIST2012A2 Datasheet
444Kb / 9P
   0805 Package Chip LED
17-21-Y2C-A0L1M2V0B-3T-AM EVERLIGHT-17-21-Y2C-A0L1M2V0B-3T-AM Datasheet
234Kb / 13P
   0805 Package Chip LED
17-21-GPC-A0L1M2B0E-3T-AM EVERLIGHT-17-21-GPC-A0L1M2B0E-3T-AM Datasheet
205Kb / 12P
   0805 Package Chip LED
17-21-GHC-YR1S2-3T EVERLIGHT-17-21-GHC-YR1S2-3T Datasheet
158Kb / 10P
   0805 Package Chip LED
logo
TAITRON Components Inco...
TSP2-QF2012A3 TAITRON-TSP2-QF2012A3 Datasheet
317Kb / 7P
   0805 PACKAGE CHIP LED
logo
HK TO-GRACE TECHNOLOGY ...
17-21-GPC-A0N1M2B0E-3T-AM TO-GRACE-17-21-GPC-A0N1M2B0E-3T-AM Datasheet
571Kb / 12P
   0805 Package Chip LED
logo
Everlight Electronics C...
17-21-GPC-A0N1M2B0E-3T-AM EVERLIGHT-17-21-GPC-A0N1M2B0E-3T-AM Datasheet
205Kb / 12P
   0805 Package Chip LED
17-21-S3C-6FQ2R2L0E-3T-AM EVERLIGHT-17-21-S3C-6FQ2R2L0E-3T-AM Datasheet
227Kb / 13P
   0805 Package Chip LED
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.NET
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com