Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

SY88922KC Datasheet(PDF) 4 Page - Micrel Semiconductor

Part # SY88922KC
Description  SDH/SONET 2.5Gbps LASER DIODE DRIVER
Download  6 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  MICREL [Micrel Semiconductor]
Direct Link  http://www.micrel.com
Logo MICREL - Micrel Semiconductor

SY88922KC Datasheet(HTML) 4 Page - Micrel Semiconductor

  SY88922KC Datasheet HTML 1Page - Micrel Semiconductor SY88922KC Datasheet HTML 2Page - Micrel Semiconductor SY88922KC Datasheet HTML 3Page - Micrel Semiconductor SY88922KC Datasheet HTML 4Page - Micrel Semiconductor SY88922KC Datasheet HTML 5Page - Micrel Semiconductor SY88922KC Datasheet HTML 6Page - Micrel Semiconductor  
Zoom Inzoom in Zoom Outzoom out
 4 / 6 page
background image
4
SY88922
Micrel, Inc.
M9999-091906
hbwhelp@micrel.com or (408) 955-1690
TA = 0
°CTA = +25°CTA = +85°C
Symbol
Parameter
Min.
Typ.
Max.
Min.
Typ.
Max.
Min.
Typ.
Max.
Unit
Conditions
tpd D
Propagation Delay
1000
500
1000
1000
ps
DIN - OUT
tpd EN
Propagation Delay
1000
450
1000
1000
ps
/EN - OUT
tr
Rise/Fall Time
160
110
160
160
ps
Load = 25Ω
tf
(20% to 80%)
IOR
Output Current Ringing(2)
——
10
——
10
——
10
%
AC ELECTRICAL CHARACTERISTICS(1)
IMOD =10mA; GND = 0V; VCC = +5V ±10%; TA = 0°C to + 85°C.
Notes:
1. REXT = RSER = 25Ω ±1%, RSER connects to VCC directly without Laser Diode.
2. IOH = 5 to 25mA
PERFORMANCE CURVES
10
20
25
30
IO and RSET
0.0
0.0
15
5
4.0K
6.0K
8.0K
10K
2.0K
RSET
(ohm)
12K


Similar Part No. - SY88922KC

ManufacturerPart #DatasheetDescription
logo
Micrel Semiconductor
SY88922KC MICREL-SY88922KC Datasheet
84Kb / 8P
   SDH/SONET 2.5Gbps LASER DIODE DRIVER
SY88922KC MICREL-SY88922KC Datasheet
479Kb / 6P
   SDH/SONET 2.5Gbps LASER DIODE DRIVER
SY88922KCTR MICREL-SY88922KCTR Datasheet
84Kb / 8P
   SDH/SONET 2.5Gbps LASER DIODE DRIVER
SY88922KCTR MICREL-SY88922KCTR Datasheet
479Kb / 6P
   SDH/SONET 2.5Gbps LASER DIODE DRIVER
More results

Similar Description - SY88922KC

ManufacturerPart #DatasheetDescription
logo
Micrel Semiconductor
SY88922 MICREL-SY88922 Datasheet
84Kb / 8P
   SDH/SONET 2.5Gbps LASER DIODE DRIVER
SY88922 MICREL-SY88922_06 Datasheet
479Kb / 6P
   SDH/SONET 2.5Gbps LASER DIODE DRIVER
logo
Maxim Integrated Produc...
MAX3867 MAXIM-MAX3867 Datasheet
193Kb / 12P
   3.3V, 2.5Gbps SDH/SONET Laser Driver with Automatic Power Control
19-4769; Rev 0a; 9/98
logo
Vitesse Semiconductor C...
VSC7925 VITESSE-VSC7925 Datasheet
106Kb / 10P
   SONET/SDH 2.5Gb/s Laser Diode Driver
VSC7927 VITESSE-VSC7927 Datasheet
124Kb / 12P
   SONET/SDH 2.5Gb/s Laser Diode Driver
VSC7924 VITESSE-VSC7924 Datasheet
110Kb / 12P
   SONET/SDH 2.5Gb/s Laser Diode Driver
VSC7928 VITESSE-VSC7928 Datasheet
131Kb / 10P
   SONET/SDH 3.2Gb/s Laser Diode Driver
VSC7923 VITESSE-VSC7923 Datasheet
126Kb / 14P
   SONET/SDH 2.5Gb/s Laser Diode Driver
logo
Maxim Integrated Produc...
MAX3869 MAXIM-MAX3869 Datasheet
468Kb / 16P
   3.3V, 2.5Gbps SDH/SONET Laser Driver with Current Monitors and APC
19-1570; Rev 0; 12/99
MAX3869 MAXIM-MAX3869_V01 Datasheet
679Kb / 15P
   3.3V, 2.5Gbps SDH/SONET Laser Driver with Current Monitors and APC
2005
More results


Html Pages

1 2 3 4 5 6


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.NET
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com