Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

P1900MEL Datasheet(PDF) 4 Page - Littelfuse

Part # P1900MEL
Description  Packaged in a robust TO-218 package, the 5kA Series is ideal for use in CATV amplifiers
Download  4 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  LITTELFUSE [Littelfuse]
Direct Link  http://www.littelfuse.com
Logo LITTELFUSE - Littelfuse

P1900MEL Datasheet(HTML) 4 Page - Littelfuse

  P1900MEL Datasheet HTML 1Page - Littelfuse P1900MEL Datasheet HTML 2Page - Littelfuse P1900MEL Datasheet HTML 3Page - Littelfuse P1900MEL Datasheet HTML 4Page - Littelfuse  
Zoom Inzoom in Zoom Outzoom out
 4 / 4 page
background image
SIDACtor® ProtectionThyristors
191
Revised: February 22, 2011
© 2011 Littelfuse, Inc.
Specifications are subject to change without notice.
Please refer to www.littelfuse.com for current information.
High Surge Current Protection
Dimensions — TO-218
Package
Type
Description
Packing Options
Quantity
Added
Suffix
Industry
Standard
M
TO-218 (ME)
Tube Pack
250(25 per
tube/10 tubes per
box)
N/A
N/A
Packing Options
C
D
H
G
F
B
A
E
TC Measurement Point
U DIA.
P
PIN 3
J
PIN 2
PIN 1
M
N 3 Times
K
L
R
Q
W
Tab is
connected to
PIN 2
Dimensions
Inches
Millimeters
Min
Max
Min
Max
A
0.810
0.835
20.57
21.21
B
0.610
0.630
15.49
16.00
C
0.178
0.188
4.52
4.78
D
0.055
0.070
1.40
1.78
E
0.487
0.497
12.37
12.62
F
0.635
0.655
16.13
16.64
G
0.022
0.029
0.56
0.74
H
0.075
0.095
1.91
2.41
J
0.575
0.625
14.61
15.88
K
0.211
0.219
5.36
5.56
L
0.422
0.437
10.72
11.10
M
0.058
0.068
1,47
6.73
N
0.045
0.055
1.14
1.40
P
0.095
0.115
2.41
2.92
R
0.008
0.016
0.20
0.41
U
0.161
0.165
4.1
4.2
W
0.085
0.095
2.17
2.42
Notes:
Mold flash shall not exceed 0.13 mm per side.
Maximum torque to be applied to mounting tab is 8 in-lbs. (0.904 Nm).
Pin 3 has no connection.
Tab is non-isolated (connects to middle pin).
Tube Pack Specification — TO-218


Similar Part No. - P1900MEL

ManufacturerPart #DatasheetDescription
logo
Littelfuse
P1900MEL LITTELFUSE-P1900MEL Datasheet
151Kb / 2P
   CATV Line Amplifiers/Power Inserters 5 kA SIDACtor짰 Device
More results

Similar Description - P1900MEL

ManufacturerPart #DatasheetDescription
logo
New Jersey Semi-Conduct...
2SC1940 NJSEMI-2SC1940_13 Datasheet
123Kb / 2P
   The 2SC1940 is designed for use in driver stages of audio frequency amplifiers
logo
Taoglas antenna solutio...
OMB.915.B03F21 TAOGLAS-OMB.915.B03F21 Datasheet
701Kb / 9P
   Suitable to use in robust outdoor environment
OMB.8912.03F21 TAOGLAS-OMB.8912.03F21 Datasheet
523Kb / 11P
   Suitable to use in robust outdoor environment
OMB.8912.05F21 TAOGLAS-OMB.8912.05F21 Datasheet
604Kb / 12P
   Suitable to use in robust outdoor environment
OMB.445.05F21 TAOGLAS-OMB.445.05F21 Datasheet
408Kb / 9P
   Suitable to use in robust outdoor environment
logo
Aavid, Thermal Division...
513201B02500 AAVID-513201B02500 Datasheet
84Kb / 2P
   For use with TO-218 packages
530401B00150 AAVID-530401B00150 Datasheet
82Kb / 2P
   For use with TO-218 packages
529801B02500 AAVID-529801B02500 Datasheet
83Kb / 2P
   For use with TO-218 packages
530101B00150 AAVID-530101B00150 Datasheet
86Kb / 2P
   For use with TO-218 packages
logo
Cynergy3 Co
LITTLE-EX CYNERGY3-LITTLE-EX Datasheet
725Kb / 1P
   This series is for use in hazardous areas This is suitable for use in water
More results


Html Pages

1 2 3 4


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.NET
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com