Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

P1200SBLRP Datasheet(PDF) 1 Page - Littelfuse

Part # P1200SBLRP
Description  The series provides a specialized asymmetrical overvoltage protection solution
Download  4 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  LITTELFUSE [Littelfuse]
Direct Link  http://www.littelfuse.com
Logo LITTELFUSE - Littelfuse

P1200SBLRP Datasheet(HTML) 1 Page - Littelfuse

  P1200SBLRP Datasheet HTML 1Page - Littelfuse P1200SBLRP Datasheet HTML 2Page - Littelfuse P1200SBLRP Datasheet HTML 3Page - Littelfuse P1200SBLRP Datasheet HTML 4Page - Littelfuse  
Zoom Inzoom in Zoom Outzoom out
 1 / 4 page
background image
SIDACtor® ProtectionThyristors
134
Revised: February 22, 2011
© 2011 Littelfuse, Inc.
Specifications are subject to change without notice.
Please refer to www.littelfuse.com for current information.
LCAS Protection
Asymmetrical Discrete Series - DO-214
Electrical Characteristics
Agency Approvals
Agency
Agency File Number
E133083
Pinout Designation
Part Number
Marking
V
DRM
@l
DRM=5μA
V
S
@100V/μs
I
H
I
S
I
T
V
T
@I
T=2.2 A
Capacitance
@1MHz, 2V bias
V min
V max
mA min mA max
A max
V max
pF min
pF max
P1200SALRP
P12A
100
130
120
800
2.2
4
30
45
P2000SALRP
P20A
180
220
120
800
2.2
4
25
35
P2500SALRP
P25A
230
290
120
800
2.2
4
20
35
P1200SBLRP
P12B
100
130
120
800
2.2
4
30
65
P2000SBLRP
P20B
180
220
120
800
2.2
4
25
95
P2500SBLRP
P25B
230
290
120
800
2.2
4
35
95
P1200SCLRP
P12C
100
130
120
800
2.2
4
20
35
P2000SCLRP
P20C
180
220
120
800
2.2
4
20
35
P2500SCLRP
P25C
230
290
120
800
2.2
4
30
85
Schematic Symbol
Not Applicable
The Asymmetrical Discrete Series are SIDACtor® devices
designed to protect LCAS (Line Circuit Access Switch)
devices from damaging overvoltage transients.
The series provides a specialized asymmetrical
overvoltage protection solution that enables equipment to
comply with various global requlatory standards.
Description
Features and Benefits
Low voltage overshoot
Low on-state voltage
Does not degrade with
use
Fails short circuit when
surged in excess of
ratings
LCAS specific tip and
ring thresholds
Applicable Global Standards
TIA-968-A
TIA-968-B
ITU K.20/21 Enhanced
Level*
ITU K.20/21 Basic Level
GR 1089 Inter-building*
GR 1089 Intra-building
IEC 61000-4-5
YD/T 1082
YD/T 993
YD/T 950
*A/B-rated parts require series resistance
Notes:
- Absolute maximum ratings measured at T
A= 25ºC (unless otherwise noted).
- Devices are bi-directional.


Similar Part No. - P1200SBLRP

ManufacturerPart #DatasheetDescription
logo
Littelfuse
P1200SBL LITTELFUSE-P1200SBL Datasheet
843Kb / 52P
   gas plasma arresters-package dimensions/specifications
More results

Similar Description - P1200SBLRP

ManufacturerPart #DatasheetDescription
logo
Littelfuse
A1220UA4LXX LITTELFUSE-A1220UA4LXX Datasheet
145Kb / 4P
   The series provides a specialized asymmetrical dual port overvoltage protection
SDP0640Q38B LITTELFUSE-SDP0640Q38B Datasheet
139Kb / 5P
   This new SIDACtor짰 Series provides overvoltage protection
logo
STMicroelectronics
SSRP130B1 STMICROELECTRONICS-SSRP130B1 Datasheet
58Kb / 7P
   DUAL ASYMMETRICAL OVERVOLTAGE PROTECTION FOR TELECOM LINE
SSRP105B1 STMICROELECTRONICS-SSRP105B1 Datasheet
55Kb / 6P
   DUAL ASYMMETRICAL OVERVOLTAGE PROTECTION FOR TELECOM LINE
logo
Littelfuse
P1100GALRP LITTELFUSE-P1100GALRP Datasheet
110Kb / 3P
   The series provides a cost-effective through-hole solution that enables
P0302AAMCLXX LITTELFUSE-P0302AAMCLXX Datasheet
152Kb / 5P
   The series provides a robust single port solution that enables equipment
logo
ATMEL Corporation
AVR600 ATMEL-AVR600 Datasheet
240Kb / 19P
   The routing / socket card design provides a low cost solution
logo
Littelfuse
P0080SALRP LITTELFUSE-P0080SALRP Datasheet
140Kb / 5P
   The series provides a surface mount solution that enables equipment to comply
logo
National Semiconductor ...
LM21212-2 NSC-LM21212-2 Datasheet
1Mb / 10P
   Evaluation Board provides a solution to examine the high efficiency
LM21215 NSC-LM21215 Datasheet
1Mb / 10P
   Evaluation Board provides a solution to examine the high efficiency
More results


Html Pages

1 2 3 4


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.NET
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com