Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

A1225UC4LXX Datasheet(PDF) 1 Page - Littelfuse

Part # A1225UC4LXX
Description  The series provides a specialized asymmetrical dual port overvoltage protection
Download  4 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  LITTELFUSE [Littelfuse]
Direct Link  http://www.littelfuse.com
Logo LITTELFUSE - Littelfuse

A1225UC4LXX Datasheet(HTML) 1 Page - Littelfuse

  A1225UC4LXX Datasheet HTML 1Page - Littelfuse A1225UC4LXX Datasheet HTML 2Page - Littelfuse A1225UC4LXX Datasheet HTML 3Page - Littelfuse A1225UC4LXX Datasheet HTML 4Page - Littelfuse  
Zoom Inzoom in Zoom Outzoom out
 1 / 4 page
background image
SIDACtor® ProtectionThyristors
130
Revised: February 22, 2011
© 2011 Littelfuse, Inc.
Specifications are subject to change without notice.
Please refer to www.littelfuse.com for current information.
LCAS Protection
Asymmetrical Multiport Series - MS-013
Electrical Characteristics
Part
Number
Part Marking
V
DRM @IDRM
= 5μA
V
S
@100V/μs
V
DRM @IDRM
= 5μA
V
S
@100V/μs
V
T@IT = 2.2 Amps
I
S
mA
I
T
A
I
H
mA
VV
V
V
V
Pins 2-3, 5-6
Pins 1-2, 4-5
Pins 1-2, 2-3, 4-5, 5-6
A1220UA4Lxx
A1220UA4
100
130
180
220
4
800
2.2
120
A1225UA4Lxx
A1250UA4
100
130
230
290
4
800
2.2
120
A1220UC4Lxx
A1220UC4
100
130
180
220
4
800
2.2
120
A1225UC4Lxx
A1250UC4
100
130
230
290
4
800
2.2
120
1
(R1)
2
(G1)
3
(T1)
6 (T2)
4 (R2)
5 (G2)
Asymmetrical Multiport Series are SIDACtor® devices
designed to protect LCAS (Line Circuit Access Switch)
devices from damaging overvoltage transients.
The series provides a specialized asymmetrical dual port
overvoltage protection solution that enables equipment
to comply with various global requlatory standards.
Description
Features and Benefits
Low voltage overshoot
Low on-state voltage
Does not degrade with
use
Fails short circuit when
surged in excess of
ratings
Replaces four discrete
devices
Two-port protection
LCAS specific tip and
ring thresholds
Agency Approvals
Agency
Agency File Number
E133083
Schematic Symbol
Applicable Global Standards
TIA-968-A
TIA-968-B
ITU K.20/21 Enhanced
Level*
ITU K.20/21 Basic Level
GR 1089 Inter-building*
GR 1089 Intra-building
IEC 61000-4-5
YD/T 1082
YD/T 993
YD/T 950
*A-rated parts require series resistance
Pinout Designation
1
2
3
6
5
4
Notes:
- Absolute maximum ratings measured at T
A= 25ºC (unless otherwise noted).
- Devices are bi-directional.
- All electrical characteristics shown are defined from Tip to Ground (pin 1 to pin 2 and pin 6
to pin 5) and Ring to Ground (pin 3 to pin 2 and pin 4 to pin 5).
- XX = Part Number Suffix: ‘TP’ (Tube Pack) or ‘RP’ (Reel Pack).


Similar Part No. - A1225UC4LXX

ManufacturerPart #DatasheetDescription
logo
List of Unclassifed Man...
A1225 ETC1-A1225 Datasheet
100Kb / 3P
   Zero Voltage and Random Turn-On Switching
logo
Allegro MicroSystems
A1225 ALLEGRO-A1225 Datasheet
325Kb / 12P
   Hall Effect Latch for High Temperature Operation
logo
Crydom Inc.,
A1225 CRYDOM-A1225 Datasheet
1Mb / 20P
   THE GLOBAL EXPERT IN SOLID STATE RELAY TECHNOLOGY
A1225 CRYDOM-A1225 Datasheet
747Kb / 7P
   panel mount
logo
Allegro MicroSystems
A1225 ALLEGRO-A1225 Datasheet
684Kb / 8P
   Protected Quad Driver with Fault Detection and Sleep Mode
More results

Similar Description - A1225UC4LXX

ManufacturerPart #DatasheetDescription
logo
Littelfuse
P1200SALRP LITTELFUSE-P1200SALRP Datasheet
146Kb / 4P
   The series provides a specialized asymmetrical overvoltage protection solution
P0641UALXX LITTELFUSE-P0641UALXX Datasheet
150Kb / 5P
   The series provides a high surge current rated dual port protection
logo
STMicroelectronics
SSRP130B1 STMICROELECTRONICS-SSRP130B1 Datasheet
58Kb / 7P
   DUAL ASYMMETRICAL OVERVOLTAGE PROTECTION FOR TELECOM LINE
SSRP105B1 STMICROELECTRONICS-SSRP105B1 Datasheet
55Kb / 6P
   DUAL ASYMMETRICAL OVERVOLTAGE PROTECTION FOR TELECOM LINE
logo
Littelfuse
SDP0640Q38B LITTELFUSE-SDP0640Q38B Datasheet
139Kb / 5P
   This new SIDACtor짰 Series provides overvoltage protection
P0641DF-1 LITTELFUSE-P0641DF-1 Datasheet
176Kb / 4P
   The series provides single port protection using a fixed voltage switching device
P0641DF-1E LITTELFUSE-P0641DF-1E Datasheet
206Kb / 4P
   The series provides single port protection using a fixed Series are SIDACtor짰 devices
A2106UA6LXX LITTELFUSE-A2106UA6LXX Datasheet
156Kb / 5P
   The series provides a dual port surface mount solution that enables voice
P0641CA2LRP LITTELFUSE-P0641CA2LRP Datasheet
142Kb / 4P
   The series provides single port protection using fixed voltage switching devices
SDP0080Q38CB LITTELFUSE-SDP0080Q38CB_11 Datasheet
156Kb / 5P
   This new SDP Biased series provides overvoltage protection for applications
More results


Html Pages

1 2 3 4


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.NET
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com