Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

P2353AALXX Datasheet(PDF) 2 Page - Littelfuse

Part # P2353AALXX
Description  The series provides a single port through-hole solution that enables voice
Download  5 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  LITTELFUSE [Littelfuse]
Direct Link  http://www.littelfuse.com
Logo LITTELFUSE - Littelfuse

P2353AALXX Datasheet(HTML) 2 Page - Littelfuse

  P2353AALXX Datasheet HTML 1Page - Littelfuse P2353AALXX Datasheet HTML 2Page - Littelfuse P2353AALXX Datasheet HTML 3Page - Littelfuse P2353AALXX Datasheet HTML 4Page - Littelfuse P2353AALXX Datasheet HTML 5Page - Littelfuse  
Zoom Inzoom in Zoom Outzoom out
 2 / 5 page
background image
SIDACtor® ProtectionThyristors
172
Revised: February 22, 2011
© 2011 Littelfuse, Inc.
Specifications are subject to change without notice.
Please refer to www.littelfuse.com for current information.
Baseband Protection (Voice-DS1)
Part Number
Marking
V
DRM
@l
DRM=5μA
V
S
@100V/μs
V
DRM
@l
DRM=5μA
V
S
@100V/μs
I
H
I
S
I
T
V
T@IT=
2.2 Amps
Capacitance
V min
V max
V min
V max
mA
min
mA
max
A
max
V max
Pins 1-2, 3-2
Pins 1-3
P2353ABLxx
P2353AB
200
270
200
270
150
800
2.2
8
See
Capacitance
Values table
P2703ABLxx
P2703AB
230
300
230
300
150
800
2.2
8
P3203ABLxx
P3203AB
270
350
270
350
150
800
2.2
8
P3403ABLxx
P3403AB
300
400
300
400
150
800
2.2
8
P5103ABLxx
P5103AB
420
600
420
600
150
800
2.2
8
P1553ACLxx
P1553AC
130
180
130
180
150
800
2.2
8
P1803ACLxx
P1803AC
150
210
150
210
150
800
2.2
8
P2103ACLxx
P2103AC
170
250
170
250
150
800
2.2
8
P2353ACLxx
P2353AC
200
270
200
270
150
800
2.2
8
P2703ACLxx
P2703AC
230
300
230
300
150
800
2.2
8
P3203ACLxx
P3203AC
270
350
270
350
150
800
2.2
8
P3403ACLxx
P3403AC
300
400
300
400
150
800
2.2
8
P5103ACLxx
P5103AC
420
600
420
600
150
800
2.2
8
Capacitance Values
Surge Ratings
I
PP
I
TSM
50/60 Hz
di/dt
A
0.2x310 1
0.5x700 2
2x10 1
2x10 2
8x20 1
1.2x50 2
10x160 1
10x160 2
10x560 1
10x560 2
5x320 1
9x720 2
10x360 1
10x360 2
10x1000 1
10x1000 2
5x310 1
10x700 2
A min
A min
A min
A min
A min
A min
A min
A min
A min
A min
A/μs max
A
20
150
150
90
507575
45
7520
500
B
25
250
250
150
100
100
125
80
100
25
500
C
50
500
400
200
150
200
175
100
200
50
500
Part Number
pF
Pin 1-2 / 3-2
Tip-Ground, Ring-Ground
pF
Pin 1-3
Tip-Ring
MIN
MAX
MIN
MAX
P1553AALxx
10
45
10
30
P1803AALxx
20
40
10
30
P2103AALxx
15
35
10
25
P2353AALxx
15
35
10
25
P2703AALxx
15
35
10
25
P3203AALxx
15
30
10
20
P3403AALxx
15
30
10
20
P5103AALxx
10
60
10
40
P1553ABLxx
25
95
15
60
P1803ABLxx
25
85
15
55
P2103ABLxx
20
85
10
55
P2353ABLxx
20
75
15
50
Part Number
pF
Pin 1-2 / 3-2
Tip-Ground, Ring-Ground
pF
Pin 1-3
Tip-Ring
MIN
MAX
MIN
MAX
P2703ABLxx
20
75
10
50
P3203ABLxx
20
70
10
45
P3403ABLxx
15
65
10
45
P5103ABLxx
15
60
10
40
P1553ACLxx
30
95
20
60
P1803ACLxx
30
85
15
55
P2103ACLxx
30
85
15
55
P2353ACLxx
25
75
15
50
P2703ACLxx
25
75
15
50
P3203ACLxx
25
70
15
45
P3403ACLxx
20
65
15
45
P5103ACLxx
20
60
10
40
Note: Off-state capacitance (C
O) is measured at 1 MHz with a 2 V bias.
Notes:
- Absolute maximum ratings measured at T
A= 25ºC.
- Devices are bi-directional.
- XX Part Number Suffix: ‘RP’ (Reel Pack), Blank (Bulk Pack), or ‘60’ (Type 60 lead form, Bulk Pack)
Notes:
1 Current waveform in μs
2 Voltage waveform in μs
- Peak pulse current rating (I
PP) is repetitive and guaranteed for the life of the product.
- I
PP
- The device must initially be in thermal equilibrium with -40°C < T
J <


Similar Part No. - P2353AALXX

ManufacturerPart #DatasheetDescription
logo
Littelfuse
P2353AALxx LITTELFUSE-P2353AALxx Datasheet
144Kb / 5P
   Balanced overvoltage
More results

Similar Description - P2353AALXX

ManufacturerPart #DatasheetDescription
logo
Littelfuse
P1553UALXX LITTELFUSE-P1553UALXX Datasheet
157Kb / 5P
   The series provides a single port surface mount solution that enables voice
A2106UA6LXX LITTELFUSE-A2106UA6LXX Datasheet
156Kb / 5P
   The series provides a dual port surface mount solution that enables voice
P1100GALRP LITTELFUSE-P1100GALRP Datasheet
110Kb / 3P
   The series provides a cost-effective through-hole solution that enables
P0302AAMCLXX LITTELFUSE-P0302AAMCLXX Datasheet
152Kb / 5P
   The series provides a robust single port solution that enables equipment
P0080SALRP LITTELFUSE-P0080SALRP Datasheet
140Kb / 5P
   The series provides a surface mount solution that enables equipment to comply
logo
Molex Electronics Ltd.
987650-4381 MOLEX-987650-4381 Datasheet
830Kb / 3P
   The remarkably simple solution that provides easy interchangeability, upgradeability and replacement.
2012.05
logo
Littelfuse
P1200SALRP LITTELFUSE-P1200SALRP Datasheet
146Kb / 4P
   The series provides a specialized asymmetrical overvoltage protection solution
P0641DF-1 LITTELFUSE-P0641DF-1 Datasheet
176Kb / 4P
   The series provides single port protection using a fixed voltage switching device
logo
ATMEL Corporation
AVR600 ATMEL-AVR600 Datasheet
240Kb / 19P
   The routing / socket card design provides a low cost solution
logo
Littelfuse
P0641DF-1E LITTELFUSE-P0641DF-1E Datasheet
206Kb / 4P
   The series provides single port protection using a fixed Series are SIDACtor짰 devices
More results


Html Pages

1 2 3 4 5


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.NET
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com