Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

B1101UC4LXX Datasheet(PDF) 3 Page - Littelfuse

Part # B1101UC4LXX
Description  Dual port protection is provided by a programmable device that is referenced
Download  4 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  LITTELFUSE [Littelfuse]
Direct Link  http://www.littelfuse.com
Logo LITTELFUSE - Littelfuse

B1101UC4LXX Datasheet(HTML) 3 Page - Littelfuse

  B1101UC4LXX Datasheet HTML 1Page - Littelfuse B1101UC4LXX Datasheet HTML 2Page - Littelfuse B1101UC4LXX Datasheet HTML 3Page - Littelfuse B1101UC4LXX Datasheet HTML 4Page - Littelfuse  
Zoom Inzoom in Zoom Outzoom out
 3 / 4 page
background image
SIDACtor® ProtectionThyristors
128
Revised: February 22, 2011
© 2011 Littelfuse, Inc.
Specifications are subject to change without notice.
Please refer to www.littelfuse.com for current information.
SLIC Protection
Time
TP
TL
TS(max)
TS(min)
25
tP
tL
tS
time to peak temperature
(t 25ºC to peak)
Ramp-down
Ramp-up
Preheat
Critical Zone
TL to TP
Figure 1
Soldering Parameters
Physical Specifications
Environmental Specifications
Lead Material
Copper Alloy
Terminal Finish
100% Matte-Tin Plated
Body Material
UL recognized epoxy meeting flammability
classification 94V-0
High Temp Voltage
Blocking
80% Rated V
DRM (VDC Peak
504 or 1008 hrs. MIL-STD-750 (Method 1040)
JEDEC, JESD22-A-101
Temp Cycling
cycles. MIL-STD-750 (Method 1051) EIA/JEDEC,
JESD22-A104
Biased Temp &
Humidity
52 V
DC
JEDEC, JESD22-A-101
High Temp Storage
JEDEC, JESD22-A-101
Low Temp Storage
-65°C, 1008 hrs.
Thermal Shock
10 cycles. MIL-STD-750 (Method 1056) JEDEC,
JESD22-A-106
Autoclave (Pressure
Cooker Test)
JEDEC, JESD22-A-102
Resistance to Solder
Heat
Moisture Sensitivity
Level
Reflow Condition
Pb-Free assembly
(see Fig. 1)
Pre Heat
-Temperature Min (T
s(min))
-Temperature Max (T
s(max))
-Time (Min to Max) (t
s)
60-180 secs.
Average ramp up rate (LiquidusTemp (T
L)
to peak)
3°C/sec. Max.
T
S(max) to TL - Ramp-up Rate
3°C/sec. Max.
Reflow
-Temperature (T
L) (Liquidus)
-Temperature (t
L)
60-150 secs.
PeakTemp (T
P)
Time within 5°C of actual PeakTemp (t
p)
30 secs. Max.
Ramp-down Rate
6°C/sec. Max.
Time 25°C to PeakTemp (T
P)
8 min. Max.
Do not exceed
Part Numbering
Part Marking
XXXXXXXX
XXXXX
Part Marking Code
(Refer to Electrical CharacteristicsTable)
Date Code
B1xx 1 U C 4 L xx
TYPE
HOLDING CURRENT
PACKAGETYPE
IPP RATING
RoHS COMPLIANT
CONSTRUCTION VARIABLE
PACKING OPTIONS
RP: Reel Pack
TP:Tube Pack
B1: Negative Battrax SIDACtor
10: 100 mA
16: 160 mA
20: 200 mA
DUAL PORT


Similar Part No. - B1101UC4LXX

ManufacturerPart #DatasheetDescription
logo
Littelfuse
B1101UC4L LITTELFUSE-B1101UC4L Datasheet
165Kb / 2P
   Dual Port Negative SLIC Protector
More results

Similar Description - B1101UC4LXX

ManufacturerPart #DatasheetDescription
logo
List of Unclassifed Man...
CZ80PIO ETC1-CZ80PIO Datasheet
165Kb / 4P
   Hereinafter Referred to As PIO, is a Dual-Port Device
logo
STMicroelectronics
AN1528 STMICROELECTRONICS-AN1528 Datasheet
160Kb / 18P
   The testflash is a ST reserved flash area that contains device information
logo
Sangdest Microelectroni...
82CNQ030 SMC-82CNQ030 Datasheet
226Kb / 5P
   This is a Pb ??Free Device
logo
STMicroelectronics
AN2808 STMICROELECTRONICS-AN2808 Datasheet
2Mb / 40P
   The PM6670S device is a complete
logo
Sangdest Microelectroni...
401CNQ SMC-401CNQ Datasheet
201Kb / 4P
   This is a Pb ??Free Device
logo
STMicroelectronics
AN2934 STMICROELECTRONICS-AN2934 Datasheet
1Mb / 27P
   The new VIPer17 device is a converter that offers a PWM controller built in BCD6
logo
Seoul Semiconductor
ZC100-COOL SEOUL-ZC100-COOL Datasheet
501Kb / 5P
   All information in this presentation is provided
logo
Littelfuse
SPUSB1 LITTELFUSE-SPUSB1 Datasheet
97Kb / 3P
   The Littelfuse SPUSB1 Series is a multifunctional USB port protection
logo
Tiger Electronic Co.,Lt...
ULN2003ADR TGS-ULN2003ADR Datasheet
679Kb / 7P
   provided By ALLDATASHEET.COM
logo
Seoul Semiconductor
ZC60-WARM SEOUL-ZC60-WARM Datasheet
489Kb / 5P
   All information in this presentation is provided
More results


Html Pages

1 2 3 4


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.NET
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com