Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

P0721UALXX Datasheet(PDF) 1 Page - Littelfuse

Part # P0721UALXX
Description  The series provides a high surge current rated dual port protection
Download  5 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  LITTELFUSE [Littelfuse]
Direct Link  http://www.littelfuse.com
Logo LITTELFUSE - Littelfuse

P0721UALXX Datasheet(HTML) 1 Page - Littelfuse

  P0721UALXX Datasheet HTML 1Page - Littelfuse P0721UALXX Datasheet HTML 2Page - Littelfuse P0721UALXX Datasheet HTML 3Page - Littelfuse P0721UALXX Datasheet HTML 4Page - Littelfuse P0721UALXX Datasheet HTML 5Page - Littelfuse  
Zoom Inzoom in Zoom Outzoom out
 1 / 5 page
background image
SIDACtor® ProtectionThyristors
109
Revised: February 22, 2011
© 2011 Littelfuse, Inc.
Specifications are subject to change without notice.
Please refer to www.littelfuse.com for current information.
SLIC Protection
1
4
6
3
2
5
(T1)
(R1)
(G1)
(T2)
(R2)
(G2)
Fixed Voltage Multiport Series - MS-013
Electrical Characteristics
Fixed Voltage Multiport Series MS-013 are SIDACtor®
devices designed to protect sensitive SLIC (Subscriber
Line Interface Circuit) devices from damaging overvoltage
transients.
The series provides a high surge current rated dual port
protection solution incorporating a fixed voltage switching
threshold for negatives surges. All positive surges are
routed through an internal diode to a ground reference.
Description
Agency Approvals
Agency
Agency File Number
E133083
Schematic Symbol
Pinout Designation
Features and Benefits
Low voltage overshoot
Low on-state voltage
Does not degrade with
use
Fails short circuit when
surged in excess of
ratings
Two-port protection
Integrated diodes for
positive voltage surges
Replaces four discrete
devices
Part Number
Marking
V
DRM
@l
DRM=5μA
V
S
@100V/μs
I
H
I
S
I
T
V
T
@I
T=2.2 Amps
V
F
Capacitance
V min
V max
mA min mA max A max
V max
V max
P0641UALxx
P0641UA
58
77
120
800
2.2
4
5
See
Capacitance
Values Table
P0721UALxx
P0721UA
65
88
120
800
2.2
4
5
P0901UALxx
P0901UA
75
98
120
800
2.2
4
5
P1101UALxx
P1101UA
95
130
120
800
2.2
4
5
P1301UALxx
P1301UA
120
160
120
800
2.2
4
5
P1701UALxx
P1701UA
160
200
120
800
2.2
4
5
P0641UCLxx
P0641UC
58
77
120
800
2.2
4
5
P0721UCLxx
P0721UC
65
88
120
800
2.2
4
5
P0901UCLxx
P0901UC
75
98
120
800
2.2
4
5
P1101UCLxx
P1101UC
95
130
120
800
2.2
4
5
P1301UCLxx
P1301UC
120
160
120
800
2.2
4
5
P1701UCLxx
P1701UC
160
200
120
800
2.2
4
5
1
2
3
6
5
4
Applicable Global Standards
TIA-968-A
ITU K.20/21 Enhanced
Level*
ITU K.20/21 Basic Level
GR 1089 Inter-building*
GR 1089 Intra-building
IEC 61000-4-5
YD/T 1082
YD/T 993
YD/T 950
*A-rated parts require series resistance
Notes:
- Absolute maximum ratings measured at T
A= 25ºC (unless otherwise noted).
- Devices are uni-directional
- All electrical characteristics shown are defined from Tip (pins 1 & 6) to Ground (pins 2 & 5), and Ring (pins 3 & 4) to Ground (pins 2 & 5)
- XX = Part Number Suffix: ‘TP’ (Tube Pack) or ‘RP’ (Reel Pack).


Similar Part No. - P0721UALXX

ManufacturerPart #DatasheetDescription
logo
Littelfuse
P0721UAL LITTELFUSE-P0721UAL Datasheet
165Kb / 3P
   Multiport SLIC Protector
More results

Similar Description - P0721UALXX

ManufacturerPart #DatasheetDescription
logo
Littelfuse
A1220UA4LXX LITTELFUSE-A1220UA4LXX Datasheet
145Kb / 4P
   The series provides a specialized asymmetrical dual port overvoltage protection
P0641DF-1 LITTELFUSE-P0641DF-1 Datasheet
176Kb / 4P
   The series provides single port protection using a fixed voltage switching device
P0641DF-1E LITTELFUSE-P0641DF-1E Datasheet
206Kb / 4P
   The series provides single port protection using a fixed Series are SIDACtor짰 devices
P1200SALRP LITTELFUSE-P1200SALRP Datasheet
146Kb / 4P
   The series provides a specialized asymmetrical overvoltage protection solution
A2106UA6LXX LITTELFUSE-A2106UA6LXX Datasheet
156Kb / 5P
   The series provides a dual port surface mount solution that enables voice
P0641CA2LRP LITTELFUSE-P0641CA2LRP Datasheet
142Kb / 4P
   The series provides single port protection using fixed voltage switching devices
logo
Microsemi Corporation
JANTX1N647-1 MICROSEMI-JANTX1N647-1 Datasheet
185Kb / 3P
   High surge current and peak pulse power provides transient voltage protection for sensitive circuits
logo
Littelfuse
P0302AAMCLXX LITTELFUSE-P0302AAMCLXX Datasheet
152Kb / 5P
   The series provides a robust single port solution that enables equipment
logo
New Jersey Semi-Conduct...
1N6461 NJSEMI-1N6461 Datasheet
80Kb / 1P
   HIGH SURGE CAPACITY PROVIDES TRANSIENT PROTECTION FOR MOST CRITICAL CIRCUITS.
1N6103A NJSEMI-1N6103A Datasheet
89Kb / 1P
   HIGH SURGE CAPACITY PROVIDES TRANSIENT PROTECTION FOR MOST CRITICAL CIRCUITS
More results


Html Pages

1 2 3 4 5


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.NET
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com