Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

P1101SALRP Datasheet(PDF) 3 Page - Littelfuse

Part # P1101SALRP
Description  The series provides single line protection using a fixed voltage switching device
Download  4 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  LITTELFUSE [Littelfuse]
Direct Link  http://www.littelfuse.com
Logo LITTELFUSE - Littelfuse

P1101SALRP Datasheet(HTML) 3 Page - Littelfuse

  P1101SALRP Datasheet HTML 1Page - Littelfuse P1101SALRP Datasheet HTML 2Page - Littelfuse P1101SALRP Datasheet HTML 3Page - Littelfuse P1101SALRP Datasheet HTML 4Page - Littelfuse  
Zoom Inzoom in Zoom Outzoom out
 3 / 4 page
background image
SIDACtor® ProtectionThyristors
91
Revised: February 22, 2011
© 2011 Littelfuse, Inc.
Specifications are subject to change without notice.
Please refer to www.littelfuse.com for current information.
SLIC Protection
Part Marking
Part Numbering
Time
TP
TL
TS(max)
TS(min)
25
tP
tL
tS
time to peak temperature
(t 25ºC to peak)
Ramp-down
Ramp-up
Preheat
Critical Zone
TL to TP
Figure 1
Soldering Parameters
Physical Specifications
Environmental Specifications
Lead Material
Copper Alloy
Terminal Finish
100% Matte-Tin Plated
Body Material
UL recognized epoxy meeting flammability
classification 94V-0
XXXXX
Part number code
(refer to Electrical Characteristics table)
Date code
XXXXX
Cathode Indicator
CONSTRUCTION VARIABLE
P: SIDACtor
REEL PACK
I
PP RATING
L: RoHS COMPLIANT
DEVICE TYPE
P
X LRP
MEDIAN VOLTAGE
PACKAGE TYPE
xxx 1 S
High Temp Voltage
Blocking
80% Rated V
DRM (VAC Peak
504 or 1008 hrs. MIL-STD-750 (Method 1040)
JEDEC, JESD22-A-101
Temp Cycling
cycles. MIL-STD-750 (Method 1051) EIA/JEDEC,
JESD22-A104
Biased Temp &
Humidity
52 V
DC
JEDEC, JESD22-A-101
High Temp Storage
JEDEC, JESD22-A-101
Low Temp Storage
-65°C, 1008 hrs.
Thermal Shock
10 cycles. MIL-STD-750 (Method 1056) JEDEC,
JESD22-A-106
Autoclave (Pressure
Cooker Test)
JEDEC, JESD22-A-102
Resistance to Solder
Heat
Moisture Sensitivity
Level
Reflow Condition
Pb-Free assembly
(see Fig. 1)
Pre Heat
-Temperature Min (T
s(min))
-Temperature Max (T
s(max))
-Time (Min to Max) (t
s)
60-180 secs.
Average ramp up rate (LiquidusTemp (T
L)
to peak)
3°C/sec. Max.
T
S(max) to TL - Ramp-up Rate
3°C/sec. Max.
Reflow
-Temperature (T
L) (Liquidus)
-Temperature (t
L)
60-150 secs.
PeakTemp (T
P)
Time within 5°C of actual PeakTemp (t
p)
30 secs. Max.
Ramp-down Rate
6°C/sec. Max.
Time 25°C to PeakTemp (T
P)
8 min. Max.
Do not exceed


Similar Part No. - P1101SALRP

ManufacturerPart #DatasheetDescription
logo
Littelfuse
P1101SAL LITTELFUSE-P1101SAL Datasheet
148Kb / 3P
   Fixed Voltage SLIC Protector
P1101SAL LITTELFUSE-P1101SAL Datasheet
843Kb / 52P
   gas plasma arresters-package dimensions/specifications
More results

Similar Description - P1101SALRP

ManufacturerPart #DatasheetDescription
logo
Littelfuse
P0641Q22CLRP LITTELFUSE-P0641Q22CLRP Datasheet
133Kb / 4P
   The series provides single line protection using a fixed voltage switching device
P0641DF-1 LITTELFUSE-P0641DF-1 Datasheet
176Kb / 4P
   The series provides single port protection using a fixed voltage switching device
P0641CA2LRP LITTELFUSE-P0641CA2LRP Datasheet
142Kb / 4P
   The series provides single port protection using fixed voltage switching devices
P0641DF-1E LITTELFUSE-P0641DF-1E Datasheet
206Kb / 4P
   The series provides single port protection using a fixed Series are SIDACtor짰 devices
P1200SALRP LITTELFUSE-P1200SALRP Datasheet
146Kb / 4P
   The series provides a specialized asymmetrical overvoltage protection solution
A1220UA4LXX LITTELFUSE-A1220UA4LXX Datasheet
145Kb / 4P
   The series provides a specialized asymmetrical dual port overvoltage protection
P0641UALXX LITTELFUSE-P0641UALXX Datasheet
150Kb / 5P
   The series provides a high surge current rated dual port protection
logo
SynQor Worldwide Headqu...
BQ55090QEX60 SYNQOR-BQ55090QEX60 Datasheet
2Mb / 14P
   Fixed frequency switching provides predictable EMI
PQ60120SMX04 SYNQOR-PQ60120SMX04 Datasheet
1Mb / 15P
   Fixed frequency switching provides predictable EMI
logo
Littelfuse
P0302AAMCLXX LITTELFUSE-P0302AAMCLXX Datasheet
152Kb / 5P
   The series provides a robust single port solution that enables equipment
More results


Html Pages

1 2 3 4


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.NET
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com