Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

P1301UALXX Datasheet(PDF) 5 Page - Littelfuse

Part # P1301UALXX
Description  The series provides a high surge current rated dual port protection
Download  5 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  LITTELFUSE [Littelfuse]
Direct Link  http://www.littelfuse.com
Logo LITTELFUSE - Littelfuse

P1301UALXX Datasheet(HTML) 5 Page - Littelfuse

  P1301UALXX Datasheet HTML 1Page - Littelfuse P1301UALXX Datasheet HTML 2Page - Littelfuse P1301UALXX Datasheet HTML 3Page - Littelfuse P1301UALXX Datasheet HTML 4Page - Littelfuse P1301UALXX Datasheet HTML 5Page - Littelfuse  
Zoom Inzoom in Zoom Outzoom out
 5 / 5 page
background image
SIDACtor® ProtectionThyristors
113
Revised: February 22, 2011
© 2011 Littelfuse, Inc.
Specifications are subject to change without notice.
Please refer to www.littelfuse.com for current information.
SLIC Protection
Dimensions — MS-013
PackageType
Description
Quantity
Added Suffix
Industry Standard
U
Modified MS-013 6-pin
Tape and Reel Pack
1500
RP
EIA-481-D
Modified MS-013 6-pin
Tube Pack
500
(50 per tube)
TP
N/A
Packing Options
7º TYP
E
D
A
B
Mold Split
Line
A
7º TYP
7º TYP
Pad Outline
0.065
(1.65)
0.460
(11.68)
0.138
(3.50)
0.059
(1.50)
C
A
F
7º TYP
G
J
H
Dimension are in inches
(and millimeters).
Burr Side
MIN Length
of Flat
96º
Detail A
K
BSC*
Dimensions
Inches
Millimeters
Min
Max
Min
Max
A
0.360
0.364
9.14
9.25
B
0.352
0.356
8.94
9.04
C
0.400
0.412
10.16
10.46
D
0.043
0.045
1.09
1.13
E
0.047
0.055
1.19
1.40
F
0.293
0.297
7.44
7.54
G
0.289
0.293
7.34
7.44
H
0.089
0.093
2.26
2.36
J
0.041
0.049
1.04
1.24
K
0.020
0.51
BSC*
0.133
0.143
3.38
3.63
* BSC = Basic Spacing between Centers
Tape and Reel Specification — MS-013
Direction of Feed
0.700
(17.8)
.512 (13.0) Arbor
Hole Dia.
12.99
(330)
.630
(16.0)
Dimensions are in inches
(and millimeters)
.472
(12.0)
.157
(4.0)
Interior of the Tube
.045
(1.14)
.165
(4.19)
.150
(3.81)
90˚
.525
(13.34)
A
.225
(5.72)
Message Location
.310
(7.87)
.108
(2.74)
.005
20.000 ± .030
(508.00 ± 0.76)
.020 ± .005
(0.51 ± 0.13)
WALL TYP.
.110
(2.79)
A
6
Dimensions are in inches
(and millimeters)
Tube Pack Dimensions — MS-013


Similar Part No. - P1301UALXX

ManufacturerPart #DatasheetDescription
logo
Littelfuse
P1301UAL LITTELFUSE-P1301UAL Datasheet
165Kb / 3P
   Multiport SLIC Protector
More results

Similar Description - P1301UALXX

ManufacturerPart #DatasheetDescription
logo
Littelfuse
A1220UA4LXX LITTELFUSE-A1220UA4LXX Datasheet
145Kb / 4P
   The series provides a specialized asymmetrical dual port overvoltage protection
P0641DF-1 LITTELFUSE-P0641DF-1 Datasheet
176Kb / 4P
   The series provides single port protection using a fixed voltage switching device
P0641DF-1E LITTELFUSE-P0641DF-1E Datasheet
206Kb / 4P
   The series provides single port protection using a fixed Series are SIDACtor짰 devices
P1200SALRP LITTELFUSE-P1200SALRP Datasheet
146Kb / 4P
   The series provides a specialized asymmetrical overvoltage protection solution
A2106UA6LXX LITTELFUSE-A2106UA6LXX Datasheet
156Kb / 5P
   The series provides a dual port surface mount solution that enables voice
P0641CA2LRP LITTELFUSE-P0641CA2LRP Datasheet
142Kb / 4P
   The series provides single port protection using fixed voltage switching devices
logo
Microsemi Corporation
JANTX1N647-1 MICROSEMI-JANTX1N647-1 Datasheet
185Kb / 3P
   High surge current and peak pulse power provides transient voltage protection for sensitive circuits
logo
Littelfuse
P0302AAMCLXX LITTELFUSE-P0302AAMCLXX Datasheet
152Kb / 5P
   The series provides a robust single port solution that enables equipment
logo
New Jersey Semi-Conduct...
1N6461 NJSEMI-1N6461 Datasheet
80Kb / 1P
   HIGH SURGE CAPACITY PROVIDES TRANSIENT PROTECTION FOR MOST CRITICAL CIRCUITS.
1N6103A NJSEMI-1N6103A Datasheet
89Kb / 1P
   HIGH SURGE CAPACITY PROVIDES TRANSIENT PROTECTION FOR MOST CRITICAL CIRCUITS
More results


Html Pages

1 2 3 4 5


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.NET
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com