Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

P0721CA2LRP Datasheet(PDF) 1 Page - Littelfuse

Part # P0721CA2LRP
Description  The series provides single port protection using fixed voltage switching devices
Download  4 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  LITTELFUSE [Littelfuse]
Direct Link  http://www.littelfuse.com
Logo LITTELFUSE - Littelfuse

P0721CA2LRP Datasheet(HTML) 1 Page - Littelfuse

  P0721CA2LRP Datasheet HTML 1Page - Littelfuse P0721CA2LRP Datasheet HTML 2Page - Littelfuse P0721CA2LRP Datasheet HTML 3Page - Littelfuse P0721CA2LRP Datasheet HTML 4Page - Littelfuse  
Zoom Inzoom in Zoom Outzoom out
 1 / 4 page
background image
SIDACtor® ProtectionThyristors
93
Revised: February 22, 2011
© 2011 Littelfuse, Inc.
Specifications are subject to change without notice.
Please refer to www.littelfuse.com for current information.
SLIC Protection
Fixed Voltage TwinSLIC™ Series - Modified DO-214
Electrical Characteristics
Fixed Voltage Series Modified DO-214 are uni-
directional SIDACtor® devices designed to protect
SLICs (Subscriber Line Interface Circuit) from damaging
overvoltage transients.
The series provides single port protection using fixed
voltage switching devices for negative surges. All
positive surges are routed through internal diodes to a
ground reference.
Description
Features and Benefits
Low voltage overshoot
Low on-state voltage
Does not degrade with use
Fails short circuit when
surged in excess of ratings
Integrated diodes for
positive voltage surges
Single-port protection
Agency Approvals
Agency
Agency File Number
E133083
Schematic Symbol
Pinout Designation
Part Number
Marking
V
DRM
@l
DRM=5μA
V
S
@100V/μs
I
H
I
S
I
T
V
T
@I
T=2.2 Amps
V
F
Capacitance
V min
V max
mA min mA max A max
V max
V max
Pin 1-2, 3-2
P0641CA2LRP
P62A
58
77
120
800
2.2
4
5
See
Capacitance
Values table
P0721CA2LRP
P72A
65
88
120
800
2.2
4
5
P0901CA2LRP
P92A
75
98
120
800
2.2
4
5
P1101CA2LRP
P02A
95
130
120
800
2.2
4
5
P1301CA2LRP
P131A
120
160
120
800
2.2
4
5
P1701CA2LRP
P17A
160
200
120
800
2.2
4
5
Pin 3
Pin 1
Pin 2
Applicable Global Standards
TIA-968-A
TIA-968-B
ITU K.20/21 Enhanced
Level
ITU K.20/21 Basic Level
GR 1089 Inter-building*
GR 1089 Intra-building*
IEC 61000-4-5
YD/T 1082
YD/T 993
YD/T 950
* Series resistance required
Notes:
- Absolute maximum ratings measured at T
A= 25ºC (unless otherwise noted).
- Devices are uni-directional
1
3
2
(T)
(G)
(R)


Similar Part No. - P0721CA2LRP

ManufacturerPart #DatasheetDescription
logo
Littelfuse
P0721CA2L LITTELFUSE-P0721CA2L Datasheet
157Kb / 2P
   TwinSLIC??Protector
P0721CA2L LITTELFUSE-P0721CA2L Datasheet
148Kb / 2P
   TwinSLIC??Protector
P0721CA2L LITTELFUSE-P0721CA2L Datasheet
843Kb / 52P
   gas plasma arresters-package dimensions/specifications
More results

Similar Description - P0721CA2LRP

ManufacturerPart #DatasheetDescription
logo
Littelfuse
P0641DF-1 LITTELFUSE-P0641DF-1 Datasheet
176Kb / 4P
   The series provides single port protection using a fixed voltage switching device
P0641DF-1E LITTELFUSE-P0641DF-1E Datasheet
206Kb / 4P
   The series provides single port protection using a fixed Series are SIDACtor짰 devices
P0641Q22CLRP LITTELFUSE-P0641Q22CLRP Datasheet
133Kb / 4P
   The series provides single line protection using a fixed voltage switching device
P0641SALRP LITTELFUSE-P0641SALRP Datasheet
135Kb / 4P
   The series provides single line protection using a fixed voltage switching device
A1220UA4LXX LITTELFUSE-A1220UA4LXX Datasheet
145Kb / 4P
   The series provides a specialized asymmetrical dual port overvoltage protection
P0641UALXX LITTELFUSE-P0641UALXX Datasheet
150Kb / 5P
   The series provides a high surge current rated dual port protection
MS-012 LITTELFUSE-MS-012 Datasheet
206Kb / 4P
   Fixed Voltage Enhanced Single Port Series
logo
SynQor Worldwide Headqu...
BQ55090QEX60 SYNQOR-BQ55090QEX60 Datasheet
2Mb / 14P
   Fixed frequency switching provides predictable EMI
logo
Littelfuse
P0302AAMCLXX LITTELFUSE-P0302AAMCLXX Datasheet
152Kb / 5P
   The series provides a robust single port solution that enables equipment
logo
SynQor Worldwide Headqu...
PQ60120SMX04 SYNQOR-PQ60120SMX04 Datasheet
1Mb / 15P
   Fixed frequency switching provides predictable EMI
More results


Html Pages

1 2 3 4


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.NET
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com