Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

XR1011-BD Datasheet(PDF) 1 Page - Mimix Broadband

Part # XR1011-BD
Description  4.5-10.5 GHz GaAs MMIC
Download  5 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  MIMIX [Mimix Broadband]
Direct Link  http://www.mimixbroadband.com
Logo MIMIX - Mimix Broadband

XR1011-BD Datasheet(HTML) 1 Page - Mimix Broadband

  XR1011-BD Datasheet HTML 1Page - Mimix Broadband XR1011-BD Datasheet HTML 2Page - Mimix Broadband XR1011-BD Datasheet HTML 3Page - Mimix Broadband XR1011-BD Datasheet HTML 4Page - Mimix Broadband XR1011-BD Datasheet HTML 5Page - Mimix Broadband  
Zoom Inzoom in Zoom Outzoom out
 1 / 5 page
background image
4.5-10.5 GHz GaAs MMIC
Receiver
Integrated LNA, Mixer and LO Buffer Amp
1.6 dB Noise Figure
14.0 dB Conversion Gain
BCB Coated Die
100% RF, DC and NF Testing
100% Commercial-Level Visual Inspection Using
Mil-Std-883 Method 2010
Features
Absolute Maximum Ratings1
Supply Voltage (Vdd)
Supply Current (Idd)
Gate Voltage (Vgg)
Max Power Dissipation (Pdiss)
RF Input Power (Pin)
LO Input Power (Pin)
Operating Temperature (Ta)
Storage Temperature (Tstg)
Channel Temperature (Tch)
+4.3 VDC
180 mA
-3 V
750 mW
+14 dBm
+15 dBm
-55 to +85 ºC
-65 to +165 ºC
175 °C
Page 1 of 5
(1) Operation of this device above any one of these parameters
may cause permanent damage
(2) Channel temperature directly affects a device’s MTTF.
Channel temperature should be kept as low as possible to
maximize lifetime
Electrical Characteristics (AmbientTemperatureT = 25 oC)
Parameter
Frequency Range (RF/LO)
Frequency Range (IF)
Conversion Gain (CG)
Noise Figure (NF)
Input Third Order Intercept (IIP3)
Image Rejection
LO Input Drive
LO/RF Isolation
RF Input Return Loss
LO Input Return Loss
IF Input Return Loss
Drain Bias Voltage (Vd1,2,3)
Gate Bias Voltage (Vg1,2,3)3
Gate Bias Voltage (Vg4)4
Supply Current (Id1)
Supply Current (Id2)
Supply Current (Id3)
Supply Current (Ig4)
Units
GHz
GHz
dB
dB
dBm
dBc
dBm
dB
dB
dB
dB
VDC
VDC
VDC
mA
mA
mA
mA
Min.
4.5
DC
12.05
13.05
-1.2
Typ.
-
-
14.0
1.6
2.0
20.0
5.0
50.0
10.0
10.0
10.0
4.0
-0.3
-2.0
25.0
45.0
60.0
2.0
Max.
10.5
3.5
2.05
4.0
0.2
Mimix Broadband, Inc., 10795 Rockley Rd., Houston, Texas 77099
Tel: 281.988.4600 Fax: 281.988.4615 mimixbroadband.com
Characteristic Data and Specifications are subject to change without notice.
©2009 Mimix Broadband, Inc.
Export of this item may require appropriate export licensing from the U.S. Government. In purchasing these parts, U.S. Domestic customers accept
their obligation to be compliant with U.S. Export Laws.
R1011-BD
Mimix Broadband’s 4.5-10.5 GHz receiver has a noise figure of
1.6 dB and 14.0 dB conversion gain across the band. The device
integrates an LNA, image reject mixer and LO buffer amplifier
within a single, compact MMIC. The image reject mixer
eliminates the need for a bandpass filter after the LNA to
remove thermal noise at the image frequency. I and Q mixer
outputs are provided and an external 90 degree hybrid is
required to select the desired sideband. This device uses Mimix
Broadband’s GaAs PHEMT device model technology, and is
based upon electron beam lithography to ensure high
repeatability and uniformity. This device is well suited for
Point-to-Point Radio, LMDS, SATCOM and VSAT applications.
General Description
September 2009 - Rev 11-Sep-09
(3) Vg1,2 and 3 are adjusted to achieve constant drain current regulation.
(4) Vg4 provides mixer bias and is fixed at -2.0V.
(5) 100% RF tested at 6.5-8.5 GHz.


Similar Part No. - XR1011-BD

ManufacturerPart #DatasheetDescription
logo
Mimix Broadband
XR1011-BD MIMIX-XR1011-BD Datasheet
163Kb / 1P
   4.5-10.5 GHz GaAs MMIC Receiver
logo
M/A-COM Technology Solu...
XR1011-BD MA-COM-XR1011-BD Datasheet
370Kb / 5P
   4.5-10.5 GHz GaAs MMIC Receiver
XR1011-BD MA-COM-XR1011-BD_15 Datasheet
370Kb / 5P
   Receiver
More results

Similar Description - XR1011-BD

ManufacturerPart #DatasheetDescription
logo
M/A-COM Technology Solu...
XR1011-BD MA-COM-XR1011-BD Datasheet
370Kb / 5P
   4.5-10.5 GHz GaAs MMIC Receiver
logo
Mimix Broadband
XR1011-BD MIMIX-XR1011-BD Datasheet
163Kb / 1P
   4.5-10.5 GHz GaAs MMIC Receiver
XR1011-QH MIMIX-XR1011-QH_09 Datasheet
843Kb / 7P
   4.5-10.5 GHz GaAs Receiver
logo
M/A-COM Technology Solu...
XR1011-QH MA-COM-XR1011-QH Datasheet
843Kb / 7P
   4.5-10.5 GHz GaAs ReceiverQFN
logo
Mimix Broadband
XR1011-QH MIMIX-XR1011-QH Datasheet
433Kb / 7P
   4.5-10.5 GHz GaAs Receiver QFN, 4x4mm
logo
Hittite Microwave Corpo...
HMC218MS8 HITTITE-HMC218MS8 Datasheet
183Kb / 6P
   GaAs MMIC SMT DOUBLEBALANCED MIXER, 4.5 - 6 GHz
HMC223MS8 HITTITE-HMC223MS8_00 Datasheet
116Kb / 4P
   GaAs MMIC T/R SWITCH 4.5 - 6.0 GHz
HMC219MS8 HITTITE-HMC219MS8_10 Datasheet
181Kb / 6P
   GaAs MMIC SMT DOUBLEBALANCED MIXER, 4.5 - 9 GHz
HMC168C8 HITTITE-HMC168C8 Datasheet
117Kb / 3P
   GaAs MMIC SMT DOUBLEBALANCED MIXER, 4.5 - 8 GHz
HMC175MS8 HITTITE-HMC175MS8 Datasheet
196Kb / 6P
   GaAs MMIC SMT DOUBLEBALANCED MIXER, 1.7 - 4.5 GHz
More results


Html Pages

1 2 3 4 5


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.NET
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com