Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

XR1011-QH Datasheet(PDF) 3 Page - Mimix Broadband

Part # XR1011-QH
Description  4.5-10.5 GHz GaAs Receiver
Download  7 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  MIMIX [Mimix Broadband]
Direct Link  http://www.mimixbroadband.com
Logo MIMIX - Mimix Broadband

XR1011-QH Datasheet(HTML) 3 Page - Mimix Broadband

  XR1011-QH_09 Datasheet HTML 1Page - Mimix Broadband XR1011-QH_09 Datasheet HTML 2Page - Mimix Broadband XR1011-QH_09 Datasheet HTML 3Page - Mimix Broadband XR1011-QH_09 Datasheet HTML 4Page - Mimix Broadband XR1011-QH_09 Datasheet HTML 5Page - Mimix Broadband XR1011-QH_09 Datasheet HTML 6Page - Mimix Broadband XR1011-QH_09 Datasheet HTML 7Page - Mimix Broadband  
Zoom Inzoom in Zoom Outzoom out
 3 / 7 page
background image
Receiver Measurements (cont.)
Page 3 of 7
XR1011-QH : Conversion Gain (dB) vs IF (GHz) at LO=7.5 GHz
4V @ 130mA, PLO=5dBm
0
2
4
6
8
10
12
14
16
18
20
0.5
1.0
1.5
2.0
2.5
3.0
IF (GHz)
USB
LSB
XR1011-QH: LSB Conversion Gain (dB) vs. RF (GHz).
4 V @ 130 mA
0
2
4
6
8
10
12
14
16
18
20
5
5.5
6
6.5
7
7.5
8
8.5
9
9.5
10
RF (GHz) [IF = 1 GHz]
PLO = 3 dBm
PLO = 5 dBm
PLO = 7 dBm
XR1011-QH : Noise Figure (dB) vs IF (GHz) at LO=7.5 GHz
4V @ 130mA, PLO=5dBm
0.0
1.0
2.0
3.0
4.0
5.0
6.0
7.0
8.0
9.0
10.0
0.5
1.0
1.5
2.0
2.5
3.0
3.5
IF (GHz)
USB +25C
LSB +25C
XR1011-QH: USB Conversion Gain (dB) vs. RF (GHz).
4 V @ 130 mA
0
2
4
6
8
10
12
14
16
18
20
5
5.5
6
6.5
7
7.5
8
8.5
9
9.5
10
RF (GHz) [IF = 1 GHz]
PLO = 3 dBm
PLO = 5 dBm
PLO = 7 dBm
XR1011-QH: LSB IIP3 (dBm) vs. RF (GHz).
4 V @ 130 mA
-4
-2
0
2
4
6
8
10
12
14
16
5
5.5
6
6.5
7
7.5
8
8.5
9
9.5
10
RF (GHz) [IF = 1 GHz]
PLO = 3 dBm
PLO = 5 dBm
PLO = 7 dBm
Mimix Broadband, Inc., 10795 Rockley Rd., Houston,Texas 77099
Tel: 281.988.4600 Fax: 281.988.4615 mimixbroadband.com
Characteristic Data and Specifications are subject to change without notice. ©2009 Mimix Broadband, Inc.
Export of this item may require appropriate export licensing from the U.S. Government. In purchasing these parts, U.S. Domestic customers accept
their obligation to be compliant with U.S. Export Laws.
December 2009 - Rev 14-Dec-09
4.5-10.5 GHz GaAs Receiver
QFN, 4x4mm
R1011-QH
XR1011-QH: USB and LSB Image Rejection (dBc)
4V @ 130mA, PLO=5dBm
-40
-35
-30
-25
-20
-15
-10
-5
0
4
5
6
7
8
9
10
11
12
RF (GHz) [IF=1GHz]
LSB +25C
LSB -40C
LSB +80C
USB +25C
USB -40C
USB +80C


Similar Part No. - XR1011-QH_09

ManufacturerPart #DatasheetDescription
logo
Mimix Broadband
XR1011-QH-0G00 MIMIX-XR1011-QH-0G00 Datasheet
433Kb / 7P
   4.5-10.5 GHz GaAs Receiver QFN, 4x4mm
XR1011-QH-0G0T MIMIX-XR1011-QH-0G0T Datasheet
433Kb / 7P
   4.5-10.5 GHz GaAs Receiver QFN, 4x4mm
logo
M/A-COM Technology Solu...
XR1011-QH-0GP0 MA-COM-XR1011-QH-0GP0 Datasheet
871Kb / 8P
   Integrated LNA, Mixer and LO Buffer Amplifier
XR1011-QH-0GPT MA-COM-XR1011-QH-0GPT Datasheet
871Kb / 8P
   Integrated LNA, Mixer and LO Buffer Amplifier
More results

Similar Description - XR1011-QH_09

ManufacturerPart #DatasheetDescription
logo
M/A-COM Technology Solu...
XR1011-BD MA-COM-XR1011-BD Datasheet
370Kb / 5P
   4.5-10.5 GHz GaAs MMIC Receiver
logo
Mimix Broadband
XR1011-BD MIMIX-XR1011-BD Datasheet
163Kb / 1P
   4.5-10.5 GHz GaAs MMIC Receiver
XR1011-QH MIMIX-XR1011-QH Datasheet
433Kb / 7P
   4.5-10.5 GHz GaAs Receiver QFN, 4x4mm
XR1011-BD MIMIX-XR1011-BD_09 Datasheet
381Kb / 5P
   4.5-10.5 GHz GaAs MMIC
logo
M/A-COM Technology Solu...
XR1011-QH MA-COM-XR1011-QH Datasheet
843Kb / 7P
   4.5-10.5 GHz GaAs ReceiverQFN
logo
Qorvo, Inc
TGA3042-SM QORVO-TGA3042-SM Datasheet
796Kb / 18P
   7 ??10.5 GHz 4.5 W GaN Power Amplifier
logo
Mimix Broadband
XR1007-QD MIMIX-XR1007-QD_10 Datasheet
865Kb / 7P
   10.0-18.0 GHz GaAs Receiver
logo
M/A-COM Technology Solu...
XR1015-QH MA-COM-XR1015-QH Datasheet
465Kb / 9P
   10.0-16.0 GHz GaAs Receiver
logo
Mimix Broadband
XR1008-QB MIMIX-XR1008-QB_10 Datasheet
1Mb / 8P
   35.0-45.0 GHz GaAs Receiver
XR1019-QH MIMIX-XR1019-QH_11 Datasheet
897Kb / 7P
   27.5-33.4 GHz GaAs Receiver
More results


Html Pages

1 2 3 4 5 6 7


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.NET
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com