Electronic Components Datasheet Search |
|
FAN7382 Datasheet(PDF) 5 Page - Fairchild Semiconductor |
|
FAN7382 Datasheet(HTML) 5 Page - Fairchild Semiconductor |
5 / 15 page © 2005 Fairchild Semiconductor Corporation www.fairchildsemi.com FAN7382 Rev. 1.0.8 5 Electrical Characteristics VBIAS (VCC, VBS)=15.0V, TA = 25°C, unless otherwise specified. The VIN and IIN parameters are referenced to COM. The VO and IO parameters are referenced to VS and COM and are applicable to the respective outputs HO and LO. Dynamic Electrical Characteristics VBIAS (VCC, VBS)=15.0V, VS=COM, CL=1000pF and, TA = 25°C, unless otherwise specified. Note: 5. This parameter guaranteed by design. Symbol Characteristics Test Condition Min. Typ. Max. Unit VCCUV+ VBSUV+ VCC and VBS supply under-voltage positive going threshold 8.2 9.2 10.0 V VCCUV- VBSUV- VCC and VBS supply under-voltage negative going threshold 7.6 8.7 9.6 VCCUVH VBSUVH VCC supply under-voltage lockout hysteresis 0.6 ILK Offset supply leakage current VB=VS=600V 50 µA IQBS Quiescent VBS supply current VIN=0V or 5V 45 120 IQCC Quiescent VCC supply current VIN=0V or 5V 70 180 IPBS Operating VBS supply current fIN=20kHz,rms value 600 µA IPCC Operating VCC supply current fIN=20kHz,rms value 600 VIH Logic "1" input voltage 2.9 V VIL Logic "0" input voltage 0.8 VOH High-level output voltage, VBIAS-VO IO=20mA 1.0 VOL Low-level output voltage, VO 0.6 IIN+ Logic "1" input bias current VIN=5V 10 20 µA IIN- Logic "0" input bias current VIN=0V 1.0 2.0 IO+ Output high short-circuit pulsed current VO=0V, VIN=5V with PW<10µs 250 350 mA IO- Output low short-circuit pulsed current VO=15V, VIN=0V with PW<10µs 500 650 VS Allowable negative VS pin voltage for HIN signal propagation to HO -9.8 -7.0 V Symbol Characteristics Test Condition Min. Typ. Max. Unit ton Turn-on propagation delay VS=0V 100 170 300 ns toff Turn-off propagation delay VS=0V or 600V (5) 100 200 300 tr Turn-on rise time 20 60 140 tf Turn-off fall time 30 80 MT Delay matching, HS & LS turn-on/off 50 |
Similar Part No. - FAN7382_2 |
|
Similar Description - FAN7382_2 |
|
|
Link URL |
Privacy Policy |
ALLDATASHEET.NET |
Does ALLDATASHEET help your business so far? [ DONATE ] |
About Alldatasheet | Advertisement | Contact us | Privacy Policy | Link Exchange | Manufacturer List All Rights Reserved©Alldatasheet.com |
Russian : Alldatasheetru.com | Korean : Alldatasheet.co.kr | Spanish : Alldatasheet.es | French : Alldatasheet.fr | Italian : Alldatasheetit.com Portuguese : Alldatasheetpt.com | Polish : Alldatasheet.pl | Vietnamese : Alldatasheet.vn Indian : Alldatasheet.in | Mexican : Alldatasheet.com.mx | British : Alldatasheet.co.uk | New Zealand : Alldatasheet.co.nz |
Family Site : ic2ic.com |
icmetro.com |