Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

FAN7382N Datasheet(PDF) 9 Page - Fairchild Semiconductor

Part # FAN7382N
Description  High- and Low-Side Gate Driver
Download  15 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  FAIRCHILD [Fairchild Semiconductor]
Direct Link  http://www.fairchildsemi.com
Logo FAIRCHILD - Fairchild Semiconductor

FAN7382N Datasheet(HTML) 9 Page - Fairchild Semiconductor

Back Button FAN7382N Datasheet HTML 5Page - Fairchild Semiconductor FAN7382N Datasheet HTML 6Page - Fairchild Semiconductor FAN7382N Datasheet HTML 7Page - Fairchild Semiconductor FAN7382N Datasheet HTML 8Page - Fairchild Semiconductor FAN7382N Datasheet HTML 9Page - Fairchild Semiconductor FAN7382N Datasheet HTML 10Page - Fairchild Semiconductor FAN7382N Datasheet HTML 11Page - Fairchild Semiconductor FAN7382N Datasheet HTML 12Page - Fairchild Semiconductor FAN7382N Datasheet HTML 13Page - Fairchild Semiconductor Next Button
Zoom Inzoom in Zoom Outzoom out
 9 / 15 page
background image
© 2005 Fairchild Semiconductor Corporation
www.fairchildsemi.com
FAN7382 Rev. 1.0.8
9
Typical Characteristics (Continued)
Figure 22. High-Level Output Voltage vs.
Supply Voltage
Figure 23. High-Level Output Voltage vs. Temp.
Figure 24. Low-Level Output Voltage vs.
Supply Voltage
Figure 25. Low-Level Output Voltage vs. Temp.
Figure 26. Input Bias Current vs. Supply Voltage
Figure 27. Input Bias Current vs. Temp.
10
12
14
16
18
20
0.2
0.3
0.4
0.5
0.6
0.7
Supply Voltage [V]
High-Side
Low-Side
VCC=VBS
COM=0V
HIN=LIN=5V
IL=20mA
Ta=25°C
10
12
14
16
18
20
0.2
0.3
0.4
0.5
0.6
0.7
Supply Voltage [V]
High-Side
Low-Side
VCC=VBS
COM=0V
HIN=LIN=5V
IL=20mA
Ta=25°C
-40
-20
0
20
40
60
80
100
120
0.25
0.30
0.35
0.40
0.45
0.50
0.55
0.60
Temperature [°C]
High-Side
Low-Side
VCC=VBS=15V
COM=0V
HIN=LIN=5V
IL=20mA
-40
-20
0
20
40
60
80
100
120
0.25
0.30
0.35
0.40
0.45
0.50
0.55
0.60
Temperature [°C]
High-Side
Low-Side
VCC=VBS=15V
COM=0V
HIN=LIN=5V
IL=20mA
V
CC=VBS
COM=0V
HIN=LIN=5V
I
L=20mA
T
A=25°C
V
CC=VBS=15V
COM=0V
HIN=LIN=5V
I
L=20mA
10
12
14
16
18
20
0.12
0.13
0.14
0.15
0.16
0.17
0.18
Supply Voltage [V]
High-Side
Low-Side
VCC=VBS
COM=0V
HIN=LIN=0V
IL=20mA
Ta=25°C
10
12
14
16
18
20
0.12
0.13
0.14
0.15
0.16
0.17
0.18
Supply Voltage [V]
High-Side
Low-Side
VCC=VBS
COM=0V
HIN=LIN=0V
IL=20mA
Ta=25°C
-40
-20
0
20
40
60
80
100
120
0.10
0.12
0.14
0.16
0.18
0.20
0.22
Temperature [°C]
High-Side
Low-Side
VCC=VBS=15V
COM=0V
HIN=LIN=0V
IL=20mA
-40
-20
0
20
40
60
80
100
120
0.10
0.12
0.14
0.16
0.18
0.20
0.22
Temperature [°C]
High-Side
Low-Side
VCC=VBS=15V
COM=0V
HIN=LIN=0V
IL=20mA
V
CC=VBS
COM=0V
HIN=LIN=0V
I
L=20mA
T
A=25°C
V
CC=VBS=15V
COM=0V
HIN=LIN=0V
I
L=20mA
0
5
10
15
20
0
5
10
15
20
25
30
35
40
Supply Voltage [V]
IN+
IN-
VCC=VBS
COM=0V
IN=VCC or IN=0V
Ta=25°C
0
5
10
15
20
0
5
10
15
20
25
30
35
40
Supply Voltage [V]
IN+
IN-
VCC=VBS
COM=0V
IN=VCC or IN=0V
Ta=25°C
-40
-20
0
20406080
100
120
4
6
8
10
12
14
16
Tem perature [°C]
HIN
LIN
HIN=LIN=5V
-40
-20
0
20406080
100
120
4
6
8
10
12
14
16
Tem perature [°C]
HIN
LIN
HIN=LIN=5V
V
CC=VBS
COM=0V
IN=V
CC or IN=0V
T
A=25°C


Similar Part No. - FAN7382N

ManufacturerPart #DatasheetDescription
logo
Fairchild Semiconductor
FAN7382N FAIRCHILD-FAN7382N Datasheet
402Kb / 15P
   Half-Bridge Gate Driver
FAN7382N FAIRCHILD-FAN7382N Datasheet
376Kb / 15P
   High- and Low-Side Gate Driver
logo
ON Semiconductor
FAN7382N ONSEMI-FAN7382N Datasheet
377Kb / 16P
   High- and Low-Side Gate Driver
Rev. 1.0.8
More results

Similar Description - FAN7382N

ManufacturerPart #DatasheetDescription
logo
Diodes Incorporated
DGD2012 DIODES-DGD2012 Datasheet
497Kb / 11P
   HIGH-SIDE AND LOW-SIDE GATE DRIVER
DGD2106M DIODES-DGD2106M Datasheet
660Kb / 11P
   HIGH-SIDE AND LOW-SIDE GATE DRIVER
DGD21814M DIODES-DGD21814M Datasheet
577Kb / 11P
   HIGH-SIDE AND LOW-SIDE GATE DRIVER
DGD2181M DIODES-DGD2181M Datasheet
576Kb / 11P
   HIGH-SIDE AND LOW-SIDE GATE DRIVER
DGD2005 DIODES-DGD2005 Datasheet
513Kb / 11P
   HIGH-SIDE AND LOW-SIDE GATE DRIVER
DGD2101M DIODES-DGD2101M Datasheet
1Mb / 11P
   HIGH-SIDE AND LOW-SIDE GATE DRIVER
DGD21064M DIODES-DGD21064M Datasheet
617Kb / 11P
   HIGH-SIDE AND LOW-SIDE GATE DRIVER
logo
Infineon Technologies A...
AUIRS2012S INFINEON-AUIRS2012S Datasheet
464Kb / 11P
   High and low side gate driver
February 25, 2015
logo
Fairchild Semiconductor
FAN7842 FAIRCHILD-FAN7842_07 Datasheet
364Kb / 13P
   High and Low Side Gate Driver
logo
ON Semiconductor
FAN7382 ONSEMI-FAN7382 Datasheet
377Kb / 16P
   High- and Low-Side Gate Driver
Rev. 1.0.8
logo
International Rectifier
AUIRS2012S IRF-AUIRS2012S_15 Datasheet
464Kb / 11P
   High and low side gate driver
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.NET
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com