Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

FAN7393_0912 Datasheet(PDF) 5 Page - Fairchild Semiconductor

Part # FAN7393_0912
Description  Half-Bridge Gate Drive IC
Download  18 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  FAIRCHILD [Fairchild Semiconductor]
Direct Link  http://www.fairchildsemi.com
Logo FAIRCHILD - Fairchild Semiconductor

FAN7393_0912 Datasheet(HTML) 5 Page - Fairchild Semiconductor

  FAN7393_0912 Datasheet HTML 1Page - Fairchild Semiconductor FAN7393_0912 Datasheet HTML 2Page - Fairchild Semiconductor FAN7393_0912 Datasheet HTML 3Page - Fairchild Semiconductor FAN7393_0912 Datasheet HTML 4Page - Fairchild Semiconductor FAN7393_0912 Datasheet HTML 5Page - Fairchild Semiconductor FAN7393_0912 Datasheet HTML 6Page - Fairchild Semiconductor FAN7393_0912 Datasheet HTML 7Page - Fairchild Semiconductor FAN7393_0912 Datasheet HTML 8Page - Fairchild Semiconductor FAN7393_0912 Datasheet HTML 9Page - Fairchild Semiconductor Next Button
Zoom Inzoom in Zoom Outzoom out
 5 / 18 page
background image
© 2009 Fairchild Semiconductor Corporation
www.fairchildsemi.com
FAN7393 • Rev. 1.0.0
5
Electrical Characteristics
VBIAS(VDD, VBS)=15.0V, VSS=COM=0V, DT=VSS and TA = 25°C, unless otherwise specified. The VIN and IIN
parameters are referenced to VSS/COM and are applicable to the respective input leads: IN and SD. The VO and IO
parameters are referenced to COM and are applicable to the respective output leads: HO and LO.
Note:
5
These parameters guaranteed by design.
Symbol
Characteristics
Test Condition
Min. Typ. Max. Unit
POWER SUPPLY SECTION
IQDD
Quiescent VDD Supply Current
VIN=0V or 5V
0.9
1.5
mA
IQBS
Quiescent VBS Supply Current
VIN=0V or 5V
50
100
μA
IPDD
Operating VDD Supply Current
fIN=20KHz, No Load
1.3
1.9
mA
IPBS
Operating VBS Supply Current
CL=1nF, fIN=20KHz, rms
450
800
μA
ISD
Shutdown Mode Supply Current
SD=VSS
0.95
1.5
mA
ILK
Offset Supply Leakage Current
VB=VS=600V
10
μA
BOOTSTRAPPED SUPPLY SECTION
VDDUV+
VBSUV+
VDD and VBS Supply Under-Voltage
Positive-Going Threshold Voltage
VIN=0V, VDD=VBS=Sweep
8.0
9.0
10
V
VDDUV-
VBSUV-
VDD and VBS Supply Under-Voltage
Negative-Going Threshold Voltage
VIN=0V, VDD=VBS=Sweep
7.4
8.4
9.4
V
VDDUVH-
VBSUVH
VDD and VBS Supply Under-Voltage Lockout
Hysteresis Voltage
VIN=0V, VDD=VBS=Sweep
0.6
V
INPUT LOGIC SECTION
VIH
Logic “1” Input Voltage for HO & Logic “0” for LO
2.5
V
VIL
Logic “0” Input Voltage for HO & Logic “1” for LO
0.8
V
IIN+
Logic Input High Bias Current
VIN=5V, SD=0V
20
50
μA
IIN-
Logic Input Low Bias Current
VIN=0V, SD=5V
3
μA
RIN
Logic Input Pull-Down Resistance
100
250
K
Ω
VSDCLAMP Shutdown (SD) Input Clamping Voltage
5.0
5.5
V
SD+
Shutdown (SD) Input Positive-Going Threshold
2.5
V
SD-
Shutdown (SD) input Negative-Going Threshold
0.8
V
RPSD
Shutdown (SD) Input Pull-Up Resistance
100
250
K
Ω
GATE DRIVER OUTPUT SECTION
VOH
High-Level Output Voltage (VBIAS - VO)
No Load
1.5
V
VOL
Low-Level Output Voltage
No Load
100
mV
IO+
Output High, Short-Circuit Pulsed Current(5)
VHO=0V, VIN=5V, PW
≤10µs
2.0
2.5
A
IO-
Output Low, Short-Circuit Pulsed Current(5)
VHO=15V,VIN=0V, PW
≤10µs
2.0
2.5
A
VS
Allowable Negative VS Pin Voltage for IN Signal
Propagation to HO
-9.8
-7.0
V


Similar Part No. - FAN7393_0912

ManufacturerPart #DatasheetDescription
logo
Fairchild Semiconductor
FAN73932 FAIRCHILD-FAN73932 Datasheet
1Mb / 14P
   Half-Bridge Gate Drive IC
logo
ON Semiconductor
FAN73932 ONSEMI-FAN73932 Datasheet
1Mb / 16P
   Half-Bridge Gate Drive IC
February 2010 Rev. 1.0.1
logo
Fairchild Semiconductor
FAN73932M FAIRCHILD-FAN73932M Datasheet
1Mb / 14P
   Half-Bridge Gate Drive IC
logo
ON Semiconductor
FAN73932M ONSEMI-FAN73932M Datasheet
1Mb / 16P
   Half-Bridge Gate Drive IC
February 2010 Rev. 1.0.1
logo
Fairchild Semiconductor
FAN73932MX FAIRCHILD-FAN73932MX Datasheet
1Mb / 14P
   Half-Bridge Gate Drive IC
More results

Similar Description - FAN7393_0912

ManufacturerPart #DatasheetDescription
logo
Fairchild Semiconductor
FAN7384 FAIRCHILD-FAN7384 Datasheet
1Mb / 17P
   Half-Bridge Gate-Drive IC
FAN7384 FAIRCHILD-FAN7384_09 Datasheet
1Mb / 17P
   Half-Bridge Gate-Drive IC
FAN73933 FAIRCHILD-FAN73933 Datasheet
1Mb / 17P
   Half-Bridge Gate Drive IC
FAN73932 FAIRCHILD-FAN73932 Datasheet
1Mb / 14P
   Half-Bridge Gate Drive IC
logo
ON Semiconductor
FAN7383 ONSEMI-FAN7383 Datasheet
1Mb / 18P
   Half-Bridge Gate-Drive IC
February 2007 Rev. 1.0.3
FAN7393A ONSEMI-FAN7393A Datasheet
2Mb / 17P
   Half-Bridge Gate Drive IC
July 2012 Rev. 1.0.1
FAN73832 ONSEMI-FAN73832 Datasheet
1Mb / 18P
   Half-Bridge Gate-Drive IC
February 2007 Rev. 1.0.2
logo
Fairchild Semiconductor
FAN73833 FAIRCHILD-FAN73833 Datasheet
1Mb / 12P
   Half-Bridge Gate-Drive IC
logo
ON Semiconductor
FAN73833 ONSEMI-FAN73833 Datasheet
1Mb / 15P
   Half-Bridge Gate-Drive IC
October 2012 Rev. 1.0.2
FAN73933 ONSEMI-FAN73933 Datasheet
2Mb / 19P
   Half-Bridge Gate Drive IC
Rev. 1.0.0
logo
Fairchild Semiconductor
FAN7393A FAIRCHILD-FAN7393A_12 Datasheet
690Kb / 16P
   Half-Bridge Gate Drive IC
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.NET
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com