Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

FAN7554 Datasheet(PDF) 4 Page - Fairchild Semiconductor

Part # FAN7554
Description  Versatile PWM Controller
Download  22 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  FAIRCHILD [Fairchild Semiconductor]
Direct Link  http://www.fairchildsemi.com
Logo FAIRCHILD - Fairchild Semiconductor

FAN7554 Datasheet(HTML) 4 Page - Fairchild Semiconductor

  FAN7554 Datasheet HTML 1Page - Fairchild Semiconductor FAN7554 Datasheet HTML 2Page - Fairchild Semiconductor FAN7554 Datasheet HTML 3Page - Fairchild Semiconductor FAN7554 Datasheet HTML 4Page - Fairchild Semiconductor FAN7554 Datasheet HTML 5Page - Fairchild Semiconductor FAN7554 Datasheet HTML 6Page - Fairchild Semiconductor FAN7554 Datasheet HTML 7Page - Fairchild Semiconductor FAN7554 Datasheet HTML 8Page - Fairchild Semiconductor FAN7554 Datasheet HTML 9Page - Fairchild Semiconductor Next Button
Zoom Inzoom in Zoom Outzoom out
 4 / 22 page
background image
FAN7554
4
Electrical Characteristics
(Ta = 25
°C, Vcc=16V, Rt=10kΩ, Ct=3.3nF unless otherwise specified)
Parameter
Symbol
Conditions
Min.
Typ.
Max.
Unit
< REFERENCE SECTION >
Reference output voltage
VREF
Tj =25
°C , Iref =1mA
4.90
5.00
5.10
V
Line regulation
∆VREF1
Vcc =12V ~ 25V
-
6
20
mV
Load regulation
∆VREF2
Iref =1mA ~ 20mA
-
6
25
mV
Short circuit output current
ISC
Tj = 25
°C-
0.1
0.18
A
< OSCILLATOR SECTION >
Oscillation frequency
FOSC
Tj = 25
°C
455055
kHz
Frequency change with Vcc
∆FOSC1
Vcc = 12V ~ 25V
-
0.05
1.0
%
Ramp high voltage
VRH
--
2.8
-
V
Ramp low voltage
VRL
--
1.2
-
V
Discharge current
Idisch
VRT/CT = 3.3V
6.1
-
9.4
mA
< PWM SECTION >
Sense threshold voltage
VTH(IS)
VFB = 5V
0.8
1.0
1.2
V
Feedback threshold voltage
VTH(FB)
VIS = 0V
0.2
0.3
0.4
V
Feedback source current
IFB
VFB = 0V, VS/S = 5V
-
1.0
-
mA
Max. duty cycle
D(MAX)
-
929598
%
Min. duty cycle
D(MIN)
--
-
0
%
< PROTECTION SECTION >
Shutdown delay current
ISD
4V
≤ VFB ≤ VSD
3.5
5
6.5
uA
Shutdown feedback voltage
VSD
VFB > 5V
5.4
6
6.6
V
Over current protection
VOC
VIS > 1.5V, ton > 500nS
1.622.4
V
Over voltage protection
VOVP
-
303438
V
< ON/OFF CONTROL SECTION >
Off mode sink current
ISINK
VFB < VTH(FB), VS/S = 5V
-
4
-
mA
Off threshold voltage
VOFF
VFB < VTH(FB)
1.2
1.5
1.8
V
< SOFT-START SECTION >
Soft start current
IS/S
VFB = 5V, VS/S = 0V
-
1.1
-
mA
Soft start limit voltage
VLIM(S/S)
Vcc = 16V
-
5.2
-
V
<OUTPUT SECTION>
Low output voltage1
VOL1
VCC = 18V, IO = 50mA
-
0.15
0.4
V
High output voltage1
VOH1
VCC = 18V, IO = -50mA
131517
V
Low output voltage2
VOL2
VCC = 18V, IO = 200mA
-
1.5
2.5
V
High output voltage2
VOH2
Vcc = 18V, Io = -200mA
12
14
16
V
Rising time (Note1)
tR
Tj = 25
°C, CL = 1nF
-
80
-
ns
Falling time (Note1)
tF
Tj = 25
°C, CL = 1nF
-
40
-
ns
<UVLO SECTION>
Start threshold voltage
VTH(ST)
-
13.2
15
16.2
V
Min. operating voltage
VOPR(M)
-
8.2
9
10.2
V


Similar Part No. - FAN7554

ManufacturerPart #DatasheetDescription
logo
Fairchild Semiconductor
FAN7554 FAIRCHILD-FAN7554 Datasheet
1,006Kb / 22P
   Versatile PWM Controller
logo
ON Semiconductor
FAN7554 ONSEMI-FAN7554 Datasheet
1Mb / 21P
   Versatile PWM Controller
Rev. 4.1
More results

Similar Description - FAN7554

ManufacturerPart #DatasheetDescription
logo
Fairchild Semiconductor
FAN7554 FAIRCHILD-FAN7554 Datasheet
1,006Kb / 22P
   Versatile PWM Controller
logo
ON Semiconductor
FAN7554 ONSEMI-FAN7554 Datasheet
1Mb / 21P
   Versatile PWM Controller
Rev. 4.1
logo
BCD Semiconductor Manuf...
AP3103 BCDSEMI-AP3103 Datasheet
797Kb / 14P
   VERSATILE COST EFFECTIVE GREEN PWM CONTROLLER
logo
List of Unclassifed Man...
DMC1500 ETC-DMC1500 Datasheet
1Mb / 67P
   versatile digital motor controller
logo
Analog Devices
ADP1050 AD-ADP1050 Datasheet
1Mb / 93P
   Versatile digital voltage mode controller
logo
Taiwan Semiconductor Co...
TS2581 TSC-TS2581 Datasheet
139Kb / 7P
   PWM Controller
logo
SANYO DENKI CO., LTD.
9PC8666X-S001 SANYODENKI-9PC8666X-S001 Datasheet
371Kb / 4P
   PWM Controller
logo
ON Semiconductor
FAN6756 ONSEMI-FAN6756 Datasheet
1Mb / 21P
   PWM Controller
Rev. 2.0.0
logo
TOKO, Inc
TK75001 TOKO-TK75001 Datasheet
102Kb / 13P
   PWM CONTROLLER
TK75003 TOKO-TK75003 Datasheet
108Kb / 14P
   PWM CONTROLLER
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.NET
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com