Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

XU1019-QH_1003 Datasheet(PDF) 9 Page - Mimix Broadband

Part # XU1019-QH_1003
Description  37.0-40.0 GHz Up-Converter
Download  10 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  MIMIX [Mimix Broadband]
Direct Link  http://www.mimixbroadband.com
Logo MIMIX - Mimix Broadband

XU1019-QH_1003 Datasheet(HTML) 9 Page - Mimix Broadband

Back Button XU1019-QH_1003 Datasheet HTML 2Page - Mimix Broadband XU1019-QH_1003 Datasheet HTML 3Page - Mimix Broadband XU1019-QH_1003 Datasheet HTML 4Page - Mimix Broadband XU1019-QH_1003 Datasheet HTML 5Page - Mimix Broadband XU1019-QH_1003 Datasheet HTML 6Page - Mimix Broadband XU1019-QH_1003 Datasheet HTML 7Page - Mimix Broadband XU1019-QH_1003 Datasheet HTML 8Page - Mimix Broadband XU1019-QH_1003 Datasheet HTML 9Page - Mimix Broadband XU1019-QH_1003 Datasheet HTML 10Page - Mimix Broadband  
Zoom Inzoom in Zoom Outzoom out
 9 / 10 page
background image
U1019-QH
Page 9 of 10
MTTF Graphs
These numbers were calculated based on accelerated life test information and thermal model analysis received from the fabricating
foundry.
XU1019-QH : MTTF hours vs. Package Base Temperature
Vd1,2,3=4V,Id1=120mA,Id2=120mA,Id3=150mA,Vg3=-3V
1.0E+05
1.0E+06
1.0E+07
1.0E+08
1.0E+09
1.0E+10
1.0E+11
1.0E+12
1.0E+13
1.0E+14
20
30
40
50
60
70
80
90
100
110
120
Backside Temp (ºC)
XU1019-QH : Tch (max) vs. Package Base Temperature
Vd1,2,3=4V,Id1=120mA,Id2=120mA,Id3=150mA,Vg3=-3V
60
80
100
120
140
160
180
200
220
20
30
40
50
60
70
80
90
100
110
120
Backside Temp (ºC)
37.0-40.0 GHz Up-Converter
QFN, 4x4mm
Mimix Broadband, Inc., 10795 Rockley Rd., Houston,Texas 77099
Tel: 281.988.4600 Fax: 281.988.4615 mimixbroadband.com
Characteristic Data and Specifications are subject to change without notice. ©2010 Mimix Broadband, Inc.
Export of this item may require appropriate export licensing from the U.S. Government. In purchasing these parts, U.S. Domestic customers accept
their obligation to be compliant with U.S. Export Laws.
March 2010 - Rev 25-Mar-10


Similar Part No. - XU1019-QH_1003

ManufacturerPart #DatasheetDescription
logo
M/A-COM Technology Solu...
XU1019-QH MA-COM-XU1019-QH_15 Datasheet
1Mb / 10P
   Up-Converter
More results

Similar Description - XU1019-QH_1003

ManufacturerPart #DatasheetDescription
logo
Mimix Broadband
XU1019-QH MIMIX-XU1019-QH Datasheet
1Mb / 10P
   37.0-40.0 GHz Up-Converter QFN, 4x4mm
logo
M/A-COM Technology Solu...
XU1019-QH MA-COM-XU1019-QH Datasheet
1Mb / 10P
   37.0-40.0 GHz Up-ConverterQFN
logo
Mimix Broadband
B1014-QT MIMIX-B1014-QT_11 Datasheet
716Kb / 6P
   37.0-40.0 GHz GaAs MMIC
logo
M/A-COM Technology Solu...
XR1008-QB MA-COM-XR1008-QB Datasheet
972Kb / 7P
   37.0-40.0 GHz GaAs Receiver
logo
Mimix Broadband
XP1031-QK MIMIX-XP1031-QK_09 Datasheet
224Kb / 6P
   37.0-40.0 GHz GaAs Power Amplifier
XP1080-QU MIMIX-XP1080-QU_11 Datasheet
966Kb / 6P
   37.0-40.0 GHz GaAs Power Amplifier
XP1012 MIMIX-XP1012 Datasheet
158Kb / 6P
   37.0-40.0 GHz GaAs MMIC Power Amplifier
XB1014-QT MIMIX-XB1014-QT Datasheet
672Kb / 6P
   37.0-40.0 GHz GaAs MMIC Buffer Amplifier, QFN
XP1080-QU MIMIX-XP1080-QU Datasheet
955Kb / 6P
   37.0-40.0 GHz GaAs Power Amplifier QFN, 7x7mm
logo
M/A-COM Technology Solu...
XP1018-BD MA-COM-XP1018-BD Datasheet
353Kb / 8P
   37.0-42.0 GHz GaAs MMIC
More results


Html Pages

1 2 3 4 5 6 7 8 9 10


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.NET
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com