Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

FAN7621SSJX Datasheet(PDF) 2 Page - Fairchild Semiconductor

Part # FAN7621SSJX
Description  PFM Controller for Half-Bridge Resonant Converters
Download  13 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  FAIRCHILD [Fairchild Semiconductor]
Direct Link  http://www.fairchildsemi.com
Logo FAIRCHILD - Fairchild Semiconductor

FAN7621SSJX Datasheet(HTML) 2 Page - Fairchild Semiconductor

  FAN7621SSJX Datasheet HTML 1Page - Fairchild Semiconductor FAN7621SSJX Datasheet HTML 2Page - Fairchild Semiconductor FAN7621SSJX Datasheet HTML 3Page - Fairchild Semiconductor FAN7621SSJX Datasheet HTML 4Page - Fairchild Semiconductor FAN7621SSJX Datasheet HTML 5Page - Fairchild Semiconductor FAN7621SSJX Datasheet HTML 6Page - Fairchild Semiconductor FAN7621SSJX Datasheet HTML 7Page - Fairchild Semiconductor FAN7621SSJX Datasheet HTML 8Page - Fairchild Semiconductor FAN7621SSJX Datasheet HTML 9Page - Fairchild Semiconductor Next Button
Zoom Inzoom in Zoom Outzoom out
 2 / 13 page
background image
© 2009 Fairchild Semiconductor Corporation
www.fairchildsemi.com
FAN7621S • Rev. 1.0.1
2
Application Circuit Diagram
Figure 1. Typical Application Circuit (LLC Resonant Half-Bridge Converter)
Block Diagram
Figure 2. Internal Block Diagram
LVCC
R
T
AR
CS
SG PG
HVCC
VO
Rmax
Rmin
Rss
Css
VCC
VIN
Cr
HO
CTR
LO
6
1
12
3
HO
CS
AR
LVCC
HVcc
CTR
RT
PG
2
8
16
9
10
SG
14
LO
HUV+ / H UV-
S
R
Q
High S id e
Gate D river
Low S id e
Gate D river
2V
Vref
In tern al
Bias
Level
S hifter
B alan cin g
Delay
D ivider
1V
IRT
IRT
2IRT
VOVP
VCssH/VCssL
LVCC
S
R
Q
-1
Delay
1.5µs
VAOC P
Delay
50n s
TS D
LU V+ / L U V-
VOC P
Vref
Vref
3V
Time
Delay
Time
Delay
350ns
350ns
LV
CC
good
LV
CC
go od
Sh utd own with o ut d elay
5k


Similar Part No. - FAN7621SSJX

ManufacturerPart #DatasheetDescription
logo
ON Semiconductor
FAN7621SSJX ONSEMI-FAN7621SSJX Datasheet
597Kb / 14P
   PFM Controller for Half-Bridge Resonant Converters
July 2010 Rev. 1.0.1
More results

Similar Description - FAN7621SSJX

ManufacturerPart #DatasheetDescription
logo
Fairchild Semiconductor
FAN7621B FAIRCHILD-FAN7621B Datasheet
1,021Kb / 17P
   PFM Controller for Half-Bridge Resonant Converters
FAN7621 FAIRCHILD-FAN7621 Datasheet
1Mb / 17P
   PFM Controller for Half-Bridge Resonant Converters
logo
ON Semiconductor
FAN7621 ONSEMI-FAN7621 Datasheet
713Kb / 17P
   PFM Controller for Half-Bridge Resonant Converters
Rev. 1.0.3
logo
Fairchild Semiconductor
FAN7621 FAIRCHILD-FAN7621_10 Datasheet
636Kb / 17P
   PFM Controller for Half-Bridge Resonant Converters
logo
ON Semiconductor
FAN7621B ONSEMI-FAN7621B Datasheet
813Kb / 18P
   PFM Controller for Half-Bridge Resonant Converters
Rev. 1.0.1
FAN7621S ONSEMI-FAN7621S Datasheet
597Kb / 14P
   PFM Controller for Half-Bridge Resonant Converters
July 2010 Rev. 1.0.1
logo
Fairchild Semiconductor
FAN7631 FAIRCHILD-FAN7631 Datasheet
1Mb / 19P
   Advanced Pulse Frequency Modulation (PFM) Controller for Half-Bridge Resonant Converters
logo
Monolithic Power System...
HR1000 MPS-HR1000 Datasheet
1,016Kb / 23P
   Resonant Half-Bridge Controller
logo
Infineon Technologies A...
ICE1HS01G INFINEON-ICE1HS01G Datasheet
844Kb / 18P
   Half-Bridge Resonant Controller
Version 2.0, 24 August 2009
logo
Monolithic Power System...
HR1000A MPS-HR1000A Datasheet
898Kb / 23P
   Resonant Half-Bridge Controller
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.NET
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com