Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

K2200YH Datasheet(PDF) 3 Page - Littelfuse

Part # K2200YH
Description  It is offered in a DO-15 and TO-92 leaded packages
Download  10 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  LITTELFUSE [Littelfuse]
Direct Link  http://www.littelfuse.com
Logo LITTELFUSE - Littelfuse

K2200YH Datasheet(HTML) 3 Page - Littelfuse

  K2200YH Datasheet HTML 1Page - Littelfuse K2200YH Datasheet HTML 2Page - Littelfuse K2200YH Datasheet HTML 3Page - Littelfuse K2200YH Datasheet HTML 4Page - Littelfuse K2200YH Datasheet HTML 5Page - Littelfuse K2200YH Datasheet HTML 6Page - Littelfuse K2200YH Datasheet HTML 7Page - Littelfuse K2200YH Datasheet HTML 8Page - Littelfuse K2200YH Datasheet HTML 9Page - Littelfuse Next Button
Zoom Inzoom in Zoom Outzoom out
 3 / 10 page
background image
323
©2008 Littelfuse, Inc.
Revised: August 29, 2008
Teccor® brand Thyristors
Specifications are subject to change without notice.
Please refer to http://www.littelfuse.com for current information.
323
©2008 Littelfuse, Inc.
Teccor® brand Thyristors
Specifications are subject to change without notice.
Please refer to http://www.littelfuse.com for current information.
Kxxx0yH Series
High Energy Bidirectional SIDACs
Figure 7: Normalized DC Holding Current
vs. Junction Temperature
125
0.0
0.5
1.0
1.5
2.0
-40
-15
10
35
60
85
110
Junction Temperature (T
J) -- °C
80
90
100
110
120
130
0.0
0.2
0.4
0.6
0.8
1.0
1.2
CURRENT WAVEFORM: Sinusoidal - 60Hz
LOAD: Resistive or Inductive
Kxxx0GH
Kxxx0SH
Kxxx0EH
RMS On-State Current [I
T(RMS)] - Amps
20
40
60
80
100
120
140
0.0
0.2
0.4
0.6
0.8
1.0
CURRENT WAVEFORM: Sinusoidal - 60Hz
LOAD: Resistive or Inductive
FREE AIR RATING
Kxxx0GH
Kxxx0SH
Kxxx0EH
RMS On-State Current [I
T(RMS)] - Amps
Figure 9: Maximum Allowable Ambient Temperature
vs. RMS On-State Current
Figure 8: Maximum Allowable Case Temperature
vs. RMS On-State Current
1
10
20
30
40
50
60
70
80
90
100
110
120
130
Junction Temperature (T
J) -- °C
Figure 10: Normalized Repetitive Peak Breakover
Current (I
BO) vs. Junction Temperature
100-250 V ac
60 Hz
Scope
Push to test
S1
Switch to test
in each direction
100
1%
Device
Under
Test
S1
Scope Indication
Trace Stops
IH
IPK
Figure 11: Dynamic Holding Current Test
Circuit for SIDACs
Figure 12: Basic SIDAC Circuit
Load
100-250 V ac
60 Hz
IH
VBO
120-145˚
Conduction
Angle
IH
IH
Load Current
VBO
VBO


Similar Part No. - K2200YH

ManufacturerPart #DatasheetDescription
logo
Littelfuse
K2200YH LITTELFUSE-K2200YH Datasheet
247Kb / 10P
   Teccor짰 brand Thyristors High Energy Bidirectional SIDACs
More results

Similar Description - K2200YH

ManufacturerPart #DatasheetDescription
logo
Texas Instruments
LM4040AIM3-2.5 TI-LM4040AIM3-2.5 Datasheet
1Mb / 52P
[Old version datasheet]   Small Packages: SOT-23, TO-92 and SC70
logo
3M Electronics
5432-2 3M-5432-2 Datasheet
22Kb / 2P
   Do-It Yourself Test Probe and Kit
5432-0 3M-5432-0 Datasheet
20Kb / 1P
   Do-It Yourself Test Probe and Kit
logo
Pomona Electronics
4933 POMONA-4933 Datasheet
23Kb / 1P
   Do-It-Yourself In-Line Sheathed Banana Plug
4934 POMONA-4934 Datasheet
43Kb / 1P
   Do-It-Yourself In-Line Sheathed Banana Jacks
logo
Foshan Blue Rocket Elec...
MAC97A8 FOSHAN-MAC97A8 Datasheet
938Kb / 7P
   Triac in a TO-92 Plastic Package
MCR22 FOSHAN-MCR22 Datasheet
1Mb / 6P
   Thyristor in a TO-92 Plastic Package
C106 FOSHAN-C106 Datasheet
788Kb / 6P
   Thyristor in a TO-92 Plastic Package
MCR100 FOSHAN-MCR100 Datasheet
788Kb / 6P
   Thyristor in a TO-92 Plastic Package
2N5064 FOSHAN-2N5064 Datasheet
1Mb / 6P
   Thyristor in a TO-92 Plastic Package
More results


Html Pages

1 2 3 4 5 6 7 8 9 10


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.NET
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com