Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

KXXX0GHRP Datasheet(PDF) 5 Page - Littelfuse

Part # KXXX0GHRP
Description  It is offered in a DO-15 and TO-92 leaded packages
Download  10 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  LITTELFUSE [Littelfuse]
Direct Link  http://www.littelfuse.com
Logo LITTELFUSE - Littelfuse

KXXX0GHRP Datasheet(HTML) 5 Page - Littelfuse

  KXXX0GHRP Datasheet HTML 1Page - Littelfuse KXXX0GHRP Datasheet HTML 2Page - Littelfuse KXXX0GHRP Datasheet HTML 3Page - Littelfuse KXXX0GHRP Datasheet HTML 4Page - Littelfuse KXXX0GHRP Datasheet HTML 5Page - Littelfuse KXXX0GHRP Datasheet HTML 6Page - Littelfuse KXXX0GHRP Datasheet HTML 7Page - Littelfuse KXXX0GHRP Datasheet HTML 8Page - Littelfuse KXXX0GHRP Datasheet HTML 9Page - Littelfuse Next Button
Zoom Inzoom in Zoom Outzoom out
 5 / 10 page
background image
325
©2008 Littelfuse, Inc.
Revised: August 29, 2008
Teccor® brand Thyristors
Specifications are subject to change without notice.
Please refer to http://www.littelfuse.com for current information.
325
©2008 Littelfuse, Inc.
Teccor® brand Thyristors
Specifications are subject to change without notice.
Please refer to http://www.littelfuse.com for current information.
Kxxx0yH Series
High Energy Bidirectional SIDACs
Physical Specifications
Reliability/Environmental Tests
Test
Specifications and Conditions
High Temperature
Voltage Blocking
MIL-STD-750: Method 1040, Condition
A Rated V
DRM (VAC-peak), 125°C, 1008
hours
Temperature Cycling
MIL-STD-750: Method 1051
-40°C to 150°C, 15-minute dwell, 100
cycles
Biased Temperature &
Humidity
EIA/JEDEC: JESD22-A101
(VDC), 85°C, 85%RH, 1008 hours
High Temp Storage
MIL-STD-750: Method 1031
150°C, 1008 hours
Low-Temp Storage
-40°C, 1008 hours
Thermal Shock
MIL-STD-750: Method 1056
0°C to 100°C, 5-minute dwell, 10-second
transfer, 10 cycles
Autoclave
(Pressure Cooker Test)
EIA/JEDEC: JESD22-A102
121°C, 100%RH, 2atm, 168 hours
Resistance to
Solder Heat
MIL-STD-750: Method 2031
260°C, 10 seconds
Solderability
ANSI/J-STD-002: Category 3
Repetitive Surge
Life Testing
MIL-STD-750: Method 2036, Condition E
Terminal Material
Copper Alloy
Terminal Finish
100% Matte Tin-plated /Pb Free
solder dipped.
Body Material
UL recognized epoxy meeting flammability
classification 94V-0.
Design Considerations
Dimensions — DO-214
Dimension
Inches
Millimeters
Max
Max
Min
Max
A
0.130
0.156
3.30
3.95
B
0.201
0.220
5.10
5.60
C
0.077
0.087
1.95
2.20
D
0.159
0.181
4.05
4.60
E
0.030
0.063
0.75
1.60
F
0.075
0.096
1.90
2.45
G
0.002
0.008
0.05
0.20
H
0.077
0.104
1.95
2.65
J
0.043
0.053
1.09
1.35
K
0.006
0.016
0.15
0.41
L
0.030
0.055
0.76
1.40
B
D
A
C
H
EJ
G
K
F
L
CASE TEMPERATURE
MEASURING POINT
0.079"
(2.0mm)
0.079"
(2.0mm)
0.110"
(2.8mm)
Recommended
Soldering Pad Outline
Careful selection of the correct device for the application’s
operating parameters and environment will go a long
way toward extending the operating life of the Thyristor.
Overheating and surge currents are the main killers of
SIDACs. Correct mounting, soldering, and forming of the
leads also help protect against component damage.


Similar Part No. - KXXX0GHRP

ManufacturerPart #DatasheetDescription
logo
Littelfuse
KXXX0G LITTELFUSE-KXXX0G Datasheet
382Kb / 12P
   SIDACs feature glass-passivated junctions to ensure a rugged and dependable
KXXX0GRP LITTELFUSE-KXXX0GRP Datasheet
382Kb / 12P
   SIDACs feature glass-passivated junctions to ensure a rugged and dependable
More results

Similar Description - KXXX0GHRP

ManufacturerPart #DatasheetDescription
logo
Texas Instruments
LM4040AIM3-2.5 TI-LM4040AIM3-2.5 Datasheet
1Mb / 52P
[Old version datasheet]   Small Packages: SOT-23, TO-92 and SC70
logo
3M Electronics
5432-2 3M-5432-2 Datasheet
22Kb / 2P
   Do-It Yourself Test Probe and Kit
5432-0 3M-5432-0 Datasheet
20Kb / 1P
   Do-It Yourself Test Probe and Kit
logo
Pomona Electronics
4933 POMONA-4933 Datasheet
23Kb / 1P
   Do-It-Yourself In-Line Sheathed Banana Plug
4934 POMONA-4934 Datasheet
43Kb / 1P
   Do-It-Yourself In-Line Sheathed Banana Jacks
logo
Foshan Blue Rocket Elec...
MAC97A8 FOSHAN-MAC97A8 Datasheet
938Kb / 7P
   Triac in a TO-92 Plastic Package
MCR22 FOSHAN-MCR22 Datasheet
1Mb / 6P
   Thyristor in a TO-92 Plastic Package
C106 FOSHAN-C106 Datasheet
788Kb / 6P
   Thyristor in a TO-92 Plastic Package
MCR100 FOSHAN-MCR100 Datasheet
788Kb / 6P
   Thyristor in a TO-92 Plastic Package
2N5064 FOSHAN-2N5064 Datasheet
1Mb / 6P
   Thyristor in a TO-92 Plastic Package
More results


Html Pages

1 2 3 4 5 6 7 8 9 10


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.NET
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com