Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

KXXX0GHRP Datasheet(PDF) 10 Page - Littelfuse

Part # KXXX0GHRP
Description  It is offered in a DO-15 and TO-92 leaded packages
Download  10 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  LITTELFUSE [Littelfuse]
Direct Link  http://www.littelfuse.com
Logo LITTELFUSE - Littelfuse

KXXX0GHRP Datasheet(HTML) 10 Page - Littelfuse

Back Button KXXX0GHRP Datasheet HTML 2Page - Littelfuse KXXX0GHRP Datasheet HTML 3Page - Littelfuse KXXX0GHRP Datasheet HTML 4Page - Littelfuse KXXX0GHRP Datasheet HTML 5Page - Littelfuse KXXX0GHRP Datasheet HTML 6Page - Littelfuse KXXX0GHRP Datasheet HTML 7Page - Littelfuse KXXX0GHRP Datasheet HTML 8Page - Littelfuse KXXX0GHRP Datasheet HTML 9Page - Littelfuse KXXX0GHRP Datasheet HTML 10Page - Littelfuse  
Zoom Inzoom in Zoom Outzoom out
 10 / 10 page
background image
330
Revised: August 29, 2008
©2008 Littelfuse, Inc.
Teccor® brand Thyristors
Specifications are subject to change without notice.
Please refer to http://www.littelfuse.com for current information.
Specifications are subject to change without notice.
Please refer to http://www.littelfuse.com for current information.
High Energy Bidirectional SIDACs
Kxxx0yH Series
Part Numbering System
Part Marking System
K 240 0
70 RP
DEVICE TYPE
K: Sidac
VOLTAGE
200: 190 to 215V
220: 205 to 230V
240: 220 to 250V
250: 240 to 280V
CURRENT FUNCTION
0: Standard
PACKAGE TYPE
G: DO-15
S: DO-214
E: TO-92
LEAD FORM DIMENSIONS
xx: Lead Form Option
HIGH-ENERGY SIDAC
PACKAGING OPTIONS
[Blank]: Bulk
AP: Ammo
RP: Reel
RP2: Reel
RP3: Reel
H
E
yxxxx
K24SH
DO-214
K2400GH
yxxxx
DO-15
TO-92
K2400EH
yxxxx
®
®
®


Similar Part No. - KXXX0GHRP

ManufacturerPart #DatasheetDescription
logo
Littelfuse
KXXX0G LITTELFUSE-KXXX0G Datasheet
382Kb / 12P
   SIDACs feature glass-passivated junctions to ensure a rugged and dependable
KXXX0GRP LITTELFUSE-KXXX0GRP Datasheet
382Kb / 12P
   SIDACs feature glass-passivated junctions to ensure a rugged and dependable
More results

Similar Description - KXXX0GHRP

ManufacturerPart #DatasheetDescription
logo
Texas Instruments
LM4040AIM3-2.5 TI-LM4040AIM3-2.5 Datasheet
1Mb / 52P
[Old version datasheet]   Small Packages: SOT-23, TO-92 and SC70
logo
3M Electronics
5432-2 3M-5432-2 Datasheet
22Kb / 2P
   Do-It Yourself Test Probe and Kit
5432-0 3M-5432-0 Datasheet
20Kb / 1P
   Do-It Yourself Test Probe and Kit
logo
Pomona Electronics
4933 POMONA-4933 Datasheet
23Kb / 1P
   Do-It-Yourself In-Line Sheathed Banana Plug
4934 POMONA-4934 Datasheet
43Kb / 1P
   Do-It-Yourself In-Line Sheathed Banana Jacks
logo
Foshan Blue Rocket Elec...
MAC97A8 FOSHAN-MAC97A8 Datasheet
938Kb / 7P
   Triac in a TO-92 Plastic Package
MCR22 FOSHAN-MCR22 Datasheet
1Mb / 6P
   Thyristor in a TO-92 Plastic Package
C106 FOSHAN-C106 Datasheet
788Kb / 6P
   Thyristor in a TO-92 Plastic Package
MCR100 FOSHAN-MCR100 Datasheet
788Kb / 6P
   Thyristor in a TO-92 Plastic Package
2N5064 FOSHAN-2N5064 Datasheet
1Mb / 6P
   Thyristor in a TO-92 Plastic Package
More results


Html Pages

1 2 3 4 5 6 7 8 9 10


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.NET
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com