Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

FDMF6704A Datasheet(PDF) 3 Page - Fairchild Semiconductor

Part # FDMF6704A
Description  The Xtra Small, High Performance, High Frequency DrMOS Module
Download  14 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  FAIRCHILD [Fairchild Semiconductor]
Direct Link  http://www.fairchildsemi.com
Logo FAIRCHILD - Fairchild Semiconductor

FDMF6704A Datasheet(HTML) 3 Page - Fairchild Semiconductor

  FDMF6704A Datasheet HTML 1Page - Fairchild Semiconductor FDMF6704A Datasheet HTML 2Page - Fairchild Semiconductor FDMF6704A Datasheet HTML 3Page - Fairchild Semiconductor FDMF6704A Datasheet HTML 4Page - Fairchild Semiconductor FDMF6704A Datasheet HTML 5Page - Fairchild Semiconductor FDMF6704A Datasheet HTML 6Page - Fairchild Semiconductor FDMF6704A Datasheet HTML 7Page - Fairchild Semiconductor FDMF6704A Datasheet HTML 8Page - Fairchild Semiconductor FDMF6704A Datasheet HTML 9Page - Fairchild Semiconductor Next Button
Zoom Inzoom in Zoom Outzoom out
 3 / 14 page
background image
3
www.fairchildsemi.com
FDMF6704A Rev. F
Pin Description
Absolute Maximum Rating
* IO(AV) and IO(peak) are measured in FCS evaluation board. These ratings can be changed with different application setting.
Recommended Operating Range
* May be operated at lower input voltage. See figure 10.
Pin
Name
Function
1
SMOD#
When SMOD# = HI, low side driver is inverse of PWM input. When SMOD# = Low, low
side driver is disabled. This pin has no internal pullup or pulldown. It should not be left
floating. Do not add noise filter cap.
2
VCIN
IC bias supply. Minimum 1 F ceramic capacitor is recommended from this pin to CGND.
3
VDRV
Power for low side driver. Minimum 1 F ceramic capacitor is recommended to be
connected as close as possible from this pin to CGND.
4
BOOT
Bootstrap supply input. Provides voltage supply to high-side MOSFET driver. Connect
bootstrap capacitor from this pin to PHASE.
5, 37, 41
CGND
IC ground. Ground return for driver IC.
6
GH
For manufacturing test only. This pin must be floated. Must not be connected to any pin.
7
PHASE
Switch node pin for easy bootstrap capacitor routing. Electrically shorted to VSWH pin.
8, 38
NC
No connect.
9-14, 42
VIN
Power input. Output stage supply voltage.
15, 29-35, 43
VSWH, PHASE
Switch node input. Provides return for high-side bootstrapped driver and acts as a
sense point for the adaptive shoot-thru protection.
16-28
PGND
Power ground. Output stage ground. Source pin of low side MOSFET(s).
36
GL
For manufacturing test only. This pin must be floated. Must not be connected to any pin.
39
DISB#
Output disable. When low, this pin disable FET switching (GH and GL are held low). This
pin has no internal pullup or pulldown. It should not be left floating. Do not add noise filter
cap.
40
PWM
PWM Signal Input. This pin accepts a logic-level PWM signal from the controller. This pin
has no internal pullup or pulldown. It should not be left floating. Do not add noise filter cap.
Parameter
Min
Max
Units
VCIN, VDRV, DISB#, PWM, SMOD#, GL to CGND
6
V
VIN to PGND, CGND
27
V
BOOT, GH to VSWH, PHASE
6
V
BOOT, VSWH, PHASE, GH to GND
27
V
BOOT to VDRV
22
V
IO(AV)*
VIN = 12 V, VO = 1.3 V
fSW = 350 kHz
35
A
fSW = 1 MHz
32
A
IO(peak)*
80
A
RθJPCB
Junction to PCB Thermal Resistance
3.75
°C/W
Operating and Storage Junction Temperature Range
-55
150
°C
Parameter
Min
Typ
Max
Units
VCIN
Control Circuit Supply Voltage
4.5
5
5.5
V
VIN
Output Stage Supply Voltage
3*
12
14
V


Similar Part No. - FDMF6704A

ManufacturerPart #DatasheetDescription
logo
Fairchild Semiconductor
FDMF6704A FAIRCHILD-FDMF6704A Datasheet
678Kb / 12P
   The Xtra Small High Performance, High Frequency DrMOS Module
logo
ON Semiconductor
FDMF6704A ONSEMI-FDMF6704A Datasheet
838Kb / 16P
   The Xtra Small, High Performance, High Frequency DrMOS Module
Rev. F
More results

Similar Description - FDMF6704A

ManufacturerPart #DatasheetDescription
logo
Fairchild Semiconductor
FDMF6704 FAIRCHILD-FDMF6704 Datasheet
682Kb / 13P
   The Xtra Small High Performance, High Frequency DrMOS Module
logo
ON Semiconductor
FDMF6704A ONSEMI-FDMF6704A Datasheet
838Kb / 16P
   The Xtra Small, High Performance, High Frequency DrMOS Module
Rev. F
logo
Fairchild Semiconductor
FDMF6704 FAIRCHILD-FDMF6704_09 Datasheet
835Kb / 14P
   The Xtra Small, High Performance, High Frequency DrMOS Module
FDMF6704A FAIRCHILD-FDMF6704A Datasheet
678Kb / 12P
   The Xtra Small High Performance, High Frequency DrMOS Module
logo
ON Semiconductor
FDMF6704 ONSEMI-FDMF6704 Datasheet
952Kb / 16P
   The Xtra Small, High Performance, High Frequency DrMOS Module
Rev. G
FDMF6704V ONSEMI-FDMF6704V Datasheet
955Kb / 15P
   The Xtra Small, High Performance, High Frequency DrMOS Module with LDO
Rev.C
logo
Fairchild Semiconductor
FDMF6704V FAIRCHILD-FDMF6704V Datasheet
839Kb / 13P
   The Xtra Small, High Performance, High Frequency DrMOS Module with LDO
FDMF6821B FAIRCHILD-FDMF6821B Datasheet
1Mb / 19P
   Extra-Small, High-Performance, High-Frequency DrMOS Module
logo
ON Semiconductor
FDMF6820A ONSEMI-FDMF6820A Datasheet
923Kb / 21P
   Extra-Small, High-Performance, High-Frequency DrMOS Module
April 2013 Rev. 1.0.3
FDMF3030 ONSEMI-FDMF3030 Datasheet
1Mb / 21P
   Extra-Small, High-Performance, High-Frequency, DrMOS Module
September 2012 Rev. 1.0.0
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.NET
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com