Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

L0107DE Datasheet(PDF) 3 Page - Littelfuse

Part # L0107DE
Description  New 1 Amp bi-directional solid state switch series offering direct interface
Download  8 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  LITTELFUSE [Littelfuse]
Direct Link  http://www.littelfuse.com
Logo LITTELFUSE - Littelfuse

L0107DE Datasheet(HTML) 3 Page - Littelfuse

  L0107DE Datasheet HTML 1Page - Littelfuse L0107DE Datasheet HTML 2Page - Littelfuse L0107DE Datasheet HTML 3Page - Littelfuse L0107DE Datasheet HTML 4Page - Littelfuse L0107DE Datasheet HTML 5Page - Littelfuse L0107DE Datasheet HTML 6Page - Littelfuse L0107DE Datasheet HTML 7Page - Littelfuse L0107DE Datasheet HTML 8Page - Littelfuse  
Zoom Inzoom in Zoom Outzoom out
 3 / 8 page
background image
45
©2008 Littelfuse, Inc.
Revised: July 9, 2008
Teccor® brand Thyristors
Specifications are subject to change without notice.
Please refer to http://www.littelfuse.com for current information.
45
©2008 Littelfuse, Inc.
Teccor® brand Thyristors
Specifications are subject to change without notice.
Please refer to http://www.littelfuse.com for current information.
L01 Series
EV Series 1 Amp Sensitive Triacs
Figure 1: Definition of Quadrants
MT2 POSITIVE
(Positive Half Cycle)
MT2 NEGATIVE
(Negative Half Cycle)
MT1
MT2
+ I
G T
REF
QII
MT1
I
GT
GATE
MT2
REF
MT1
MT2
REF
MT1
MT2
REF
QI
QIV
QIII
ALL POLARITIES ARE REFERENCED TO MT1
(
-)
I
GT
GATE
(+)
I
GT -
I
GT
GATE
(
-)
I
GT
GATE
(+)
+
-
Figure 3: Normalized DC Holding Current
vs. Junction Temperature
Figure 2: Normalized DC Gate Trigger Current for
All Quadrants vs. Junction Temperature
Figure 4: Normalized DC Gate Trigger Voltage for
All Quadrants vs. Junction Temperature
RMS On-state Current [I
T(RMS)] - Amps
2.00
1.75
1.50
1.25
1.00
0.75
0.50
0.25
0.0
0.0
0.1
0.2
0.3
0.4
0.5
0.6
0.7
0.8
0.9
1.0
1.1
CURRENT WAVEFORM: Sinusoidal
LOAD: Resistive or Inductive
CONDUCTION ANGLE: 360°
Figure 5: Power Dissipation (Typical)
vs. RMS On-State Current
Figure 6: Maximum Allowable Case Temperature
vs. On-State Current
RMS On-state Current [I
T(RMS)] - Amps
130
125
120
110
100
90
80
70
60
50
0.0
0.1
0.2
0.3
0.4
0.5
0.6
0.7
0.8
0.9
1.0
1.1
1.2
SOT-223
CURRENT WAVEFORM: Sinusoidal
LOAD: Resistive or Inductive
CONDUCTION ANGLE: 360°
CASE TEMPERATURE: Measured as
shown on dimensional drawings
TO-92
Junction Temperature (T
J)- ºC
3.0
2.0
1.0
0.0
-40
-15
+25
+65
+105
+125
Junction Temperature (T
J)- ºC
3.0
2.5
2.0
1.5
1.0
0.5
0.0
-40
-15
+5
+25
+45
+65
+85
+105
+125
-55
INITIAL ON-STATE CURRENT = 100mA (DC)
Junction Temperature (T
J)- °C
2.00
1.75
1.50
1.25
1.00
0.75
0.50
0.25
0.0
-55
-40
-15
+5
+25
+45
+65
+85
+105
+125


Similar Part No. - L0107DE

ManufacturerPart #DatasheetDescription
logo
Littelfuse
L0107DE LITTELFUSE-L0107DE Datasheet
1Mb / 8P
   Teccor짰 brand Thyristors EV Series 1 Amp Sensitive Triacs
L0107DE LITTELFUSE-L0107DE Datasheet
1Mb / 8P
   Teccor짰 brand Thyristors EV Series 1 Amp Sensitive Triacs
L0107DE LITTELFUSE-L0107DE Datasheet
1Mb / 8P
   Thyristors EV Series 1 Amp Sensitive Triacs
Revised: 05/29/19
More results

Similar Description - L0107DE

ManufacturerPart #DatasheetDescription
logo
Littelfuse
LX803DE LITTELFUSE-LX803DE Datasheet
257Kb / 8P
   New 0.8 Amp bi-directional solid state switch series offering direct
logo
AVAGO TECHNOLOGIES LIMI...
ASSR-1510 AVAGO-ASSR-1510 Datasheet
197Kb / 15P
   Compact Solid-State Bi-directional Signal Switch
ASSR-322R AVAGO-ASSR-322R Datasheet
124Kb / 12P
   Compact Solid-State Bi-directional Signal Switch
ASSR-1218 AVAGO-ASSR-1218 Datasheet
356Kb / 12P
   Compact Solid-State Bi-directional Signal Switch
ASSR-301C AVAGO-ASSR-301C Datasheet
110Kb / 7P
   Compact Solid-State Bi-directional Signal Switch
logo
Littelfuse
QXX12LH2 LITTELFUSE-QXX12LH2 Datasheet
923Kb / 8P
   12 Amp bi-directional solid state switch series is designed for AC switching
Q6006LH456 LITTELFUSE-Q6006LH456 Datasheet
1Mb / 14P
   6 Amp bi-directional solid state switch series is designed for AC switching
LXX04L3 LITTELFUSE-LXX04L3 Datasheet
403Kb / 10P
   4 Amp bi-directional solid state switch series is designed for AC switching
LXX8E3 LITTELFUSE-LXX8E3 Datasheet
385Kb / 10P
   0.8 Amp bi-directional solid state switch series is designed for AC switching
QXX10L4 LITTELFUSE-QXX10L4 Datasheet
967Kb / 9P
   10 Amp bi-directional solid state switch series is designed for AC switching
More results


Html Pages

1 2 3 4 5 6 7 8


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.NET
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com