Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

FAN7621 Datasheet(PDF) 2 Page - Fairchild Semiconductor

Part # FAN7621
Description  PFM Controller for Half-Bridge Resonant Converters
Download  17 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  FAIRCHILD [Fairchild Semiconductor]
Direct Link  http://www.fairchildsemi.com
Logo FAIRCHILD - Fairchild Semiconductor

FAN7621 Datasheet(HTML) 2 Page - Fairchild Semiconductor

  FAN7621_10 Datasheet HTML 1Page - Fairchild Semiconductor FAN7621_10 Datasheet HTML 2Page - Fairchild Semiconductor FAN7621_10 Datasheet HTML 3Page - Fairchild Semiconductor FAN7621_10 Datasheet HTML 4Page - Fairchild Semiconductor FAN7621_10 Datasheet HTML 5Page - Fairchild Semiconductor FAN7621_10 Datasheet HTML 6Page - Fairchild Semiconductor FAN7621_10 Datasheet HTML 7Page - Fairchild Semiconductor FAN7621_10 Datasheet HTML 8Page - Fairchild Semiconductor FAN7621_10 Datasheet HTML 9Page - Fairchild Semiconductor Next Button
Zoom Inzoom in Zoom Outzoom out
 2 / 17 page
background image
© 2009 Fairchild Semiconductor Corporation
www.fairchildsemi.com
FAN7621 • Rev. 1.0.3
2
Application Circuit Diagram
R
sense
C
DL
VCC
LVcc
RT
CON
CS
SG
PG
CTR
HV
CC
Cr
L
lk
Lm
Ns
VO
D1
D2
R
F
C
F
Np
Ns
KA431
VIN
HO
LO
Figure 1. Typical Application Circuit (LLC Resonant Half-Bridge Converter)
Block Diagram
OLP
TSD
LVCC good
Low-Side
Gate Drive
High-Side
Gate Drive
6
1
12
11.3 / 14.5V
VREF
Internal
Bias
LVCC good
3
HO
CS
CON
LVCC
HVCC
CTR
R
T
VAOCP
PG
LVCC
OVP
Time
Delay
2
8
16
9
Time
Delay
+
-
V
OCP
+
-
+
-
+
-
+
-
-Q
Q
R
S
LVCC <5V
Latch
Protection
-Q
Q
R
S
Auto-restart
Protection
+
-
0.4 / 0.6 V
5V
23 V
0.58 V
0.9 V
8.7 / 9.2V
HVCC good
I
CTC
+
-
+
-
3V
1V
-Q
Q
R
S
F/F
Level-Shift
Balancing
Delay
Shutdown without delay
50ns Delay
-1
2I
CTC
VREF
I
CTC
350ns
350ns
10
SG
Delay
1.5µs
2V
Counter (1/4)
LVCC
I
OLP
14
LO
Figure 2. Internal Block Diagram


Similar Part No. - FAN7621_10

ManufacturerPart #DatasheetDescription
logo
Fairchild Semiconductor
FAN7621B FAIRCHILD-FAN7621B Datasheet
1,021Kb / 17P
   PFM Controller for Half-Bridge Resonant Converters
logo
ON Semiconductor
FAN7621B ONSEMI-FAN7621B Datasheet
813Kb / 18P
   PFM Controller for Half-Bridge Resonant Converters
Rev. 1.0.1
logo
Fairchild Semiconductor
FAN7621BSJ FAIRCHILD-FAN7621BSJ Datasheet
1,021Kb / 17P
   PFM Controller for Half-Bridge Resonant Converters
logo
ON Semiconductor
FAN7621BSJ ONSEMI-FAN7621BSJ Datasheet
813Kb / 18P
   PFM Controller for Half-Bridge Resonant Converters
Rev. 1.0.1
logo
Fairchild Semiconductor
FAN7621BSJX FAIRCHILD-FAN7621BSJX Datasheet
1,021Kb / 17P
   PFM Controller for Half-Bridge Resonant Converters
More results

Similar Description - FAN7621_10

ManufacturerPart #DatasheetDescription
logo
Fairchild Semiconductor
FAN7621S FAIRCHILD-FAN7621S Datasheet
803Kb / 13P
   PFM Controller for Half-Bridge Resonant Converters
FAN7621B FAIRCHILD-FAN7621B Datasheet
1,021Kb / 17P
   PFM Controller for Half-Bridge Resonant Converters
FAN7621 FAIRCHILD-FAN7621 Datasheet
1Mb / 17P
   PFM Controller for Half-Bridge Resonant Converters
logo
ON Semiconductor
FAN7621 ONSEMI-FAN7621 Datasheet
713Kb / 17P
   PFM Controller for Half-Bridge Resonant Converters
Rev. 1.0.3
FAN7621B ONSEMI-FAN7621B Datasheet
813Kb / 18P
   PFM Controller for Half-Bridge Resonant Converters
Rev. 1.0.1
FAN7621S ONSEMI-FAN7621S Datasheet
597Kb / 14P
   PFM Controller for Half-Bridge Resonant Converters
July 2010 Rev. 1.0.1
logo
Fairchild Semiconductor
FAN7631 FAIRCHILD-FAN7631 Datasheet
1Mb / 19P
   Advanced Pulse Frequency Modulation (PFM) Controller for Half-Bridge Resonant Converters
logo
Monolithic Power System...
HR1000 MPS-HR1000 Datasheet
1,016Kb / 23P
   Resonant Half-Bridge Controller
logo
Infineon Technologies A...
ICE1HS01G INFINEON-ICE1HS01G Datasheet
844Kb / 18P
   Half-Bridge Resonant Controller
Version 2.0, 24 August 2009
logo
Monolithic Power System...
HR1000A MPS-HR1000A Datasheet
898Kb / 23P
   Resonant Half-Bridge Controller
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.NET
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com