Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

S402ES Datasheet(PDF) 6 Page - Littelfuse

Part # S402ES
Description  New 1.5 Amp sensitive gate SCR series offers high static dv/dt with low
Download  8 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  LITTELFUSE [Littelfuse]
Direct Link  http://www.littelfuse.com
Logo LITTELFUSE - Littelfuse

S402ES Datasheet(HTML) 6 Page - Littelfuse

  S402ES_11 Datasheet HTML 1Page - Littelfuse S402ES_11 Datasheet HTML 2Page - Littelfuse S402ES_11 Datasheet HTML 3Page - Littelfuse S402ES_11 Datasheet HTML 4Page - Littelfuse S402ES_11 Datasheet HTML 5Page - Littelfuse S402ES_11 Datasheet HTML 6Page - Littelfuse S402ES_11 Datasheet HTML 7Page - Littelfuse S402ES_11 Datasheet HTML 8Page - Littelfuse  
Zoom Inzoom in Zoom Outzoom out
 6 / 8 page
background image
206
Revised:December22,201009:54AM
©2011 Littelfuse, Inc
Teccor® brand Thyristors
Specifications are subject to change without notice.
Please refer to http://www.littelfuse.com for current information.
EV Series 1.5 Amp Sensitive SCRs
Sx02xS Series
Packing Options
Dimensions – SOT-223
Dimensions
Inches
Millimeters
Min
Typ
Max
Min
Typ
Max
A
0.248
0.256
0.264
6.30
6.50
6.70
0.130
0.138
0.146
3.30
3.50
3.70
C
0.071
1.80
D
0.001
0.004
0.02
0.10
E
0.114
0.118
0.124
2.90
3.00
3.15
F
0.024
0.027
0.034
0.60
0.70
0.85
G
0.090
2.30
H
0.181
4.60
I
0.264
0.276
0.287
6.70
7.00
7.30
J
0.009
0.010
0.014
0.24
0.26
0.35
K
10° MAX
Part Number
Marking
Weight
Packing Mode
Base Quantity
Sx02ES
Sx02ES
0.170 g
2500
Sx02ESAP
Sx02ES
0.170 g
Ammo Pack
2000
Sx02ESRP
Sx02ES
0.170 g
Tape & Reel
2000
Sx02TSRP
Sx02TS
0.120 g
Tape & Reel
1000
Note: x = voltage
Dimensions in Millimeters (Inches)
1.5
(0.059”)
1.5
(0.059”)
3.3
(0.130”)
6.4
(0.252”)
4.6
(0.181”)
1.2
(0.047”)
2.3
(0.091”)
(3x)
Pad Layout for SOT-223
Product Selector
Part Number
Voltage
Gate Sensitivity
Package
400V
600V
S402ES
X
200μA
TO-92
S602ES
X
200μA
TO-92
S402TS
X
200μA
SOT-223
S602TS
X
200μA
SOT-223
Anode
Gate
Anode
Cathode


Similar Part No. - S402ES_11

ManufacturerPart #DatasheetDescription
logo
Littelfuse
S402ESAP LITTELFUSE-S402ESAP Datasheet
1Mb / 9P
   Teccor brand Thyristors EV Series 1.5 Amp Sensitive SCRs
S402ESRP LITTELFUSE-S402ESRP Datasheet
1Mb / 9P
   Teccor brand Thyristors EV Series 1.5 Amp Sensitive SCRs
More results

Similar Description - S402ES_11

ManufacturerPart #DatasheetDescription
logo
Littelfuse
SX02XS LITTELFUSE-SX02XS Datasheet
1Mb / 10P
   New 1.5 Amp sensitive gate SCR series offers high static
logo
Infineon Technologies A...
SPN03N60S5 INFINEON-SPN03N60S5_05 Datasheet
4Mb / 9P
   New revolutionary high voltage technology Ultra low gate chargeExtreme dv/dt rated
Rev. 2.2 2005-02-21
SPP04N60C3 INFINEON-SPP04N60C3_09 Datasheet
594Kb / 14P
   New revolutionary high voltage technology Ultra low gate charge Extreme dv/dt rated
Rev. 3.1 2009-11-26
SPP15N60C3 INFINEON-SPP15N60C3_09 Datasheet
689Kb / 14P
   New revolutionary high voltage technology Ultra low gate charge Extreme dv/dt rated
Rev. 3.2 2009-12-22
SPP07N60C3 INFINEON-SPP07N60C3_09 Datasheet
625Kb / 15P
   New revolutionary high voltage technology Ultra low gate charge Extreme dv/dt rated
Rev. 3.2 2009-11-27
SPP20N65C3 INFINEON-SPP20N65C3_09 Datasheet
622Kb / 15P
   New revolutionary high voltage technology Ultra low gate charge Extreme dv/dt rated
Rev. 3.1 2009-12-01
SPP03N60C3 INFINEON-SPP03N60C3_09 Datasheet
599Kb / 14P
   New revolutionary high voltage technology Ultra low gate charge Extreme dv/dt rated
Rev. 3.1 2009-11-26
SPP04N60S5 INFINEON-SPP04N60S5_07 Datasheet
1,001Kb / 11P
   New revolutionary high voltage technology Ultra low gate charge Extreme dv/dt rated
Rev. 2.6 2007-08-30
SPW11N80C3 INFINEON-SPW11N80C3_08 Datasheet
684Kb / 11P
   New revolutionary high voltage technology Ultra low gate charge Extreme dv/dt rated
Rev. 2.9 2008-10-15
SPB07N60C3 INFINEON-SPB07N60C3_05 Datasheet
1Mb / 13P
   New revolutionary high voltage technology Ultra low gate charge Extreme dv/dt rated
Rev. 2.5 2005-09-14
More results


Html Pages

1 2 3 4 5 6 7 8


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.NET
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com