Electronic Components Datasheet Search |
|
FSBH0170A Datasheet(PDF) 1 Page - Fairchild Semiconductor |
|
FSBH0170A Datasheet(HTML) 1 Page - Fairchild Semiconductor |
1 / 16 page April 2010 © 2009 Fairchild Semiconductor Corporation www.fairchildsemi.com FSBH0F70A, FSBH0170/A, FSBH0270/A, FSBH0370 • Rev. 1.0.3 FSBH0F70A, FSBH0170/A, FSBH0270/A, FSBH0370 Green Mode Fairchild Power Switch (FPS™) Features Brownout Protection with Hysteresis Built-In 5ms Soft-Start Function Internal Avalanche-Rugged 700V SenseFET No Acoustic Noise During Light-Load Operation High-Voltage Startup Linearly Decreasing PWM Frequency to 18KHz Peak-Current-Mode Control Cycle-by-Cycle Current Limiting Leading-Edge Blanking (LEB) Synchronized Slope Compensation Internal Open-Loop Protection VDD Under-Voltage Lockout (UVLO) VDD Over-Voltage Protection (OVP) Internal Auto-Restart Circuit (OVP, OTP) Constant Power Limit (Full AC Input Range) Internal OTP Sensor with Hysteresis VIN Pin for Pull-HIGH Latch Function and Pull- LOW Auto-Recovery Protection Applications General-purpose switch-mode power supplies and flyback power converters, including: Auxiliary Power Supply for PC and Server SMPS for VCR, SVR, STB, DVD & DVCD Player, Printer, Facsimile, and Scanner Adapter for Camcorder Description The highly integrated FSBH-series consists of an integrated current-mode Pulse Width Modulator (PWM) and an avalanche-rugged 700V SenseFET. It is specifically designed for high-performance offline Switch Mode Power Supplies (SMPS) with minimal external components. The integrated PWM controller features include a proprietary green-mode function that provides off-time modulation to linearly decrease the switching frequency at light-load conditions to minimize standby power consumption. To avoid acoustic-noise problems, the minimum PWM frequency is set above 18kHz. This green-mode function enables the power supply to meet international power conservation requirements. The PWM controller is manufactured using the BiCMOS process to further reduce power consumption. The FSBH-series turns off some internal circuits to improve power saving when VFB is lower than 1.6V, which allows an operating current of only 2.5mA. The FSBH-series has built-in synchronized slope compensation to achieve stable peak-current-mode control. The proprietary external line compensation ensures constant output power limit over a wide AC input voltage range, from 90VAC to 264VAC. The FSBH-series provides many protection functions. In addition to cycle-by-cycle current limiting, the internal open-loop protection circuit ensures safety when an open-loop or output short occurs. PWM output is disabled until VDD drops below the VTH-OLP, then the controller starts up again. As long as VDD exceeds 28V, the internal OVP circuit is triggered. Compared with a discrete MOSFET and controller or RCC switching converter solution, the FSBH-series reduces total component count, design size, and weight; while increasing efficiency, productivity, and system reliability. These devices provide a basic platform that is well suited for the design of cost- effective flyback converters, such as in PC auxiliary power supplies. |
Similar Part No. - FSBH0170A |
|
Similar Description - FSBH0170A |
|
|
Link URL |
Privacy Policy |
ALLDATASHEET.NET |
Does ALLDATASHEET help your business so far? [ DONATE ] |
About Alldatasheet | Advertisement | Contact us | Privacy Policy | Link Exchange | Manufacturer List All Rights Reserved©Alldatasheet.com |
Russian : Alldatasheetru.com | Korean : Alldatasheet.co.kr | Spanish : Alldatasheet.es | French : Alldatasheet.fr | Italian : Alldatasheetit.com Portuguese : Alldatasheetpt.com | Polish : Alldatasheet.pl | Vietnamese : Alldatasheet.vn Indian : Alldatasheet.in | Mexican : Alldatasheet.com.mx | British : Alldatasheet.co.uk | New Zealand : Alldatasheet.co.nz |
Family Site : ic2ic.com |
icmetro.com |