Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

FSBH0F70A Datasheet(PDF) 10 Page - Fairchild Semiconductor

Part # FSBH0F70A
Description  Green Mode Fairchild Power Switch
Download  16 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  FAIRCHILD [Fairchild Semiconductor]
Direct Link  http://www.fairchildsemi.com
Logo FAIRCHILD - Fairchild Semiconductor

FSBH0F70A Datasheet(HTML) 10 Page - Fairchild Semiconductor

Back Button FSBH0F70A Datasheet HTML 6Page - Fairchild Semiconductor FSBH0F70A Datasheet HTML 7Page - Fairchild Semiconductor FSBH0F70A Datasheet HTML 8Page - Fairchild Semiconductor FSBH0F70A Datasheet HTML 9Page - Fairchild Semiconductor FSBH0F70A Datasheet HTML 10Page - Fairchild Semiconductor FSBH0F70A Datasheet HTML 11Page - Fairchild Semiconductor FSBH0F70A Datasheet HTML 12Page - Fairchild Semiconductor FSBH0F70A Datasheet HTML 13Page - Fairchild Semiconductor FSBH0F70A Datasheet HTML 14Page - Fairchild Semiconductor Next Button
Zoom Inzoom in Zoom Outzoom out
 10 / 16 page
background image
© 2010 Fairchild Semiconductor Corporation
www.fairchildsemi.com
FSBH0F70A_F116, FSBH0170/0270/0370_F116 • Rev. 1.0.1
10
Typical Characteristics
Figure 14.
fOSC vs. Temperature
Figure 15.
fOSC-G vs. Temperature
Figure 16.
VIN-OFF vs. Temperature
Figure 17.
VIN-ON vs. Temperature
Figure 18.
VIN-H vs. Temperature
Figure 19.
VIN-L vs. Temperature
Figure 20.
VFB-OLP vs. Temperature
Figure 21.
VFB-N vs. Temperature
97.5
98.0
98.5
99.0
99.5
100.0
100.5
101.0
101.5
-40
-25
-10
5
20
35
50
65
80
95
110
125
Temperature(°C)
18.6
18.7
18.8
18.9
19.0
19.1
19.2
-40
-25
-10
5
20
35
50
65
80
95
110
125
Temperature(°C)
0.58
0.59
0.60
0.61
0.62
0.63
0.64
-40
-25
-10
5
20
35
50
65
80
95
110
125
Temperature(°C)
1.11
1.12
1.13
1.14
1.15
1.16
1.17
-40
-25
-10
5
20
35
50
65
80
95
110
125
Temperature(°C)
4.57
4.58
4.59
4.60
4.61
4.62
4.63
-40
-25
-10
5
20
35
50
65
80
95
110
125
Temperature(°C)
0.28
0.29
0.30
0.31
0.32
0.33
0.34
-40
-25
-10
5
20
35
50
65
80
95
110
125
Temperature(°C)
4.35
4.40
4.45
4.50
4.55
4.60
4.65
4.70
4.75
-40
-25
-10
5
20
35
50
65
80
95
110
125
Temperature(°C)
2.30
2.35
2.40
2.45
2.50
2.55
2.60
-40
-25
-10
5
20
35
50
65
80
95
110
125
Temperature(°C)


Similar Part No. - FSBH0F70A

ManufacturerPart #DatasheetDescription
logo
Fairchild Semiconductor
FSBH0F70A FAIRCHILD-FSBH0F70A Datasheet
708Kb / 16P
   Green Mode Fairchild Power Switch (FPS??
FSBH0F70A FAIRCHILD-FSBH0F70A Datasheet
801Kb / 16P
   Green Mode Fairchild Power Switch
FSBH0F70ANY FAIRCHILD-FSBH0F70ANY Datasheet
708Kb / 16P
   Green Mode Fairchild Power Switch (FPS??
FSBH0F70ANY FAIRCHILD-FSBH0F70ANY Datasheet
801Kb / 16P
   Green Mode Fairchild Power Switch
FSBH0F70A FAIRCHILD-FSBH0F70A_10 Datasheet
801Kb / 16P
   Green Mode Fairchild Power Switch
More results

Similar Description - FSBH0F70A

ManufacturerPart #DatasheetDescription
logo
Fairchild Semiconductor
FSCM0465R FAIRCHILD-FSCM0465R Datasheet
450Kb / 20P
   Green Mode Fairchild Power Switch
FSQ100 FAIRCHILD-FSQ100 Datasheet
741Kb / 12P
   Green Mode Fairchild Power Switch
FSL127H FAIRCHILD-FSL127H Datasheet
1Mb / 15P
   Green Mode Fairchild Power Switch
FSQ0765RQ FAIRCHILD-FSQ0765RQ Datasheet
3Mb / 19P
   Green-Mode Fairchild Power Switch
FSDM0465RE FAIRCHILD-FSDM0465RE Datasheet
519Kb / 21P
   Green Mode Fairchild Power Switch
FSDH321 FAIRCHILD-FSDH321_04 Datasheet
510Kb / 20P
   Green Mode Fairchild Power Switch
FSBH0F70A FAIRCHILD-FSBH0F70A_10 Datasheet
801Kb / 16P
   Green Mode Fairchild Power Switch
FSGM0465RB FAIRCHILD-FSGM0465RB Datasheet
927Kb / 18P
   Green-Mode Fairchild Power Switch
FSGM0765R FAIRCHILD-FSGM0765R Datasheet
823Kb / 18P
   Green-Mode Fairchild Power Switch
FSL137H FAIRCHILD-FSL137H_10 Datasheet
1Mb / 15P
   Green Mode Fairchild Power Switch
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.NET
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com