Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

L01XXYEAP Datasheet(PDF) 1 Page - Littelfuse

Part # L01XXYEAP
Description  New 1 Amp bi-directional solid state switch series offering direct interface
Download  8 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  LITTELFUSE [Littelfuse]
Direct Link  http://www.littelfuse.com
Logo LITTELFUSE - Littelfuse

L01XXYEAP Datasheet(HTML) 1 Page - Littelfuse

  L01XXYEAP Datasheet HTML 1Page - Littelfuse L01XXYEAP Datasheet HTML 2Page - Littelfuse L01XXYEAP Datasheet HTML 3Page - Littelfuse L01XXYEAP Datasheet HTML 4Page - Littelfuse L01XXYEAP Datasheet HTML 5Page - Littelfuse L01XXYEAP Datasheet HTML 6Page - Littelfuse L01XXYEAP Datasheet HTML 7Page - Littelfuse L01XXYEAP Datasheet HTML 8Page - Littelfuse  
Zoom Inzoom in Zoom Outzoom out
 1 / 8 page
background image
43
©2008 Littelfuse, Inc.
Revised: July 9, 2008
Teccor® brand Thyristors
Specifications are subject to change without notice.
Please refer to http://www.littelfuse.com for current information.
43
©2008 Littelfuse, Inc.
Teccor® brand Thyristors
Specifications are subject to change without notice.
Please refer to http://www.littelfuse.com for current information.
L01 Series
EV Series 1 Amp Sensitive Triacs
L01 Series
Description
Main Features
Features
New 1 Amp bi-directional solid state switch series offering
direct interface to microprocessor drivers in economical
TO-92 and surface mount packages. The die voltage
blocking junctions are glass-passivated to ensure long term
reliability and parametric stability.
Symbol
Value
Unit
I
T(RMS)
1A
V
DRM/VRRM
400 to 800
V
I
GT
3 to 10
mA
Absolute Maximum Ratings
Symbol
Parameter
Value
Unit
I
T(RMS)
RMS on-state current
(full sine wave)
TO-92
T
C = 50°C
1.0A
A
SOT-223
T
L = 90°C
I
TSM
Non repetitive surge peak on-state current
(Single cycle, T
J initial = 25°C)
TO-92
SOT-223
F = 50 Hz
10
A
F = 60 Hz
12
I2tI2t Value for fusing
t
p = 10 ms
F = 50 Hz
0.50
A2s
t
p = 8.3 ms
F = 60 Hz
0.59
di/dt
Critical rate of rise of on-state current I
G = 2 x IGT
TO-92
SOT-223
T
J = 125°C
20
A/μs
I
GTM
Peak gate current
t
p = 10 μs
T
J = 125°C
1A
P
G(AV)
Average gate power dissipation
T
J = 125°C
0.1
W
T
stg
Storage junction temperature range
-40 to 150
°C
T
J
Operating junction temperature range
-40 to 125
°C
Schematic Symbol
MT1
G
MT2
Applications
The L01 EV Series is especially designed for white goods
applications such as valve controls in washing machines as
well as replacement of mechanical and hybrid relays where
long life is required.
DRM)
capability — up to 800V
10Amps
μsec
mount packages


Similar Part No. - L01XXYEAP

ManufacturerPart #DatasheetDescription
logo
List of Unclassifed Man...
L01-6300 ETC2-L01-6300 Datasheet
2Mb / 2P
   Input Voltage
L01-6301 ETC2-L01-6301 Datasheet
2Mb / 2P
   Input Voltage
L01-6302 ETC2-L01-6302 Datasheet
2Mb / 2P
   Input Voltage
L01-6303 ETC2-L01-6303 Datasheet
2Mb / 2P
   Input Voltage
L01-6304 ETC2-L01-6304 Datasheet
2Mb / 2P
   Input Voltage
More results

Similar Description - L01XXYEAP

ManufacturerPart #DatasheetDescription
logo
Littelfuse
LX803DE LITTELFUSE-LX803DE Datasheet
257Kb / 8P
   New 0.8 Amp bi-directional solid state switch series offering direct
logo
AVAGO TECHNOLOGIES LIMI...
ASSR-1510 AVAGO-ASSR-1510 Datasheet
197Kb / 15P
   Compact Solid-State Bi-directional Signal Switch
ASSR-322R AVAGO-ASSR-322R Datasheet
124Kb / 12P
   Compact Solid-State Bi-directional Signal Switch
ASSR-1218 AVAGO-ASSR-1218 Datasheet
356Kb / 12P
   Compact Solid-State Bi-directional Signal Switch
ASSR-301C AVAGO-ASSR-301C Datasheet
110Kb / 7P
   Compact Solid-State Bi-directional Signal Switch
logo
Littelfuse
QXX12LH2 LITTELFUSE-QXX12LH2 Datasheet
923Kb / 8P
   12 Amp bi-directional solid state switch series is designed for AC switching
Q6006LH456 LITTELFUSE-Q6006LH456 Datasheet
1Mb / 14P
   6 Amp bi-directional solid state switch series is designed for AC switching
LXX04L3 LITTELFUSE-LXX04L3 Datasheet
403Kb / 10P
   4 Amp bi-directional solid state switch series is designed for AC switching
LXX8E3 LITTELFUSE-LXX8E3 Datasheet
385Kb / 10P
   0.8 Amp bi-directional solid state switch series is designed for AC switching
QXX10L4 LITTELFUSE-QXX10L4 Datasheet
967Kb / 9P
   10 Amp bi-directional solid state switch series is designed for AC switching
More results


Html Pages

1 2 3 4 5 6 7 8


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.NET
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com