Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

MC68160C Datasheet(PDF) 1 Page - Motorola, Inc

Part # MC68160C
Description  ENHANCED ETHERNET INTERFACE TRANSCEIVER
Download  30 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  MOTOROLA [Motorola, Inc]
Direct Link  http://www.freescale.com
Logo MOTOROLA - Motorola, Inc

MC68160C Datasheet(HTML) 1 Page - Motorola, Inc

  MC68160C Datasheet HTML 1Page - Motorola, Inc MC68160C Datasheet HTML 2Page - Motorola, Inc MC68160C Datasheet HTML 3Page - Motorola, Inc MC68160C Datasheet HTML 4Page - Motorola, Inc MC68160C Datasheet HTML 5Page - Motorola, Inc MC68160C Datasheet HTML 6Page - Motorola, Inc MC68160C Datasheet HTML 7Page - Motorola, Inc MC68160C Datasheet HTML 8Page - Motorola, Inc MC68160C Datasheet HTML 9Page - Motorola, Inc Next Button
Zoom Inzoom in Zoom Outzoom out
 1 / 30 page
background image
MC68160
MC68160B
MC68160C
SEMICONDUCTOR
TECHNICAL DATA
ENHANCED ETHERNET
INTERFACE TRANSCEIVER
Order this document by MC68160/D
Device
Operating
Temperature Range
Package
FB SUFFIX
PLASTIC PACKAGE
CASE 848D
(TQFP–52)
ORDERING INFORMATION
MC68160FB
TA = 0° to + 70°C
TQFP–52
52
1
MC68160CFB
TQFP–52
MC68160BFB
TA = –40° to + 85°C
TQFP–52
1
MOTOROLA ANALOG IC DEVICE DATA
Enhanced Ethernet Transceiver
The MC68160, B and C Enhanced Ethernet Interface Circuit is a BiCMOS
device which supports both IEEE 802.3* Access Unit Interface (AUI) and
10BASE–T Twisted Pair (TP) Interface media connections through external
isolation transformers. It encodes NRZ data to Manchester data and
supplies the signals which are required for data communication via
10BASE–T or AUI interfaces. The MC68160, B and C gluelessly interface to
the Ethernet controller contained in the MC68360 Quad Integrated
Communications Controller (QUICC) device. The MC68160 also interfaces
easily to most other industry–standard IEEE 802.3 LAN controllers.** Prior to
twisted pair data reception, Smart Squelch circuitry qualifies input signals for
correct amplitude, pulse width, and sequence requirements.
Automatic Twisted Pair Wiring Polarity Fault Detection and Correction
Option
Automatic Port Selection Option with Status Output
Driver Pre–emphasis for Twisted Pair Output Data
Crystal Controlled Clock Oscillator or External Clock Generator Option
Digital Phase–Locked–Loop (DPLL) Timing Recovery and Data Decoding
Standby Mode with Reduced Power Consumption
Twisted Pair Signal Quality Error (Heartbeat) Test Option
Diagnostic Local Loop Back Option
Transmit, Receive and Collision Detection Status Output
Full–Duplex Operation Option on Twisted Pair Port
Twisted Pair Jabber Detection and Status Output
Link Integrity Testing and Status Output
** MC68160B does not support all IEEE 802.3 specifications over extended
** temperature range. Exceptions noted in specifications.
** MC68160B, C only support Motorola controllers
The sale and use of this product is licensed under technology covered by one
or more Digital Equipment Corporation patents.
© Motorola, Inc. 1997
Rev 1


Similar Part No. - MC68160C

ManufacturerPart #DatasheetDescription
logo
Pulse A Technitrol Comp...
MC68160 PULSE-MC68160 Datasheet
253Kb / 12P
   LAN DISCRETE TRANSFORMER MODULES
G003.U 2/07
logo
Motorola, Inc
MC68160A MOTOROLA-MC68160A Datasheet
355Kb / 32P
   ENHANCED ETHERNET INTERFACE TRANSCEIVER
logo
Integrated Device Techn...
MC68160A IDT-MC68160A Datasheet
577Kb / 30P
   Enhanced Ethernet Transceiver
MC68160AFB IDT-MC68160AFB Datasheet
577Kb / 30P
   Enhanced Ethernet Transceiver
More results

Similar Description - MC68160C

ManufacturerPart #DatasheetDescription
logo
Motorola, Inc
MC68160A MOTOROLA-MC68160A Datasheet
355Kb / 32P
   ENHANCED ETHERNET INTERFACE TRANSCEIVER
logo
Integrated Device Techn...
MC68160A IDT-MC68160A Datasheet
577Kb / 30P
   Enhanced Ethernet Transceiver
logo
NXP Semiconductors
NE83Q93 PHILIPS-NE83Q93 Datasheet
90Kb / 11P
   Enhanced coaxial Ethernet transceiver
1995 May 1
NE8392C PHILIPS-NE8392C Datasheet
73Kb / 9P
   Coaxial transceiver interface for Ethernet/Thin Ethernet
1995 May 1
logo
MUSIC Semiconductors
MU9C8328 MUSIC-MU9C8328 Datasheet
96Kb / 16P
   Ethernet Interface
MU9C8328A MUSIC-MU9C8328A Datasheet
93Kb / 16P
   Ethernet Interface
logo
Texas Instruments
TLK1221 TI-TLK1221 Datasheet
854Kb / 23P
[Old version datasheet]   ETHERNET TRANSCEIVER
logo
Cirrus Logic
CS8904 CIRRUS-CS8904 Datasheet
1Mb / 34P
   ETHERNET TRANSCEIVER
logo
Melexis Microelectronic...
TH8082 MELEXIS-TH8082 Datasheet
648Kb / 26P
   Enhanced SoloLIN Transceiver
MLX80020 MELEXIS-MLX80020 Datasheet
781Kb / 26P
   Enhanced LIN Transceiver
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.NET
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com