Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

FSGM0465RBUDTU Datasheet(PDF) 11 Page - Fairchild Semiconductor

Part # FSGM0465RBUDTU
Description  Green-Mode Fairchild Power Switch
Download  18 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  FAIRCHILD [Fairchild Semiconductor]
Direct Link  http://www.fairchildsemi.com
Logo FAIRCHILD - Fairchild Semiconductor

FSGM0465RBUDTU Datasheet(HTML) 11 Page - Fairchild Semiconductor

Back Button FSGM0465RBUDTU Datasheet HTML 7Page - Fairchild Semiconductor FSGM0465RBUDTU Datasheet HTML 8Page - Fairchild Semiconductor FSGM0465RBUDTU Datasheet HTML 9Page - Fairchild Semiconductor FSGM0465RBUDTU Datasheet HTML 10Page - Fairchild Semiconductor FSGM0465RBUDTU Datasheet HTML 11Page - Fairchild Semiconductor FSGM0465RBUDTU Datasheet HTML 12Page - Fairchild Semiconductor FSGM0465RBUDTU Datasheet HTML 13Page - Fairchild Semiconductor FSGM0465RBUDTU Datasheet HTML 14Page - Fairchild Semiconductor FSGM0465RBUDTU Datasheet HTML 15Page - Fairchild Semiconductor Next Button
Zoom Inzoom in Zoom Outzoom out
 11 / 18 page
background image
© 2009 Fairchild Semiconductor Corporation
www.fairchildsemi.com
FSGM0465RB • Rev. 1.0.2
11
4.3. Output-Short Protection (OSP): If the output is
shorted, steep current with extremely high di/dt can
flow through the SenseFET during the minimum turn-
on time. Such a steep current brings high-voltage
stress on the drain of the SenseFET when turned off.
To protect the device from this abnormal condition,
OSP is included. It is comprised of detecting VFB and
SenseFET turn-on time. When the VFB is higher than
2V and the SenseFET turn-on time is lower than
1.2μs, the FSGM0465RB recognizes this condition as
an abnormal error and shuts down PWM switching
until VCC reaches VSTART again. An abnormal
condition output short is shown in Figure 22.
Figure 22. Output-Short Protection
4.4
Over-Voltage
Protection
(OVP):
If
the
secondary-side feedback circuit malfunctions or a
solder defect causes an opening in the feedback
path, the current through the opto-coupler transistor
becomes almost zero. Then VFB climbs up in a similar
manner to the overload situation, forcing the preset
maximum current to be supplied to the SMPS until
the overload protection is triggered. Because more
energy than required is provided to the output, the
output voltage may exceed the rated voltage before
the overload protection is triggered, resulting in the
breakdown of the devices in the secondary side. To
prevent this situation, an OVP circuit is employed. In
general, the VCC is proportional to the output voltage
and the FSGM0465RB uses VCC instead of directly
monitoring the output voltage. If VCC exceeds 24.5V,
an OVP circuit is triggered, resulting in the
termination of the switching operation. To avoid
undesired activation of OVP during normal operation,
VCC should be designed to be below 24.5V.
4.5 Thermal Shutdown (TSD): The SenseFET and
the control IC on a die in one package makes it
easier for the control IC to detect the over
temperature of the SenseFET. If the temperature
exceeds ~140
°C, the thermal shutdown is triggered
and
the
FSGM0465RB
stops
operation.
The
FSGM0465RB operates in auto-restart mode until the
temperature decreases to around 110
°C, when
normal operation resumes.
5. Soft Burst-Mode Operation: To minimize power
dissipation in standby mode, the FSGM0465RB enters
burst-mode operation. As the load decreases, the
feedback voltage decreases. As shown in Figure 23,
the device automatically enters burst mode when the
feedback voltage drops below VBURL (500mV). At this
point, switching stops and the output voltages start to
drop at a rate dependent on standby current load. This
causes the feedback voltage to rise. Once it passes
VBURH (700mV), switching resumes. At this point, the
drain current peak increases gradually. This soft burst-
mode can reduce audible noise during burst-mode
operation. The feedback voltage then falls and the
process repeats. Burst-mode operation alternately
enables and disables switching of the SenseFET,
thereby reducing switching loss in standby mode.
Figure 23. Burst-Mode Operation


Similar Part No. - FSGM0465RBUDTU

ManufacturerPart #DatasheetDescription
logo
Fairchild Semiconductor
FSGM0465R FAIRCHILD-FSGM0465R Datasheet
909Kb / 18P
   Green-Mode Fairchild Power Switch
logo
ON Semiconductor
FSGM0465R ONSEMI-FSGM0465R Datasheet
468Kb / 18P
   Green-Mode Power Switch
July, 2019 ??Rev. 2
logo
Fairchild Semiconductor
FSGM0465RLDTU FAIRCHILD-FSGM0465RLDTU Datasheet
909Kb / 18P
   Green-Mode Fairchild Power Switch
logo
ON Semiconductor
FSGM0465RLDTU ONSEMI-FSGM0465RLDTU Datasheet
468Kb / 18P
   Green-Mode Power Switch
July, 2019 ??Rev. 2
logo
Fairchild Semiconductor
FSGM0465RUDTU FAIRCHILD-FSGM0465RUDTU Datasheet
909Kb / 18P
   Green-Mode Fairchild Power Switch
More results

Similar Description - FSGM0465RBUDTU

ManufacturerPart #DatasheetDescription
logo
Fairchild Semiconductor
FSCM0465R FAIRCHILD-FSCM0465R Datasheet
450Kb / 20P
   Green Mode Fairchild Power Switch
FSQ100 FAIRCHILD-FSQ100 Datasheet
741Kb / 12P
   Green Mode Fairchild Power Switch
FSL127H FAIRCHILD-FSL127H Datasheet
1Mb / 15P
   Green Mode Fairchild Power Switch
FSQ0765RQ FAIRCHILD-FSQ0765RQ Datasheet
3Mb / 19P
   Green-Mode Fairchild Power Switch
FSDM0465RE FAIRCHILD-FSDM0465RE Datasheet
519Kb / 21P
   Green Mode Fairchild Power Switch
FSDH321 FAIRCHILD-FSDH321_04 Datasheet
510Kb / 20P
   Green Mode Fairchild Power Switch
FSBH0170 FAIRCHILD-FSBH0170_11 Datasheet
944Kb / 16P
   Green Mode Fairchild Power Switch
FSBH0F70A FAIRCHILD-FSBH0F70A_10 Datasheet
801Kb / 16P
   Green Mode Fairchild Power Switch
FSGM0765R FAIRCHILD-FSGM0765R Datasheet
823Kb / 18P
   Green-Mode Fairchild Power Switch
FSL137H FAIRCHILD-FSL137H_10 Datasheet
1Mb / 15P
   Green Mode Fairchild Power Switch
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.NET
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com