Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

FSGM0565RBLDTU Datasheet(PDF) 8 Page - Fairchild Semiconductor

Part # FSGM0565RBLDTU
Description  Green-Mode Fairchild Power Switch
Download  18 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  FAIRCHILD [Fairchild Semiconductor]
Direct Link  http://www.fairchildsemi.com
Logo FAIRCHILD - Fairchild Semiconductor

FSGM0565RBLDTU Datasheet(HTML) 8 Page - Fairchild Semiconductor

Back Button FSGM0565RBLDTU Datasheet HTML 4Page - Fairchild Semiconductor FSGM0565RBLDTU Datasheet HTML 5Page - Fairchild Semiconductor FSGM0565RBLDTU Datasheet HTML 6Page - Fairchild Semiconductor FSGM0565RBLDTU Datasheet HTML 7Page - Fairchild Semiconductor FSGM0565RBLDTU Datasheet HTML 8Page - Fairchild Semiconductor FSGM0565RBLDTU Datasheet HTML 9Page - Fairchild Semiconductor FSGM0565RBLDTU Datasheet HTML 10Page - Fairchild Semiconductor FSGM0565RBLDTU Datasheet HTML 11Page - Fairchild Semiconductor FSGM0565RBLDTU Datasheet HTML 12Page - Fairchild Semiconductor Next Button
Zoom Inzoom in Zoom Outzoom out
 8 / 18 page
background image
© 2010 Fairchild Semiconductor Corporation
www.fairchildsemi.com
FSGM0565RB • Rev. 1.0.0
8
Typical Performance Characteristics
Characteristic graphs are normalized at TA=25°C.
0.80
0.85
0.90
0.95
1.00
1.05
1.10
1.15
1.20
-40℃
-25℃
0℃
25℃
50℃
75℃
100℃
125℃
Temperature [°C]
0.80
0.85
0.90
0.95
1.00
1.05
1.10
1.15
1.20
-40℃
-25℃
0℃
25℃
50℃
75℃
100℃
125℃
Temperature [°C]
Figure 11. UVLO Threshold Voltage (VSTART) vs. TA
Figure 12. UVLO Threshold Voltage (VSTOP) vs. TA
0.80
0.85
0.90
0.95
1.00
1.05
1.10
1.15
1.20
-40℃
-25℃
0℃
25℃
50℃
75℃
100℃
125℃
Temperature [°C]
0.80
0.85
0.90
0.95
1.00
1.05
1.10
1.15
1.20
-40℃
-25℃
0℃
25℃
50℃
75℃
100℃
125℃
Temperature [°C]
Figure 13. Shutdown Feedback Voltage (VSD) vs. TA
Figure 14. Over-Voltage Protection (VOVP) vs. TA
0.80
0.85
0.90
0.95
1.00
1.05
1.10
1.15
1.20
-40℃
-25℃
0℃
25℃
50℃
75℃
100℃
125℃
Temperature [°C]
0.80
0.85
0.90
0.95
1.00
1.05
1.10
1.15
1.20
-40℃
-25℃
0℃
25℃
50℃
75℃
100℃
125℃
Temperature [°C]
Figure 15. Switching Frequency (fS) vs. TA
Figure 16. Maximim Duty Ratio (DMAX) vs. TA


Similar Part No. - FSGM0565RBLDTU

ManufacturerPart #DatasheetDescription
logo
ON Semiconductor
FSGM0565RBLDTU ONSEMI-FSGM0565RBLDTU Datasheet
394Kb / 17P
   Green-Mode Power Switch
June, 2019 ??Rev. 2
More results

Similar Description - FSGM0565RBLDTU

ManufacturerPart #DatasheetDescription
logo
Fairchild Semiconductor
FSCM0465R FAIRCHILD-FSCM0465R Datasheet
450Kb / 20P
   Green Mode Fairchild Power Switch
FSQ100 FAIRCHILD-FSQ100 Datasheet
741Kb / 12P
   Green Mode Fairchild Power Switch
FSL127H FAIRCHILD-FSL127H Datasheet
1Mb / 15P
   Green Mode Fairchild Power Switch
FSQ0765RQ FAIRCHILD-FSQ0765RQ Datasheet
3Mb / 19P
   Green-Mode Fairchild Power Switch
FSDM0465RE FAIRCHILD-FSDM0465RE Datasheet
519Kb / 21P
   Green Mode Fairchild Power Switch
FSDH321 FAIRCHILD-FSDH321_04 Datasheet
510Kb / 20P
   Green Mode Fairchild Power Switch
FSBH0170 FAIRCHILD-FSBH0170_11 Datasheet
944Kb / 16P
   Green Mode Fairchild Power Switch
FSBH0F70A FAIRCHILD-FSBH0F70A_10 Datasheet
801Kb / 16P
   Green Mode Fairchild Power Switch
FSGM0465RB FAIRCHILD-FSGM0465RB Datasheet
927Kb / 18P
   Green-Mode Fairchild Power Switch
FSGM0765R FAIRCHILD-FSGM0765R Datasheet
823Kb / 18P
   Green-Mode Fairchild Power Switch
FSL137H FAIRCHILD-FSL137H_10 Datasheet
1Mb / 15P
   Green Mode Fairchild Power Switch
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.NET
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com