Electronic Components Datasheet Search |
|
FSGM0765RUDTU Datasheet(PDF) 3 Page - Fairchild Semiconductor |
|
FSGM0765RUDTU Datasheet(HTML) 3 Page - Fairchild Semiconductor |
3 / 18 page © 2009 Fairchild Semiconductor Corporation www.fairchildsemi.com FSGM0765R • Rev. 1.0.2 3 Pin Configuration Figure 3. Pin Configuration (Top View) Pin Definitions Pin # Name Description 1 Drain SenseFET Drain . High-voltage power SenseFET drain connection. 2 GND Ground . This pin is the control ground and the SenseFET source. 3 VCC Power Supply . This pin is the positive supply input, which provides the internal operating current for both startup and steady-state operation. 4 FB Feedback . This pin is internally connected to the inverting input of the PWM comparator. The collector of an opto-coupler is typically tied to this pin. For stable operation, a capacitor should be placed between this pin and GND. If the voltage of this pin reaches 6V, the overload protection triggers, which shuts down the FPS. 5 N.C. No Connection. 6 VSTR Startup . This pin is connected directly, or through a resistor, to the high-voltage DC link. At startup, the internal high-voltage current source supplies internal bias and charges the external capacitor connected to the VCC pin. Once VCC reaches 12V, the internal current source (ICH) is disabled. |
Similar Part No. - FSGM0765RUDTU |
|
Similar Description - FSGM0765RUDTU |
|
|
Link URL |
Privacy Policy |
ALLDATASHEET.NET |
Does ALLDATASHEET help your business so far? [ DONATE ] |
About Alldatasheet | Advertisement | Contact us | Privacy Policy | Link Exchange | Manufacturer List All Rights Reserved©Alldatasheet.com |
Russian : Alldatasheetru.com | Korean : Alldatasheet.co.kr | Spanish : Alldatasheet.es | French : Alldatasheet.fr | Italian : Alldatasheetit.com Portuguese : Alldatasheetpt.com | Polish : Alldatasheet.pl | Vietnamese : Alldatasheet.vn Indian : Alldatasheet.in | Mexican : Alldatasheet.com.mx | British : Alldatasheet.co.uk | New Zealand : Alldatasheet.co.nz |
Family Site : ic2ic.com |
icmetro.com |