Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

FSGM0765RLDTU Datasheet(PDF) 10 Page - Fairchild Semiconductor

Part # FSGM0765RLDTU
Description  Green-Mode Fairchild Power Switch
Download  18 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  FAIRCHILD [Fairchild Semiconductor]
Direct Link  http://www.fairchildsemi.com
Logo FAIRCHILD - Fairchild Semiconductor

FSGM0765RLDTU Datasheet(HTML) 10 Page - Fairchild Semiconductor

Back Button FSGM0765RLDTU Datasheet HTML 6Page - Fairchild Semiconductor FSGM0765RLDTU Datasheet HTML 7Page - Fairchild Semiconductor FSGM0765RLDTU Datasheet HTML 8Page - Fairchild Semiconductor FSGM0765RLDTU Datasheet HTML 9Page - Fairchild Semiconductor FSGM0765RLDTU Datasheet HTML 10Page - Fairchild Semiconductor FSGM0765RLDTU Datasheet HTML 11Page - Fairchild Semiconductor FSGM0765RLDTU Datasheet HTML 12Page - Fairchild Semiconductor FSGM0765RLDTU Datasheet HTML 13Page - Fairchild Semiconductor FSGM0765RLDTU Datasheet HTML 14Page - Fairchild Semiconductor Next Button
Zoom Inzoom in Zoom Outzoom out
 10 / 18 page
background image
© 2009 Fairchild Semiconductor Corporation
www.fairchildsemi.com
FSGM0765R • Rev. 1.0.2
10
4. Protection Circuits
: The FSGM0765R has several
self-protective functions, such as Overload Protection
(OLP), Abnormal Over-Current Protection (AOCP),
Output-Short Protection (OSP), Over-Voltage Protection
(OVP),
and
Thermal
Shutdown (TSD). All the
protections are implemented as auto-restart. Once the
fault condition is detected, switching is terminated and
the SenseFET remains off. This causes VCC to fall.
When V
B
CC
B
falls to the Under-Voltage Lockout (UVLO)
stop voltage of 7.5V, the protection is reset and the
startup circuit charges the VCC capacitor. When VCC
reaches the start voltage of 12.0V, the FSGM0765R
resumes normal operation. If the fault condition is not
removed, the SenseFET remains off and VCC drops to
stop voltage again. In this manner, the auto-restart can
alternately enable and disable the switching of the
power SenseFET until the fault condition is eliminated.
Because these protection circuits are fully integrated
into the IC without external components, the reliability is
improved without increasing cost.
Figure 19. Auto-Restart Protection Waveforms
4.1 Overload Protection (OLP)
: Overload is defined
as the load current exceeding its normal level due to
an unexpected abnormal event. In this situation, the
protection circuit should trigger to protect the SMPS.
However, even when the SMPS is in normal
operation, the overload protection circuit can be
triggered during the load transition. To avoid this
undesired operation, the overload protection circuit is
designed to trigger only after a specified time to
determine whether it is a transient situation or a true
overload situation. Because of the pulse-by-pulse
current limit capability, the maximum peak current
through the SenseFET is limited and, therefore, the
maximum input power is restricted with a given input
voltage. If the output consumes more than this
maximum power, the output voltage (VOUT) decreases
below the set voltage. This reduces the current
through the opto-coupler LED, which also reduces
the opto-coupler transistor current, thus increasing
the feedback voltage (VFB). If VFB exceeds 2.4V, D1 is
blocked and the 3.3µA current source starts to charge
CFB slowly up. In this condition, VFB continues
increasing until it reaches 6.0V, when the switching
operation is terminated, as shown in Figure 20. The
delay time for shutdown is the time required to charge
CFB from 2.4V to 6.0V with 3.3µA. A 25 ~ 50ms delay
is typical for most applications. This protection is
implemented in auto-restart mode.
Figure 20. Overload Protection
4.2 Abnormal Over-Current Protection (AOCP)
:
When
the
secondary rectifier diodes or the
transformer pins are shorted, a steep current with
extremely high di/dt can flow through the SenseFET
during the minimum turn-on time. Even though the
FSGM0765R has overload protection, it is not
enough to protect the FSGM0765R in that abnormal
case; since severe current stress is imposed on the
SenseFET until OLP is triggered. The FSGM0765R
internal AOCP circuit is shown in Figure 21. When
the gate turn-on signal is applied to the power
SenseFET, the AOCP block is enabled and monitors
the current through the sensing resistor. The voltage
across the resistor is compared with a preset AOCP
level. If the sensing resistor voltage is greater than
the AOCP level, the set signal is applied to the S-R
latch, resulting in the shutdown of the SMPS.
Figure 21. Abnormal Over-Current Protection


Similar Part No. - FSGM0765RLDTU

ManufacturerPart #DatasheetDescription
logo
ON Semiconductor
FSGM0765RLDTU ONSEMI-FSGM0765RLDTU Datasheet
500Kb / 18P
   Green-Mode Power Switch
July, 2019 ??Rev. 2
More results

Similar Description - FSGM0765RLDTU

ManufacturerPart #DatasheetDescription
logo
Fairchild Semiconductor
FSCM0465R FAIRCHILD-FSCM0465R Datasheet
450Kb / 20P
   Green Mode Fairchild Power Switch
FSQ100 FAIRCHILD-FSQ100 Datasheet
741Kb / 12P
   Green Mode Fairchild Power Switch
FSL127H FAIRCHILD-FSL127H Datasheet
1Mb / 15P
   Green Mode Fairchild Power Switch
FSQ0765RQ FAIRCHILD-FSQ0765RQ Datasheet
3Mb / 19P
   Green-Mode Fairchild Power Switch
FSDM0465RE FAIRCHILD-FSDM0465RE Datasheet
519Kb / 21P
   Green Mode Fairchild Power Switch
FSDH321 FAIRCHILD-FSDH321_04 Datasheet
510Kb / 20P
   Green Mode Fairchild Power Switch
FSBH0170 FAIRCHILD-FSBH0170_11 Datasheet
944Kb / 16P
   Green Mode Fairchild Power Switch
FSBH0F70A FAIRCHILD-FSBH0F70A_10 Datasheet
801Kb / 16P
   Green Mode Fairchild Power Switch
FSGM0465RB FAIRCHILD-FSGM0465RB Datasheet
927Kb / 18P
   Green-Mode Fairchild Power Switch
FSL137H FAIRCHILD-FSL137H_10 Datasheet
1Mb / 15P
   Green Mode Fairchild Power Switch
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.NET
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com