Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

SY88992L Datasheet(PDF) 11 Page - Micrel Semiconductor

Part # SY88992L
Description  3.3V, 4.25Gbps VCSEL Driver
Download  11 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  MICREL [Micrel Semiconductor]
Direct Link  http://www.micrel.com
Logo MICREL - Micrel Semiconductor

SY88992L Datasheet(HTML) 11 Page - Micrel Semiconductor

Back Button SY88992L_11 Datasheet HTML 3Page - Micrel Semiconductor SY88992L_11 Datasheet HTML 4Page - Micrel Semiconductor SY88992L_11 Datasheet HTML 5Page - Micrel Semiconductor SY88992L_11 Datasheet HTML 6Page - Micrel Semiconductor SY88992L_11 Datasheet HTML 7Page - Micrel Semiconductor SY88992L_11 Datasheet HTML 8Page - Micrel Semiconductor SY88992L_11 Datasheet HTML 9Page - Micrel Semiconductor SY88992L_11 Datasheet HTML 10Page - Micrel Semiconductor SY88992L_11 Datasheet HTML 11Page - Micrel Semiconductor  
Zoom Inzoom in Zoom Outzoom out
 11 / 11 page
background image
Micrel, Inc.
SY88992L
January 2006
M9999-011306-A
hbwhelp@micrel.com or (408) 955-1690
Package Information
16-Pin (3mm x 3mm) QFN
MICREL, INC. 2180 FORTUNE DRIVE SAN JOSE, CA 95131 USA
TEL +1 (408) 944-0800 FAX +1 (408) 474-1000 WEB http://www.micrel.com
The information furnished by Micrel in this data sheet is believed to be accurate and reliable. However, no responsibility is assumed by Micrel
for its use. Micrel reserves the right to change circuitry and specifications at any time without notification to the customer.
Micrel Products are not designed or authorized for use as components in life support appliances, devices or systems where malfunction of a
product can reasonably be expected to result in personal injury. Life support devices or systems are devices or systems that (a) are intended
for surgical implant into the body or (b) support or sustain life, and whose failure to perform can be reasonably expected to result in a significant
injury to the user. A Purchaser’s use or sale of Micrel Products for use in life support appliances, devices or systems is a Purchaser’s own risk
and Purchaser agrees to fully indemnify Micrel for any damages resulting from such use or sale.
© 2006 Micrel, Incorporated.


Similar Part No. - SY88992L_11

ManufacturerPart #DatasheetDescription
logo
Micrel Semiconductor
SY88992LMG MICREL-SY88992LMG Datasheet
619Kb / 11P
   3.3V, 4.25Gbps VCSEL Driver
SY88992LMGTR MICREL-SY88992LMGTR Datasheet
619Kb / 11P
   3.3V, 4.25Gbps VCSEL Driver
More results

Similar Description - SY88992L_11

ManufacturerPart #DatasheetDescription
logo
Micrel Semiconductor
SY88992L MICREL-SY88992L Datasheet
619Kb / 11P
   3.3V, 4.25Gbps VCSEL Driver
SY84402L MICREL-SY84402L Datasheet
292Kb / 7P
   4.25Gbps VCSEL Driver
logo
Linear Technology
LTC5100 LINER-LTC5100 Datasheet
575Kb / 52P
   3.3V, 3.2Gbps VCSEL Driver
LTC5100 LINER-LTC5100_15 Datasheet
582Kb / 52P
   3.3V, 3.2Gbps VCSEL Driver
logo
Maxim Integrated Produc...
MAX3795 MAXIM-MAX3795 Datasheet
785Kb / 15P
   1Gbps to 4.25Gbps Multirate VCSEL Driver with Diagnostic Monitors
Rev 0; 8/04
logo
Finisar Corporation.
HFE4192-581 FINISAR-HFE4192-581 Datasheet
173Kb / 6P
   4.25GBPS 850NM VCSEL LC TOSA PACKAGE
logo
Micrel Semiconductor
SY88932L MICREL-SY88932L_10 Datasheet
171Kb / 7P
   3.3V, 4.25Gbps SONET/SDH Laser Driver
SY88932L MICREL-SY88932L_08 Datasheet
196Kb / 7P
   3.3V, 4.25Gbps SONET/SDH Laser Driver with Output Disable
SY88024L MICREL-SY88024L Datasheet
365Kb / 10P
   11.3Gbps VCSEL DRIVER
SY88403BL MICREL-SY88403BL_10 Datasheet
501Kb / 12P
   3.3V 4.25Gbps CML Low-Power Limiting
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.NET
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com