Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

SY88992L Datasheet(PDF) 9 Page - Micrel Semiconductor

Part # SY88992L
Description  3.3V, 4.25Gbps VCSEL Driver
Download  11 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  MICREL [Micrel Semiconductor]
Direct Link  http://www.micrel.com
Logo MICREL - Micrel Semiconductor

SY88992L Datasheet(HTML) 9 Page - Micrel Semiconductor

Back Button SY88992L Datasheet HTML 3Page - Micrel Semiconductor SY88992L Datasheet HTML 4Page - Micrel Semiconductor SY88992L Datasheet HTML 5Page - Micrel Semiconductor SY88992L Datasheet HTML 6Page - Micrel Semiconductor SY88992L Datasheet HTML 7Page - Micrel Semiconductor SY88992L Datasheet HTML 8Page - Micrel Semiconductor SY88992L Datasheet HTML 9Page - Micrel Semiconductor SY88992L Datasheet HTML 10Page - Micrel Semiconductor SY88992L Datasheet HTML 11Page - Micrel Semiconductor  
Zoom Inzoom in Zoom Outzoom out
 9 / 11 page
background image
Micrel, Inc.
SY88992L
January 2006
9
M9999-011306-A
hbwhelp@micrel.com or (408) 955-1690
Input and Output Stages
Figure 1a. Simplified Input Stage
Figure 1b. Simplified Output Stage
Interfacing the Input to Different Logic Drivers
Figure 2a. AC-Coupling to LVPECL Driver
Figure 2b. AC-Coupling to CML Driver


Similar Part No. - SY88992L

ManufacturerPart #DatasheetDescription
logo
Micrel Semiconductor
SY88992L MICREL-SY88992L Datasheet
619Kb / 11P
   3.3V, 4.25Gbps VCSEL Driver
SY88992LMG MICREL-SY88992LMG Datasheet
619Kb / 11P
   3.3V, 4.25Gbps VCSEL Driver
SY88992LMGTR MICREL-SY88992LMGTR Datasheet
619Kb / 11P
   3.3V, 4.25Gbps VCSEL Driver
More results

Similar Description - SY88992L

ManufacturerPart #DatasheetDescription
logo
Micrel Semiconductor
SY88992L MICREL-SY88992L Datasheet
619Kb / 11P
   3.3V, 4.25Gbps VCSEL Driver
SY84402L MICREL-SY84402L Datasheet
292Kb / 7P
   4.25Gbps VCSEL Driver
logo
Linear Technology
LTC5100 LINER-LTC5100 Datasheet
575Kb / 52P
   3.3V, 3.2Gbps VCSEL Driver
LTC5100 LINER-LTC5100_15 Datasheet
582Kb / 52P
   3.3V, 3.2Gbps VCSEL Driver
logo
Maxim Integrated Produc...
MAX3795 MAXIM-MAX3795 Datasheet
785Kb / 15P
   1Gbps to 4.25Gbps Multirate VCSEL Driver with Diagnostic Monitors
Rev 0; 8/04
logo
Finisar Corporation.
HFE4192-581 FINISAR-HFE4192-581 Datasheet
173Kb / 6P
   4.25GBPS 850NM VCSEL LC TOSA PACKAGE
logo
Micrel Semiconductor
SY88932L MICREL-SY88932L_10 Datasheet
171Kb / 7P
   3.3V, 4.25Gbps SONET/SDH Laser Driver
SY88932L MICREL-SY88932L_08 Datasheet
196Kb / 7P
   3.3V, 4.25Gbps SONET/SDH Laser Driver with Output Disable
SY88024L MICREL-SY88024L Datasheet
365Kb / 10P
   11.3Gbps VCSEL DRIVER
SY88403BL MICREL-SY88403BL_10 Datasheet
501Kb / 12P
   3.3V 4.25Gbps CML Low-Power Limiting
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.NET
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com