Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

FSL126HR Datasheet(PDF) 11 Page - Fairchild Semiconductor

Part # FSL126HR
Description  Green Mode Fairchild Power Switch
Download  13 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  FAIRCHILD [Fairchild Semiconductor]
Direct Link  http://www.fairchildsemi.com
Logo FAIRCHILD - Fairchild Semiconductor

FSL126HR Datasheet(HTML) 11 Page - Fairchild Semiconductor

Back Button FSL126HR Datasheet HTML 5Page - Fairchild Semiconductor FSL126HR Datasheet HTML 6Page - Fairchild Semiconductor FSL126HR Datasheet HTML 7Page - Fairchild Semiconductor FSL126HR Datasheet HTML 8Page - Fairchild Semiconductor FSL126HR Datasheet HTML 9Page - Fairchild Semiconductor FSL126HR Datasheet HTML 10Page - Fairchild Semiconductor FSL126HR Datasheet HTML 11Page - Fairchild Semiconductor FSL126HR Datasheet HTML 12Page - Fairchild Semiconductor FSL126HR Datasheet HTML 13Page - Fairchild Semiconductor  
Zoom Inzoom in Zoom Outzoom out
 11 / 13 page
background image
© 2011 Fairchild Semiconductor Corporation
www.fairchildsemi.com
FSL126HR • Rev. 1.0.0
11
Output-Short Protection (OSP)
If the output is shorted, steep current with extremely
high di/dt can flow through the SenseFET during the
LEB time. Such a steep current brings high-voltage
stress on the drain of SenseFET when turned off. To
protect the device from such an abnormal condition,
OSP detects VFB and SenseFET turn-on time. When the
VFB is higher than 1.6V and the SenseFET turn-on time
is lower than 1.2µs, the FPS recognizes this condition
as an abnormal error and shuts down PWM switching
until VCC reaches VSTART again. An abnormal condition
output is shown in Figure 20.
Figure 20. Output Short Waveforms (OSP)
Soft-Start
The FPS has an internal soft-start circuit that slowly
increases the feedback voltage, together with the
SenseFET current, after it starts. The typical soft-start
time is 20ms, as shown in Figure 21, where progressive
increments of the SenseFET current are allowed during
the startup phase. The pulse width to the power
switching device is progressively increased to establish
the
correct
working
conditions
for
transformers,
inductors, and capacitors. The voltage on the output
capacitors is progressively increased with the intention
of smoothly establishing the required output voltage.
Soft-start helps to prevent transformer saturation and
reduce the stress on the secondary diode.
Figure 21.
Internal Soft-Start
Burst Operation
To minimize power dissipation in standby mode, the
FPS enters burst mode. As the load decreases, the
feedback voltage decreases. As shown in Figure 22, the
device automatically enters burst mode when the
feedback voltage drops below VBURH.
Switching continues until the feedback voltage drops
below VBURL. At this point, switching stops and the
output voltages start to drop at a rate dependent on the
standby current load. This causes the feedback voltage
to rise. Once it passes VBURH, switching resumes. The
feedback voltage then falls and the process repeats.
Burst mode alternately enables and disables switching
of the SenseFET and reduces switching loss in standby
mode.
Figure 22. Burst-Mode Operation
Adjusting Peak Current Limit
As shown in Figure 23, a combined 6kΩ internal
resistance is connected to the non-inverting lead on the
PWM comparator. An external resistance of Rx on the
current limit pin forms a parallel resistance with the 6kΩ
when the internal diodes are biased by the main current
source of 400µA. For example, FSL126HR has a typical
SenseFET peak current limit (ILIM) of 1.5A. ILIM can be
adjusted to 1A by inserting Rx between the IPK pin and
the ground. The value of the Rx can be estimated by the
following equations:
XkΩ
:
6kΩ
1A
:
1.5A
(1)
6kΩ
||
Rx
X 
(2)
where X is the resistance of the parallel network.
Figure 23. Peak Current Limit Adjustment


Similar Part No. - FSL126HR

ManufacturerPart #DatasheetDescription
logo
ON Semiconductor
FSL126HR ONSEMI-FSL126HR Datasheet
469Kb / 13P
   Green Mode Power Switch
April, 2020 ??Rev. 3
More results

Similar Description - FSL126HR

ManufacturerPart #DatasheetDescription
logo
Fairchild Semiconductor
FSCM0465R FAIRCHILD-FSCM0465R Datasheet
450Kb / 20P
   Green Mode Fairchild Power Switch
FSQ100 FAIRCHILD-FSQ100 Datasheet
741Kb / 12P
   Green Mode Fairchild Power Switch
FSL127H FAIRCHILD-FSL127H Datasheet
1Mb / 15P
   Green Mode Fairchild Power Switch
FSQ0765RQ FAIRCHILD-FSQ0765RQ Datasheet
3Mb / 19P
   Green-Mode Fairchild Power Switch
FSDM0465RE FAIRCHILD-FSDM0465RE Datasheet
519Kb / 21P
   Green Mode Fairchild Power Switch
FSDH321 FAIRCHILD-FSDH321_04 Datasheet
510Kb / 20P
   Green Mode Fairchild Power Switch
FSBH0170 FAIRCHILD-FSBH0170_11 Datasheet
944Kb / 16P
   Green Mode Fairchild Power Switch
FSBH0F70A FAIRCHILD-FSBH0F70A_10 Datasheet
801Kb / 16P
   Green Mode Fairchild Power Switch
FSGM0465RB FAIRCHILD-FSGM0465RB Datasheet
927Kb / 18P
   Green-Mode Fairchild Power Switch
FSGM0765R FAIRCHILD-FSGM0765R Datasheet
823Kb / 18P
   Green-Mode Fairchild Power Switch
FSL137H FAIRCHILD-FSL137H_10 Datasheet
1Mb / 15P
   Green Mode Fairchild Power Switch
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.NET
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com