Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

FSL137H Datasheet(PDF) 2 Page - Fairchild Semiconductor

Part # FSL137H
Description  Green Mode Fairchild Power Switch
Download  15 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  FAIRCHILD [Fairchild Semiconductor]
Direct Link  http://www.fairchildsemi.com
Logo FAIRCHILD - Fairchild Semiconductor

FSL137H Datasheet(HTML) 2 Page - Fairchild Semiconductor

  FSL137H_10 Datasheet HTML 1Page - Fairchild Semiconductor FSL137H_10 Datasheet HTML 2Page - Fairchild Semiconductor FSL137H_10 Datasheet HTML 3Page - Fairchild Semiconductor FSL137H_10 Datasheet HTML 4Page - Fairchild Semiconductor FSL137H_10 Datasheet HTML 5Page - Fairchild Semiconductor FSL137H_10 Datasheet HTML 6Page - Fairchild Semiconductor FSL137H_10 Datasheet HTML 7Page - Fairchild Semiconductor FSL137H_10 Datasheet HTML 8Page - Fairchild Semiconductor FSL137H_10 Datasheet HTML 9Page - Fairchild Semiconductor Next Button
Zoom Inzoom in Zoom Outzoom out
 2 / 15 page
background image
© 2009 Fairchild Semiconductor Corporation
www.fairchildsemi.com
FSL137H Rev. 1.0.3
Application Diagram
HV
Drain
GND
VDD
FB
VIN
Figure 1. Typical Flyback Application
Output Power Table
(1)
Product
230VAC ± 15%
(2)
85-265VAC
Adapter
(3)
Open Frame
(4)
Adapter
(3)
Open Frame
(4)
FSL137H
17.5W
25W
13W
19W
Notes:
1.
The maximum output power can be limited by junction temperature.
2.
230 VAC or 100/115 VAC with doublers.
3.
Typical continuous power in a non-ventilated enclosed adapter with sufficient drain pattern as a heat sink,
at TA=50°C ambient.
4.
Maximum practical continuous power in an open-frame design with sufficient drain pattern as a heat sink,
at TA=50°C ambient.
Internal Block Diagram
Figure 2. Internal Block Diagram


Similar Part No. - FSL137H_10

ManufacturerPart #DatasheetDescription
logo
Fairchild Semiconductor
FSL137HNY FAIRCHILD-FSL137HNY Datasheet
539Kb / 13P
   Green Mode Fairchild Power Switch (FPS??
More results

Similar Description - FSL137H_10

ManufacturerPart #DatasheetDescription
logo
Fairchild Semiconductor
FSCM0465R FAIRCHILD-FSCM0465R Datasheet
450Kb / 20P
   Green Mode Fairchild Power Switch
FSQ100 FAIRCHILD-FSQ100 Datasheet
741Kb / 12P
   Green Mode Fairchild Power Switch
FSL127H FAIRCHILD-FSL127H Datasheet
1Mb / 15P
   Green Mode Fairchild Power Switch
FSQ0765RQ FAIRCHILD-FSQ0765RQ Datasheet
3Mb / 19P
   Green-Mode Fairchild Power Switch
FSDM0465RE FAIRCHILD-FSDM0465RE Datasheet
519Kb / 21P
   Green Mode Fairchild Power Switch
FSDH321 FAIRCHILD-FSDH321_04 Datasheet
510Kb / 20P
   Green Mode Fairchild Power Switch
FSBH0170 FAIRCHILD-FSBH0170_11 Datasheet
944Kb / 16P
   Green Mode Fairchild Power Switch
FSBH0F70A FAIRCHILD-FSBH0F70A_10 Datasheet
801Kb / 16P
   Green Mode Fairchild Power Switch
FSGM0465RB FAIRCHILD-FSGM0465RB Datasheet
927Kb / 18P
   Green-Mode Fairchild Power Switch
FSGM0765R FAIRCHILD-FSGM0765R Datasheet
823Kb / 18P
   Green-Mode Fairchild Power Switch
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.NET
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com