Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

FSQ0565RQWDTU Datasheet(PDF) 8 Page - Fairchild Semiconductor

Part # FSQ0565RQWDTU
Description  Green-Mode Fairchild Power Switch
Download  23 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  FAIRCHILD [Fairchild Semiconductor]
Direct Link  http://www.fairchildsemi.com
Logo FAIRCHILD - Fairchild Semiconductor

FSQ0565RQWDTU Datasheet(HTML) 8 Page - Fairchild Semiconductor

Back Button FSQ0565RQWDTU Datasheet HTML 4Page - Fairchild Semiconductor FSQ0565RQWDTU Datasheet HTML 5Page - Fairchild Semiconductor FSQ0565RQWDTU Datasheet HTML 6Page - Fairchild Semiconductor FSQ0565RQWDTU Datasheet HTML 7Page - Fairchild Semiconductor FSQ0565RQWDTU Datasheet HTML 8Page - Fairchild Semiconductor FSQ0565RQWDTU Datasheet HTML 9Page - Fairchild Semiconductor FSQ0565RQWDTU Datasheet HTML 10Page - Fairchild Semiconductor FSQ0565RQWDTU Datasheet HTML 11Page - Fairchild Semiconductor FSQ0565RQWDTU Datasheet HTML 12Page - Fairchild Semiconductor Next Button
Zoom Inzoom in Zoom Outzoom out
 8 / 23 page
background image
© 2008 Fairchild Semiconductor Corporation
www.fairchildsemi.com
FSQ0565RS/RQ Rev. 1.0.3
8
Comparison Between FSDM0x65RNB and FSQ-Series
Differences Between FSQ0565RS and FSQ0565RQ
Function
FSDM0x65RE
FSQ-Series
FSQ-Series Advantages
Operation Method
Constant
Frequency PWM
Quasi-Resonant
Operation
!
Improved efficiency by valley switching
!
Reduced EMI noise
!
Reduced components to detect valley point
EMI Reduction
Frequency
Modulation
Reduced
EMI Noise
!
Valley Switching
!
Inherent Frequency Modulation
!
Alternate Valley Switching
Hybrid Control
CCM or AVS
Based on Load
and Input Condition
!
Improves efficiency by introducing hybrid control
Burst-Mode
Operation
Burst-Mode
Operation
Advanced
Burst-Mode
Operation
!
Improved standby power by advanced burst-mode
Strong Protections
OLP, OVP
OLP, OVP, OSP
!
Improved reliability through precise OSP
TSD
145°C without
Hysteresis
140°C with 60°C
Hysteresis
!
Stable and reliable TSD operation
!
Converter temperature range
Function
FSQ0565RS
FSQ0565RQ
Remark
ILIM
2.25A
3.0A
!
Lower current peak is suitable to reduce conduc-
tion loss
!
Higher current peak is suitable for handling higher
power
Over Voltage
Protection
VCC OVP
(triggered by VCC
voltage)
Sync OVP
(triggered by Sync
voltage)
!
Sync OVP is suitable when VCC voltage is pre reg-
ulated.


Similar Part No. - FSQ0565RQWDTU

ManufacturerPart #DatasheetDescription
logo
Fairchild Semiconductor
FSQ0565RQWDTU FAIRCHILD-FSQ0565RQWDTU Datasheet
2Mb / 23P
   Green-Mode Fairchild Power Switch (FPS) for Quasi-Resonant Operation - Low EMI and High Efficiency
logo
ON Semiconductor
FSQ0565RQWDTU ONSEMI-FSQ0565RQWDTU Datasheet
2Mb / 24P
   Green-Mode Power Switch for Quasi-Resonant Operation - Low EMI and High Efficiency
October-2017, Rev. 3
More results

Similar Description - FSQ0565RQWDTU

ManufacturerPart #DatasheetDescription
logo
Fairchild Semiconductor
FSCM0465R FAIRCHILD-FSCM0465R Datasheet
450Kb / 20P
   Green Mode Fairchild Power Switch
FSQ100 FAIRCHILD-FSQ100 Datasheet
741Kb / 12P
   Green Mode Fairchild Power Switch
FSL127H FAIRCHILD-FSL127H Datasheet
1Mb / 15P
   Green Mode Fairchild Power Switch
FSQ0765RQ FAIRCHILD-FSQ0765RQ Datasheet
3Mb / 19P
   Green-Mode Fairchild Power Switch
FSDM0465RE FAIRCHILD-FSDM0465RE Datasheet
519Kb / 21P
   Green Mode Fairchild Power Switch
FSDH321 FAIRCHILD-FSDH321_04 Datasheet
510Kb / 20P
   Green Mode Fairchild Power Switch
FSBH0170 FAIRCHILD-FSBH0170_11 Datasheet
944Kb / 16P
   Green Mode Fairchild Power Switch
FSBH0F70A FAIRCHILD-FSBH0F70A_10 Datasheet
801Kb / 16P
   Green Mode Fairchild Power Switch
FSGM0465RB FAIRCHILD-FSGM0465RB Datasheet
927Kb / 18P
   Green-Mode Fairchild Power Switch
FSGM0765R FAIRCHILD-FSGM0765R Datasheet
823Kb / 18P
   Green-Mode Fairchild Power Switch
FSL137H FAIRCHILD-FSL137H_10 Datasheet
1Mb / 15P
   Green Mode Fairchild Power Switch
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.NET
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com