Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

FSDM0765RB Datasheet(PDF) 9 Page - Fairchild Semiconductor

Part # FSDM0765RB
Description  Green-Mode Fairchild Power Switch
Download  19 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  FAIRCHILD [Fairchild Semiconductor]
Direct Link  http://www.fairchildsemi.com
Logo FAIRCHILD - Fairchild Semiconductor

FSDM0765RB Datasheet(HTML) 9 Page - Fairchild Semiconductor

Back Button FSDM0765RB Datasheet HTML 5Page - Fairchild Semiconductor FSDM0765RB Datasheet HTML 6Page - Fairchild Semiconductor FSDM0765RB Datasheet HTML 7Page - Fairchild Semiconductor FSDM0765RB Datasheet HTML 8Page - Fairchild Semiconductor FSDM0765RB Datasheet HTML 9Page - Fairchild Semiconductor FSDM0765RB Datasheet HTML 10Page - Fairchild Semiconductor FSDM0765RB Datasheet HTML 11Page - Fairchild Semiconductor FSDM0765RB Datasheet HTML 12Page - Fairchild Semiconductor FSDM0765RB Datasheet HTML 13Page - Fairchild Semiconductor Next Button
Zoom Inzoom in Zoom Outzoom out
 9 / 19 page
background image
© 2008 Fairchild Semiconductor Corporation
www.fairchildsemi.com
FSQ0765RQ Rev. 1.0.1
9
Typical Performance Characteristics
These characteristic graphs are normalized at TA= 25°C.
Figure 4. Operating Supply Current (IOP) vs. TA
Figure 5. UVLO Start Threshold Voltage
(VSTART) vs. TA
Figure 6. UVLO Stop Threshold Voltage
(VSTOP) vs. TA
Figure 7. Startup Charging Current (ICH) vs. TA
Figure 8. Initial Switching Frequency (fSW) vs. TA
Figure 9. Maximum On Time (tON.MAX) vs. TA
-25
0
25
50
75
100
125
0.0
0.2
0.4
0.6
0.8
1.0
1.2
Temperature [°C]
-25
0
25
50
75
100
125
0.0
0.2
0.4
0.6
0.8
1.0
1.2
Temperature [°C]
-25
0
25
50
75
100
125
0.0
0.2
0.4
0.6
0.8
1.0
1.2
Temperature [°C]
-25
0
25
50
75
100
125
0.0
0.2
0.4
0.6
0.8
1.0
1.2
Temperature [°C]
-25
0
25
50
75
100
125
0.0
0.2
0.4
0.6
0.8
1.0
1.2
Temperature [°C]
-25
0
25
50
75
100
125
0.0
0.2
0.4
0.6
0.8
1.0
1.2
Temperature [°C]


Similar Part No. - FSDM0765RB

ManufacturerPart #DatasheetDescription
logo
Fairchild Semiconductor
FSDM0765RB FAIRCHILD-FSDM0765RB Datasheet
3Mb / 22P
   Green-Mode Fairchild Power Switch (FPS?? for Quasi-Resonant Operation - Low EMI and High Efficiency
FSDM0765RB FAIRCHILD-FSDM0765RB Datasheet
2Mb / 22P
   Green-Mode Fairchild Power Switch (FPS?? for Quasi-Resonant Operation - Low EMI and High Efficiency
More results

Similar Description - FSDM0765RB

ManufacturerPart #DatasheetDescription
logo
Fairchild Semiconductor
FSCM0465R FAIRCHILD-FSCM0465R Datasheet
450Kb / 20P
   Green Mode Fairchild Power Switch
FSQ100 FAIRCHILD-FSQ100 Datasheet
741Kb / 12P
   Green Mode Fairchild Power Switch
FSL127H FAIRCHILD-FSL127H Datasheet
1Mb / 15P
   Green Mode Fairchild Power Switch
FSDM0465RE FAIRCHILD-FSDM0465RE Datasheet
519Kb / 21P
   Green Mode Fairchild Power Switch
FSDH321 FAIRCHILD-FSDH321_04 Datasheet
510Kb / 20P
   Green Mode Fairchild Power Switch
FSBH0170 FAIRCHILD-FSBH0170_11 Datasheet
944Kb / 16P
   Green Mode Fairchild Power Switch
FSBH0F70A FAIRCHILD-FSBH0F70A_10 Datasheet
801Kb / 16P
   Green Mode Fairchild Power Switch
FSGM0465RB FAIRCHILD-FSGM0465RB Datasheet
927Kb / 18P
   Green-Mode Fairchild Power Switch
FSGM0765R FAIRCHILD-FSGM0765R Datasheet
823Kb / 18P
   Green-Mode Fairchild Power Switch
FSL137H FAIRCHILD-FSL137H_10 Datasheet
1Mb / 15P
   Green Mode Fairchild Power Switch
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.NET
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com