Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

FSQ565RQ Datasheet(PDF) 11 Page - Fairchild Semiconductor

Part # FSQ565RQ
Description  Green-Mode Fairchild Power Switch
Download  23 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  FAIRCHILD [Fairchild Semiconductor]
Direct Link  http://www.fairchildsemi.com
Logo FAIRCHILD - Fairchild Semiconductor

FSQ565RQ Datasheet(HTML) 11 Page - Fairchild Semiconductor

Back Button FSQ565RQ Datasheet HTML 7Page - Fairchild Semiconductor FSQ565RQ Datasheet HTML 8Page - Fairchild Semiconductor FSQ565RQ Datasheet HTML 9Page - Fairchild Semiconductor FSQ565RQ Datasheet HTML 10Page - Fairchild Semiconductor FSQ565RQ Datasheet HTML 11Page - Fairchild Semiconductor FSQ565RQ Datasheet HTML 12Page - Fairchild Semiconductor FSQ565RQ Datasheet HTML 13Page - Fairchild Semiconductor FSQ565RQ Datasheet HTML 14Page - Fairchild Semiconductor FSQ565RQ Datasheet HTML 15Page - Fairchild Semiconductor Next Button
Zoom Inzoom in Zoom Outzoom out
 11 / 23 page
background image
© 2008 Fairchild Semiconductor Corporation
www.fairchildsemi.com
FSQ0565RS/RQ Rev. 1.0.3
11
Typical Performance Characteristics (Continued)
These characteristic graphs are normalized at TA= 25°C.
Figure 17. Sync High Threshold Voltage 1
(VSH1) vs. TA
Figure 18. Sync Low Threshold Voltage 1
(VSL1) vs. TA
Figure 19. Shutdown Feedback Voltage (VSD) vs. TA
Figure 20. Over-Voltage Protection (VOV) vs. TA
Figure 21. Sync High Threshold Voltage 2
(VSH2) vs. TA
Figure 22. Sync Low Threshold Voltage 2
(VSL2) vs. TA
-25
0
25
50
75
100
125
0.0
0.2
0.4
0.6
0.8
1.0
1.2
Temperature [°C]
-25
0
25
50
75
100
125
0.0
0.2
0.4
0.6
0.8
1.0
1.2
Temperature [°C]
-25
0
25
50
75
100
125
0.0
0.2
0.4
0.6
0.8
1.0
1.2
Temperature [°C]
-25
0
25
50
75
100
125
0.0
0.2
0.4
0.6
0.8
1.0
1.2
Temperature [°C]
-25
0
25
50
75
100
125
0.0
0.2
0.4
0.6
0.8
1.0
1.2
Temperature [°C]
-25
0
25
50
75
100
125
0.0
0.2
0.4
0.6
0.8
1.0
1.2
Temperature [°C]


Similar Part No. - FSQ565RQ

ManufacturerPart #DatasheetDescription
logo
Fairchild Semiconductor
FSQ500L FAIRCHILD-FSQ500L Datasheet
522Kb / 12P
   Compact, Green Mode, Fairchild Power Switch (FPS??
FSQ500L FAIRCHILD-FSQ500L Datasheet
690Kb / 11P
   Compact Green-Mode Adapter
FSQ500L FAIRCHILD-FSQ500L Datasheet
573Kb / 12P
   Compact, Green Mode, Fairchild Power Switch
FSQ500L FAIRCHILD-FSQ500L_09 Datasheet
573Kb / 12P
   Compact, Green Mode, Fairchild Power Switch
FSQ500N FAIRCHILD-FSQ500N Datasheet
833Kb / 12P
   Green Mode Fairchild Power Switch
More results

Similar Description - FSQ565RQ

ManufacturerPart #DatasheetDescription
logo
Fairchild Semiconductor
FSCM0465R FAIRCHILD-FSCM0465R Datasheet
450Kb / 20P
   Green Mode Fairchild Power Switch
FSQ100 FAIRCHILD-FSQ100 Datasheet
741Kb / 12P
   Green Mode Fairchild Power Switch
FSL127H FAIRCHILD-FSL127H Datasheet
1Mb / 15P
   Green Mode Fairchild Power Switch
FSQ0765RQ FAIRCHILD-FSQ0765RQ Datasheet
3Mb / 19P
   Green-Mode Fairchild Power Switch
FSDM0465RE FAIRCHILD-FSDM0465RE Datasheet
519Kb / 21P
   Green Mode Fairchild Power Switch
FSDH321 FAIRCHILD-FSDH321_04 Datasheet
510Kb / 20P
   Green Mode Fairchild Power Switch
FSBH0170 FAIRCHILD-FSBH0170_11 Datasheet
944Kb / 16P
   Green Mode Fairchild Power Switch
FSBH0F70A FAIRCHILD-FSBH0F70A_10 Datasheet
801Kb / 16P
   Green Mode Fairchild Power Switch
FSGM0465RB FAIRCHILD-FSGM0465RB Datasheet
927Kb / 18P
   Green-Mode Fairchild Power Switch
FSGM0765R FAIRCHILD-FSGM0765R Datasheet
823Kb / 18P
   Green-Mode Fairchild Power Switch
FSL137H FAIRCHILD-FSL137H_10 Datasheet
1Mb / 15P
   Green Mode Fairchild Power Switch
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.NET
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com