Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

MC79L12ACP Datasheet(PDF) 1 Page - Fairchild Semiconductor

Part # MC79L12ACP
Description  3-Terminal 0.1A Negative Voltage Regulator
Download  12 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  FAIRCHILD [Fairchild Semiconductor]
Direct Link  http://www.fairchildsemi.com
Logo FAIRCHILD - Fairchild Semiconductor

MC79L12ACP Datasheet(HTML) 1 Page - Fairchild Semiconductor

  MC79L12ACP Datasheet HTML 1Page - Fairchild Semiconductor MC79L12ACP Datasheet HTML 2Page - Fairchild Semiconductor MC79L12ACP Datasheet HTML 3Page - Fairchild Semiconductor MC79L12ACP Datasheet HTML 4Page - Fairchild Semiconductor MC79L12ACP Datasheet HTML 5Page - Fairchild Semiconductor MC79L12ACP Datasheet HTML 6Page - Fairchild Semiconductor MC79L12ACP Datasheet HTML 7Page - Fairchild Semiconductor MC79L12ACP Datasheet HTML 8Page - Fairchild Semiconductor MC79L12ACP Datasheet HTML 9Page - Fairchild Semiconductor Next Button
Zoom Inzoom in Zoom Outzoom out
 1 / 12 page
background image
©2010 Fairchild Semiconductor Corporation
www.fairchildsemi.com
Rev. 1.0.3
Features
• Output Current up to 100mA
• No External Components
• Internal Thermal Over Load Protection
• Internal Short Circuit Current Limiting
• Output Voltage Offered in
±5% Tolerance
• Output Voltage of -5V, -8V, -12V, -15V, -18V, -24V
Description
These regulators employ internal current limiting and
thermal shutdown, making them essentially indestructible.
TO-92
1
8-SOP
SOT-89
1
1.GND 2.Input 3.Output
1. Output 2.3.6.7. Input 5. GND 4.8. NC
1
Internal Block Diagram
Q1
Q2Q3
Q4
Q5
Q6
Q7
Q8
Q9
Q10
Q11
Q12
Q13
Q14
Q15
Q16
Q17
R1
R2
R3
R4
R5
R6
R7
R15
R16 R17
R18
R26
R22
R24
R25
R29
R
R28
R23+R21
R27
D3
D2
D1
C1
GND
Output
Input
MC79LXXA/LM79LXXA
3-Terminal 0.1A Negative Voltage Regulator


Similar Part No. - MC79L12ACP

ManufacturerPart #DatasheetDescription
logo
Motorola, Inc
MC79L12ACP MOTOROLA-MC79L12ACP Datasheet
135Kb / 6P
   THREE-TERMINAL LOW CURRENT NEGATIVE FIXED VOLTAGE REGULATORS
logo
ON Semiconductor
MC79L12ACP ONSEMI-MC79L12ACP Datasheet
78Kb / 8P
   100 mA Negative Voltage Regulators
January, 2002 ??Rev. 4
logo
Fairchild Semiconductor
MC79L12ACP FAIRCHILD-MC79L12ACP Datasheet
80Kb / 12P
   3-Terminal 0.1A Negative Voltage Regulator
logo
ON Semiconductor
MC79L12ACP ONSEMI-MC79L12ACP Datasheet
133Kb / 11P
   100 mA Negative Voltage Regulators
May, 2008 ??Rev. 9
MC79L12ACPG ONSEMI-MC79L12ACPG Datasheet
133Kb / 11P
   100 mA Negative Voltage Regulators
May, 2008 ??Rev. 9
More results

Similar Description - MC79L12ACP

ManufacturerPart #DatasheetDescription
logo
Fairchild Semiconductor
KA79LXXA FAIRCHILD-KA79LXXA_02 Datasheet
82Kb / 12P
   3-Terminal 0.1A Negative Voltage Regulator
logo
Unisonic Technologies
79LXX UTC-79LXX_11 Datasheet
223Kb / 8P
   3-TERMINAL 0.1A NEGATIVE VOLTAGE REGULATOR
79LXX UTC-79LXX_15 Datasheet
250Kb / 8P
   3-TERMINAL 0.1A NEGATIVE VOLTAGE REGULATOR
logo
Fairchild Semiconductor
MC79LXXA FAIRCHILD-MC79LXXA Datasheet
80Kb / 12P
   3-Terminal 0.1A Negative Voltage Regulator
logo
Boca Semiconductor Corp...
KA79LXXA BOCA-KA79LXXA Datasheet
75Kb / 12P
   3-TERMINAL 0.1A NEGATIVE VOLTAGE REGULATOR
logo
Unisonic Technologies
79LXX UTC-79LXX_10 Datasheet
224Kb / 8P
   3-TERMINAL 0.1A NEGATIVE VOLTAGE REGULATOR
logo
E-Tech Electronics LTD
79LXX ETL-79LXX Datasheet
222Kb / 8P
   3-TERMINAL 0.1A NEGATIVE VOLTAGE REGULATOR
logo
Fairchild Semiconductor
KA79LXXA FAIRCHILD-KA79LXXA_07 Datasheet
73Kb / 14P
   3-Terminal 0.1A Negative Voltage Regulator
logo
HTC Korea TAEJIN Techno...
LM79LXX HTC-LM79LXX Datasheet
235Kb / 10P
   3-TERMINAL 0.1A NEGATIVE VOLTAGE REGULATOR
logo
Unisonic Technologies
79LXX UTC-79LXX_17 Datasheet
205Kb / 8P
   3-TERMINAL 0.1A NEGATIVE VOLTAGE REGULATOR
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.NET
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com