Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

LXX3 Datasheet(PDF) 6 Page - Littelfuse

Part # LXX3
Description  0.8 Amp bi-directional solid state switch series is designed for AC switching
Download  10 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  LITTELFUSE [Littelfuse]
Direct Link  http://www.littelfuse.com
Logo LITTELFUSE - Littelfuse

LXX3 Datasheet(HTML) 6 Page - Littelfuse

Back Button LXX3 Datasheet HTML 2Page - Littelfuse LXX3 Datasheet HTML 3Page - Littelfuse LXX3 Datasheet HTML 4Page - Littelfuse LXX3 Datasheet HTML 5Page - Littelfuse LXX3 Datasheet HTML 6Page - Littelfuse LXX3 Datasheet HTML 7Page - Littelfuse LXX3 Datasheet HTML 8Page - Littelfuse LXX3 Datasheet HTML 9Page - Littelfuse LXX3 Datasheet HTML 10Page - Littelfuse  
Zoom Inzoom in Zoom Outzoom out
 6 / 10 page
background image
20
Revised: March 31, 2010 03:44 PM
©2010 Littelfuse, Inc
Teccor® brand Thyristors
Specifications are subject to change without notice.
Specifications are subject to change without notice.
Please refer to http://www.littelfuse.com for current information.
0.8 Amp Sensitive & Standard Triacs
LxX8Ex & LxXx & QxX8Ex & QxXx Series
Environmental Specifications
Test
Specifications and Conditions
AC Blocking
Peak AC voltage @ 125°C for 1008 hours
Temperature Cycling
100 cycles; -40°C to +150°C; 15-min
dwell-time
Temperature/
Humidity
1008 hours; 320V - DC: 85°C; 85%
rel humidity
High Temp Storage
1008 hours; 150°C
Low-Temp Storage
1008 hours; -40°C
Thermal Shock
10 cycles; 0°C to 100°C; 5-min dwell-
transfer time between temperature
Autoclave
Resistance to
Solder Heat
Solderability
Lead Bend
Physical Specifications
Terminal Finish
Body Material
Lead Material
Copper Alloy
Dimensions — TO-92 (E Package)
A
B
TC Measuring Point
Gate
MT2
MT1
E
H
G
F
D
K
J
L
M
Dimension
Inches
Millimeters
Min
Max
Min
Max
A
0.176
4.47
B
0.500
12.70
D
0.105
2.41
2.67
E
0.150
3.81
0.046
0.054
1.16
1.37
0.135
0.145
3.43
3.68
0.088
2.23
2.44
J
0.176
0.186
4.47
4.73
K
0.088
2.23
2.44
L
0.013
0.33
0.48
0.013
0.017
0.33
0.43
All leads insulated from case. Case is electrically nonconductive.
Design Considerations
Careful selection of the correct device for the application’s
operating parameters and environment will go a long way
design practice should limit the maximum continuous
current through the main terminals to 75% of the device
rating. Other ways to ensure long life for a power discrete
semiconductor are proper heat sinking and selection of
voltage ratings for worst case conditions. Overheating,
the main killers of semiconductors. Correct mounting,
soldering, and forming of the leads also help protect
against component damage.


Similar Part No. - LXX3

ManufacturerPart #DatasheetDescription
logo
Littelfuse
LXX04D3 LITTELFUSE-LXX04D3 Datasheet
403Kb / 10P
   4 Amp bi-directional solid state switch series is designed for AC switching
LXX04D3 LITTELFUSE-LXX04D3 Datasheet
905Kb / 10P
   4 Amp bi-directional solid state switch series is designed for AC switching
Lxx04D3 LITTELFUSE-Lxx04D3 Datasheet
715Kb / 10P
   4 Amp Sensitive & Standard Triacs
LXX04D5 LITTELFUSE-LXX04D5 Datasheet
403Kb / 10P
   4 Amp bi-directional solid state switch series is designed for AC switching
LXX04D5 LITTELFUSE-LXX04D5 Datasheet
905Kb / 10P
   4 Amp bi-directional solid state switch series is designed for AC switching
More results

Similar Description - LXX3

ManufacturerPart #DatasheetDescription
logo
Littelfuse
QXX12LH2 LITTELFUSE-QXX12LH2 Datasheet
923Kb / 8P
   12 Amp bi-directional solid state switch series is designed for AC switching
Q6006LH456 LITTELFUSE-Q6006LH456 Datasheet
1Mb / 14P
   6 Amp bi-directional solid state switch series is designed for AC switching
LXX04L3 LITTELFUSE-LXX04L3 Datasheet
403Kb / 10P
   4 Amp bi-directional solid state switch series is designed for AC switching
QXX25R5 LITTELFUSE-QXX25R5 Datasheet
278Kb / 11P
   25 Amp bi-directional solid state switch series is designed for AC switching
Q6004L4 LITTELFUSE-Q6004L4 Datasheet
905Kb / 10P
   4 Amp bi-directional solid state switch series is designed for AC switching
QXX10L4 LITTELFUSE-QXX10L4 Datasheet
967Kb / 9P
   10 Amp bi-directional solid state switch series is designed for AC switching
QXX40KH6 LITTELFUSE-QXX40KH6 Datasheet
216Kb / 7P
   40 Amp bi-directional solid state switch series is designed for AC switching
QXX35P5 LITTELFUSE-QXX35P5 Datasheet
925Kb / 9P
   30 Amp / 35 Amp bi-directional solid state switch series is designed for AC switching
LX08L6 LITTELFUSE-LX08L6 Datasheet
435Kb / 14P
   8 Amp bi-directional solid state switch series is designed for AC switching and phase
Q6016LH456 LITTELFUSE-Q6016LH456 Datasheet
974Kb / 9P
   15 Amp and 16 Amp bi-directional solid state switch series is designed for AC
More results


Html Pages

1 2 3 4 5 6 7 8 9 10


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.NET
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com