Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

LM7812ACT Datasheet(PDF) 2 Page - Fairchild Semiconductor

Part # LM7812ACT
Description  3-Terminal 1A Positive Voltage Regulator
Download  28 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  FAIRCHILD [Fairchild Semiconductor]
Direct Link  http://www.fairchildsemi.com
Logo FAIRCHILD - Fairchild Semiconductor

LM7812ACT Datasheet(HTML) 2 Page - Fairchild Semiconductor

  LM7812ACT Datasheet HTML 1Page - Fairchild Semiconductor LM7812ACT Datasheet HTML 2Page - Fairchild Semiconductor LM7812ACT Datasheet HTML 3Page - Fairchild Semiconductor LM7812ACT Datasheet HTML 4Page - Fairchild Semiconductor LM7812ACT Datasheet HTML 5Page - Fairchild Semiconductor LM7812ACT Datasheet HTML 6Page - Fairchild Semiconductor LM7812ACT Datasheet HTML 7Page - Fairchild Semiconductor LM7812ACT Datasheet HTML 8Page - Fairchild Semiconductor LM7812ACT Datasheet HTML 9Page - Fairchild Semiconductor Next Button
Zoom Inzoom in Zoom Outzoom out
 2 / 28 page
background image
2
www.fairchildsemi.com
LM78XX/LM78XXA Rev. 1.0
Block Diagram
Figure 1.
Pin Assignment
Figure 2.
Absolute Maximum Ratings
Absolute maximum ratings are those values beyond which damage to the device may occur. The datasheet
specifications should be met, without exception, to ensure that the system design is reliable over its power supply,
temperature, and output/input loading variables. Fairchild does not recommend operation outside datasheet
specifications.
Symbol
Parameter
Value
Unit
VI
Input Voltage
VO = 5V to 18V
35
V
VO = 24V
40
V
RθJC
Thermal Resistance Junction-Cases (TO-220)
5
°C/W
RθJA
Thermal Resistance Junction-Air (TO-220)
65
°C/W
TOPR
Operating Temperature
Range
LM78xx
-40 to +125
°C
LM78xxA
0 to +125
TSTG
Storage Temperature Range
-65 to +150
°C
Starting
Circuit
Input
1
Reference
Voltage
Current
Generator
SOA
Protection
Thermal
Protection
Series Pass
Element
Error
Amplifier
Output
3
GND
2
1
1. Input
2. GND
3. Output
GND
TO-220


Similar Part No. - LM7812ACT

ManufacturerPart #DatasheetDescription
logo
Fairchild Semiconductor
LM7812ACT FAIRCHILD-LM7812ACT Datasheet
335Kb / 23P
   3-Terminal 1A Positive Voltage Regulator
LM7812ACT FAIRCHILD-LM7812ACT Datasheet
556Kb / 28P
   3-Terminal 1A Positive Voltage Regulator
LM7812ACT FAIRCHILD-LM7812ACT Datasheet
1Mb / 28P
   3-Terminal 1A Positive Voltage Regulator
LM7812ACT FAIRCHILD-LM7812ACT Datasheet
460Kb / 24P
   3-Terminal 1 A Positive Voltage Regulator
LM7812ACT FAIRCHILD-LM7812ACT Datasheet
1Mb / 28P
   3-Terminal 1A Positive Voltage Regulator
More results

Similar Description - LM7812ACT

ManufacturerPart #DatasheetDescription
logo
Fairchild Semiconductor
KA7810A FAIRCHILD-KA7810A Datasheet
227Kb / 28P
   3-Terminal 1A Positive Voltage Regulator
logo
Tiger Electronic Co.,Lt...
LM7824J TGS-LM7824J_17 Datasheet
201Kb / 1P
   3-Terminal 1A Positive Voltage Regulator
logo
Unisonic Technologies
LM78XX UTC-LM78XX_05 Datasheet
238Kb / 10P
   3-TERMINAL 1A POSITIVE VOLTAGE REGULATOR
logo
Fairchild Semiconductor
MC780XXE FAIRCHILD-MC780XXE Datasheet
253Kb / 26P
   3-Terminal 1A Positive Voltage Regulator
LM7805A FAIRCHILD-LM7805A Datasheet
335Kb / 23P
   3-Terminal 1A Positive Voltage Regulator
logo
Tiger Electronic Co.,Lt...
LM7815 TGS-LM7815 Datasheet
74Kb / 1P
   3-Terminal 1A Positive Voltage Regulator
logo
Unisonic Technologies
LM78XX_1109 UTC-LM78XX_1109 Datasheet
333Kb / 13P
   3-TERMINAL 1A POSITIVE VOLTAGE REGULATOR
logo
Fairchild Semiconductor
KA78XXE FAIRCHILD-KA78XXE_09 Datasheet
981Kb / 29P
   3-Terminal 1A Positive Voltage Regulator
logo
Tiger Electronic Co.,Lt...
LM7805J TGS-LM7805J Datasheet
87Kb / 1P
   3-Terminal 1A Positive Voltage Regulator
LM7908J TGS-LM7908J Datasheet
105Kb / 1P
   3-Terminal 1A Positive Voltage Regulator
LM7918J TGS-LM7918J Datasheet
105Kb / 1P
   3-Terminal 1A Positive Voltage Regulator
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.NET
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com