Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

SG5842A Datasheet(PDF) 11 Page - Fairchild Semiconductor

Part # SG5842A
Description  Highly Integrated Green-Mode PWM Controller
Download  15 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  FAIRCHILD [Fairchild Semiconductor]
Direct Link  http://www.fairchildsemi.com
Logo FAIRCHILD - Fairchild Semiconductor

SG5842A Datasheet(HTML) 11 Page - Fairchild Semiconductor

Back Button SG5842A Datasheet HTML 7Page - Fairchild Semiconductor SG5842A Datasheet HTML 8Page - Fairchild Semiconductor SG5842A Datasheet HTML 9Page - Fairchild Semiconductor SG5842A Datasheet HTML 10Page - Fairchild Semiconductor SG5842A Datasheet HTML 11Page - Fairchild Semiconductor SG5842A Datasheet HTML 12Page - Fairchild Semiconductor SG5842A Datasheet HTML 13Page - Fairchild Semiconductor SG5842A Datasheet HTML 14Page - Fairchild Semiconductor SG5842A Datasheet HTML 15Page - Fairchild Semiconductor  
Zoom Inzoom in Zoom Outzoom out
 11 / 15 page
background image
© 2007 Fairchild Semiconductor Corporation
www.fairchildsemi.com
SG5842A/SG582JA • Rev. 1.4.3
11
Functional Description (Continued)
Limited Power Control
The FB voltage increases every time the output of the
power supply is shorted or overloaded. If the FB voltage
remains higher than a built-in threshold longer than tD-
OLP, PWM output is turned off. As PWM output is turned
off, the supply voltage VDD begins decreasing.
)
(K
I
R
154
.
2
(ms)
t
OLP
-
D
Ω
×
=
(2)
When VDD goes below the turn-off threshold (eg.
10.5V), the controller is totally shut down. VDD is
charged up to the turn-on threshold voltage of 16.5V
through the startup resistor until PWM output is
restarted. This protection feature remains activated as
long as the overloading condition persists. This
prevents the power supply from overheating due to
overloading conditions.
Protection Latch Circuit
The built-in latch function provides a versatile protection
feature that does not require external components (see
ordering information for a detailed description)
. To reset
the latch circuit, disconnect the AC line voltage of the
power supply.
Thermal Protection
An external NTC thermistor can be connected from the
RT pin to ground. A fixed current, IRT, is sourced from
the RT pin. Because the impedance of the NTC
decreases at high temperatures, when the voltage of
the RT pin drops below 1.05V, PWM output is latched
off. The RT pin output current is related to the PWM
frequency programming resistor RI.
Noise Immunity
Noise from the current sense or the control signal may
cause significant pulse width jitter, particularly in
continuous-conduction mode. Slope compensation
helps alleviate this problem. Good placement and
layout practices should be followed. Avoid long PCB
traces and component leads. Compensation and filter
components should be located near the SG5842A/JA.
Increasing the power-MOS gate resistance is advised.


Similar Part No. - SG5842A

ManufacturerPart #DatasheetDescription
logo
Fairchild Semiconductor
SG5842A FAIRCHILD-SG5842A Datasheet
476Kb / 14P
   Highly Integrated Green-Mode PWM Controller
SG5842ADZ FAIRCHILD-SG5842ADZ Datasheet
476Kb / 14P
   Highly Integrated Green-Mode PWM Controller
SG5842ASZ FAIRCHILD-SG5842ASZ Datasheet
476Kb / 14P
   Highly Integrated Green-Mode PWM Controller
More results

Similar Description - SG5842A

ManufacturerPart #DatasheetDescription
logo
List of Unclassifed Man...
SG6846 ETC1-SG6846 Datasheet
3Mb / 14P
   Highly-Integrated Green-Mode PWM Controller
logo
Fairchild Semiconductor
SG6846A FAIRCHILD-SG6846A Datasheet
490Kb / 13P
   Highly Integrated Green-Mode PWM Controller
SG6741 FAIRCHILD-SG6741 Datasheet
619Kb / 13P
   Highly-Integrated Green-Mode PWM Controller
FAN6862WLTY FAIRCHILD-FAN6862WLTY Datasheet
2Mb / 16P
   Highly Integrated Green-Mode PWM Controller
SG6846B FAIRCHILD-SG6846B Datasheet
451Kb / 15P
   Highly Integrated Green-Mode PWM Controller
SG6741A FAIRCHILD-SG6741A Datasheet
557Kb / 12P
   Highly Integrated Green-Mode PWM Controller
SG6846A FAIRCHILD-SG6846A_08 Datasheet
476Kb / 15P
   Highly Integrated Green-Mode PWM Controller
SG6846G FAIRCHILD-SG6846G Datasheet
376Kb / 14P
   Highly Integrated Green-Mode PWM Controller
FAN6751MR FAIRCHILD-FAN6751MR Datasheet
468Kb / 13P
   Highly-Integrated Green-Mode PWM Controller
FAN6863RTY FAIRCHILD-FAN6863RTY Datasheet
1Mb / 16P
   Highly Integrated Green-Mode PWM Controller
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.NET
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com