Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

P0080SAMCLRP Datasheet(PDF) 4 Page - Littelfuse

Part # P0080SAMCLRP
Description  MC Series DO-214 are low capacitance SIDACtor짰 devices designed to protect
Download  4 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  LITTELFUSE [Littelfuse]
Direct Link  http://www.littelfuse.com
Logo LITTELFUSE - Littelfuse

P0080SAMCLRP Datasheet(HTML) 4 Page - Littelfuse

  P0080SAMCLRP Datasheet HTML 1Page - Littelfuse P0080SAMCLRP Datasheet HTML 2Page - Littelfuse P0080SAMCLRP Datasheet HTML 3Page - Littelfuse P0080SAMCLRP Datasheet HTML 4Page - Littelfuse  
Zoom Inzoom in Zoom Outzoom out
 4 / 4 page
background image
SIDACtor® ProtectionThyristors
75
Revised: February 22, 2011
© 2011 Littelfuse, Inc.
Specifications are subject to change without notice.
Please refer to www.littelfuse.com for current information.
Broadband OptimizedProtection
Packing Options
Part Numbering
PackageType
Description
Quantity
Added Suffix
Industry Standard
S
DO-214AA
Tape & Reel Pack
2500
N/A
EIA-481-D
Dimensions — DO-214AA
0.079
(2.0)
0.110
(2.8)
0.079
(2.0)
Pad Outline
H
K
E
F
G
A
C
B
D
Case
Temperature
Measurement
Point
inch
(millimeter)
Dimensions
Inches
Millimeters
Min
Max
Min
Max
A
0.130
0.156
3.30
3.95
B
0.201
0.220
5.10
5.60
C
0.077
0.087
1.95
2.20
D
0.159
0.181
4.05
4.60
E
0.030
0.063
0.75
1.60
F
0.075
0.096
1.90
2.45
G
0.002
0.008
0.05
0.20
H
0.077
0.104
1.95
2.65
K
0.006
0.016
0.15
0.41
CONSTRUCTION VARIABLE
REEL PACK
I
PP RATING
RoHS COMPLIANT
TYPE
P = SIDACtor
P
MC L RP
MEDIAN VOLTAGE
PACKAGE TYPE
xxx 0 S C
MC Series
Part Marking
Pxxxx
Date Code
Part Marking Code
(Refer to Electrical Characteristics Table)
xxxxx
Tape and Reel Specification — DO-214AA
0.472
(12.0) 0.36
(9.2)
0.315
(8.0)
0.157
(4.0)
0.49
(12.4)
0.512 (13.0)
Arbor Hole Dia.
12.99
(330.0)
Dimensions are in inches
(and millimeters).
Direction of Feed
0.059 DIA
(1.5)
Cover tape


Similar Part No. - P0080SAMCLRP

ManufacturerPart #DatasheetDescription
logo
Littelfuse
P0080SAMCL LITTELFUSE-P0080SAMCL Datasheet
148Kb / 2P
   MicroCapacitance (MC) SA SIDACtor짰 Device
P0080SAMCL LITTELFUSE-P0080SAMCL Datasheet
843Kb / 52P
   gas plasma arresters-package dimensions/specifications
P0080SAMCL LITTELFUSE-P0080SAMCL Datasheet
155Kb / 2P
   MicroCapacitance (MC) SA SIDACtor짰 Device
P0080SAMCL LITTELFUSE-P0080SAMCL Datasheet
155Kb / 2P
   MicroCapacitance (MC) SA SIDACtor Device
More results

Similar Description - P0080SAMCLRP

ManufacturerPart #DatasheetDescription
logo
Littelfuse
P0642SALRP LITTELFUSE-P0642SALRP Datasheet
142Kb / 5P
   TwinChip??Series DO-214 are very low capacitance SIDACtor짰 devices designed
P0080ECMCLXXX LITTELFUSE-P0080ECMCLXXX Datasheet
147Kb / 4P
   MC Series TO-92 are low capacitance SIDACtor짰 devices designed to protect
logo
DONGGUAN YOU FENG WEI E...
P0080SA-SMB YFWDIODE-P0080SA-SMB Datasheet
768Kb / 5P
   SIDACtor짰 Series DO-214AA are designed to protect
logo
Littelfuse
P0080Q22CLRP LITTELFUSE-P0080Q22CLRP_11 Datasheet
135Kb / 4P
   Q2L Series 3.3x3.3 QFN are low capacitance SIDACtor짰 devices designed to protect
P0080Q12ALRP LITTELFUSE-P0080Q12ALRP_11 Datasheet
143Kb / 5P
   Q2L Series 3x3 QFN are low capacitance SIDACtor짰 devices designed to protect
P0084UCMCLXX LITTELFUSE-P0084UCMCLXX Datasheet
152Kb / 5P
   MC Multiport Series MS-013 are low capacitance SIDACtor짰 devices designed
T10A060BXX LITTELFUSE-T10A060BXX Datasheet
129Kb / 4P
   T10A Series are SIDACtor짰 devices designed protect baseband
P1553ACMCLXX LITTELFUSE-P1553ACMCLXX Datasheet
1Mb / 4P
   Balanced MC Series Modified TO-220 are low capacitance SIDACtor짰 devices
P2602GALRP LITTELFUSE-P2602GALRP Datasheet
140Kb / 4P
   TwinChip??Series DO-15 are very low capacitance SIDACtor짰 devices
T10B080BXX LITTELFUSE-T10B080BXX Datasheet
121Kb / 4P
   T10B Series are SIDACtor짰 devices designed protect baseband equipment
More results


Html Pages

1 2 3 4


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.NET
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com