Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

SG5842JASY Datasheet(PDF) 1 Page - Fairchild Semiconductor

Part # SG5842JASY
Description  Highly Integrated Green-Mode PWM Controller
Download  15 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  FAIRCHILD [Fairchild Semiconductor]
Direct Link  http://www.fairchildsemi.com
Logo FAIRCHILD - Fairchild Semiconductor

SG5842JASY Datasheet(HTML) 1 Page - Fairchild Semiconductor

  SG5842JASY Datasheet HTML 1Page - Fairchild Semiconductor SG5842JASY Datasheet HTML 2Page - Fairchild Semiconductor SG5842JASY Datasheet HTML 3Page - Fairchild Semiconductor SG5842JASY Datasheet HTML 4Page - Fairchild Semiconductor SG5842JASY Datasheet HTML 5Page - Fairchild Semiconductor SG5842JASY Datasheet HTML 6Page - Fairchild Semiconductor SG5842JASY Datasheet HTML 7Page - Fairchild Semiconductor SG5842JASY Datasheet HTML 8Page - Fairchild Semiconductor SG5842JASY Datasheet HTML 9Page - Fairchild Semiconductor Next Button
Zoom Inzoom in Zoom Outzoom out
 1 / 15 page
background image
December 2009
© 2007 Fairchild Semiconductor Corporation
www.fairchildsemi.com
SG5842A/SG5842JA • Rev. 1.4.3
SG5842A/SG5842JA — Highly Integrated Green-Mode
PWM Controller
Features
Green-Mode PWM Controller
Low Startup Current: 14µA
Low Operating Current: 4mA
Programmable PWM Frequency with Hopping
(SG5842JA)
Peak-Current-Mode Control
Cycle-by-Cycle Current Limiting
Synchronized Slope Compensation
Leading-Edge Blanking (LEB)
Constant Output Power Limit
Totem-Pole Output with Soft Driving
VDD Over-Voltage Protection (OVP)
Programmable Over-Temperature Protection (OTP)
Internal Latch Circuit (OTP, OVP)
Internal Open-Loop Protection
VDD Under-Voltage Lockout (UVLO)
GATE Output Maximum Voltage Clamp: 18V
Applications
General-purpose switch-mode power supplies and
flyback power converters, including:
Notebook Power Adapters
Open-Frame SMPS
Description
The highly integrated SG5842A/JA series of PWM
controllers provides several features to enhance the
performance of flyback converters. To minimize standby
power consumption, a proprietary green-mode function
provides off-time modulation to continuously decrease
the switching frequency at light-load conditions. To
avoid acoustic-noise problems, the minimum PWM
frequency set above 22KHz. This green-mode function
enables the power supply to meet international power
conservation requirements. To further reduce power
consumption, SG5842A/JA is manufactured using the
BiCMOS process. This allows a low startup current,
around 14µA, and an operating current of only 4mA. As
a result, a large startup resistance can be used.
The
SG5842A/JA
built-in
synchronized
slope
compensation
achieves
stable
peak-current-mode
control. SG5842JA integrates a frequency-hopping
function that helps reduce EMI emission of a power
supply with minimum line filters.
SG5842A/JA provides many protection functions. In
addition to cycle-by-cycle current limiting, the internal
open-loop protection circuit ensures safety should an
open-loop or output short-circuit failure occur. PWM
output is disabled until VDD drops below the UVLO lower
limit, then the controller starts again. As long as VDD
exceeds about 24V, the internal OVP circuit is triggered.
An external NTC thermistor can be applied for over-
temperature protection.
SG5842A/JA is available in an 8-pin DIP or SOP
package.


Similar Part No. - SG5842JASY

ManufacturerPart #DatasheetDescription
logo
Fairchild Semiconductor
SG5842JASZ FAIRCHILD-SG5842JASZ Datasheet
476Kb / 14P
   Highly Integrated Green-Mode PWM Controller
More results

Similar Description - SG5842JASY

ManufacturerPart #DatasheetDescription
logo
List of Unclassifed Man...
SG6846 ETC1-SG6846 Datasheet
3Mb / 14P
   Highly-Integrated Green-Mode PWM Controller
logo
Fairchild Semiconductor
SG6846A FAIRCHILD-SG6846A Datasheet
490Kb / 13P
   Highly Integrated Green-Mode PWM Controller
SG6741 FAIRCHILD-SG6741 Datasheet
619Kb / 13P
   Highly-Integrated Green-Mode PWM Controller
FAN6862WLTY FAIRCHILD-FAN6862WLTY Datasheet
2Mb / 16P
   Highly Integrated Green-Mode PWM Controller
SG6846B FAIRCHILD-SG6846B Datasheet
451Kb / 15P
   Highly Integrated Green-Mode PWM Controller
SG6741A FAIRCHILD-SG6741A Datasheet
557Kb / 12P
   Highly Integrated Green-Mode PWM Controller
SG6846A FAIRCHILD-SG6846A_08 Datasheet
476Kb / 15P
   Highly Integrated Green-Mode PWM Controller
SG6846G FAIRCHILD-SG6846G Datasheet
376Kb / 14P
   Highly Integrated Green-Mode PWM Controller
FAN6751MR FAIRCHILD-FAN6751MR Datasheet
468Kb / 13P
   Highly-Integrated Green-Mode PWM Controller
FAN6863RTY FAIRCHILD-FAN6863RTY Datasheet
1Mb / 16P
   Highly Integrated Green-Mode PWM Controller
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.NET
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com