Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

MC78M08CDT Datasheet(PDF) 8 Page - Fairchild Semiconductor

Part # MC78M08CDT
Description  3-Terminal 0.5A Positive Voltage Regulator
Download  14 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  FAIRCHILD [Fairchild Semiconductor]
Direct Link  http://www.fairchildsemi.com
Logo FAIRCHILD - Fairchild Semiconductor

MC78M08CDT Datasheet(HTML) 8 Page - Fairchild Semiconductor

Back Button MC78M08CDT Datasheet HTML 4Page - Fairchild Semiconductor MC78M08CDT Datasheet HTML 5Page - Fairchild Semiconductor MC78M08CDT Datasheet HTML 6Page - Fairchild Semiconductor MC78M08CDT Datasheet HTML 7Page - Fairchild Semiconductor MC78M08CDT Datasheet HTML 8Page - Fairchild Semiconductor MC78M08CDT Datasheet HTML 9Page - Fairchild Semiconductor MC78M08CDT Datasheet HTML 10Page - Fairchild Semiconductor MC78M08CDT Datasheet HTML 11Page - Fairchild Semiconductor MC78M08CDT Datasheet HTML 12Page - Fairchild Semiconductor Next Button
Zoom Inzoom in Zoom Outzoom out
 8 / 14 page
background image
MC78MXX/LM78MXX
8
Electrical Characteristics (MC78M24) (Continued)
(Refer to the test circuits, 0 < TJ < +125°C, IO=350mA, VI=33V, unless otherwise specified, CI =0.33μF, CO=0.1μF)
Note:
1. Load and line regulation are specified at constant junction temperature. Change in VO due to heating effects must be taken
into account separately. Pulse testing with low duty is used.
Parameter
Symbol
Conditions
Min.
Typ.
Max.
Unit
Output Voltage
VO
TJ =+25°C23
24
25
V
IO = 5mA to 350mA
VI = 27V to 38V
22.8
24
25.2
Line Regulation (Note1)
ΔVO
IO = 200mA
TJ =+25°C
VI = 27V to 38V
-
-
100
mV
VI = 28V to 38V
-
-
50
Load Regulation (Note1)
ΔVO
IO = 5mA to 0.5A, TJ =+25°C
-
-
480
mV
IO = 5mA to 200mA, TJ =+25°C
-
-
240
Quiescent Current
IQ
TJ = +25°C-
4.2
6.0
mA
Quiescent Current Change
ΔIQ
IO = 5mA to 350mA
-
-
0.5
mA
IO = 200mA
VI = 27V to 38V
--
0.8
Output Voltage Drift
ΔV/ΔT
IO = 5mA
TJ = 0 to +125°C
--1.2
-
mV/
°C
Output Noise Voltage
VN
f = 10Hz to 100kHz
-
170
-
μV/Vo
Ripple Rejection
RR
f = 120Hz, IO = 300mA
VI = 28V to 38V, TJ =+25 °C
-70
-
dB
Dropout Voltage
VD
TJ = +25°C, IO = 500mA
-
2
-
V
Short Circuit Current
ISC
TJ = +25°C, VI = 35V
-
300
-
mA
Peak Current
IPK
TJ = +25°C
-
700
-
mA


Similar Part No. - MC78M08CDT

ManufacturerPart #DatasheetDescription
logo
Motorola, Inc
MC78M08CDT MOTOROLA-MC78M08CDT Datasheet
189Kb / 12P
   THREE-TERMINAL MEDIUM CURRENT POSITIVE FIXED VOLTAGE REGULATORS
logo
ON Semiconductor
MC78M08CDT ONSEMI-MC78M08CDT Datasheet
153Kb / 16P
   500 mA Positive Voltage Regulators
November, 2005 ??Rev. 16
logo
Fairchild Semiconductor
MC78M08CDT FAIRCHILD-MC78M08CDT Datasheet
88Kb / 14P
   3-Terminal 0.5A Positive Voltage Regulator
logo
Micro Commercial Compon...
MC78M08CDT MCC-MC78M08CDT Datasheet
106Kb / 2P
   Three-Terminal Positive Voltage Regulators
MC78M08CDT MCC-MC78M08CDT Datasheet
122Kb / 2P
   Three-Terminal Positive Voltage Regulators
More results

Similar Description - MC78M08CDT

ManufacturerPart #DatasheetDescription
logo
Unisonic Technologies
78MXX UTC-78MXX_09 Datasheet
284Kb / 10P
   3-TERMINAL 0.5A POSITIVE VOLTAGE REGULATOR
logo
Fairchild Semiconductor
KA78M05RTF FAIRCHILD-KA78M05RTF Datasheet
94Kb / 14P
   3-Terminal 0.5A Positive Voltage Regulator
logo
Unisonic Technologies
78MXX UTC-78MXX_V01 Datasheet
357Kb / 10P
   3-TERMINAL 0.5A POSITIVE VOLTAGE REGULATOR
78MXX UTC-78MXX_11 Datasheet
336Kb / 10P
   3-TERMINAL 0.5A POSITIVE VOLTAGE REGULATOR
logo
E-Tech Electronics LTD
78MXX ETL-78MXX Datasheet
344Kb / 9P
   3-TERMINAL 0.5A POSITIVE VOLTAGE REGULATOR
logo
Fairchild Semiconductor
KA78MXX FAIRCHILD-KA78MXX_02 Datasheet
91Kb / 14P
   3-Terminal 0.5A Positive Voltage Regulator
KA78MXX FAIRCHILD-KA78MXX Datasheet
81Kb / 16P
   3-terminal 0.5A positive voltage regulator
MC78MXX FAIRCHILD-MC78MXX Datasheet
88Kb / 14P
   3-Terminal 0.5A Positive Voltage Regulator
logo
KODENSHI_AUK CORP.
SN78M05D KODENSHI-SN78M05D Datasheet
599Kb / 18P
   3 Terminal 0.5A Positive Voltage Regulator
logo
Fairchild Semiconductor
MC78MXX FAIRCHILD-MC78MXX Datasheet
419Kb / 14P
   3-Terminal 0.5A Positive Voltage Regulator
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.NET
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com