Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

19-21-T1D-ANPHY-3T Datasheet(PDF) 11 Page - Everlight Electronics Co., Ltd

Part # 19-21-T1D-ANPHY-3T
Description  0603 Package Chip LED (0.8 mm Height)
Download  12 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  EVERLIGHT [Everlight Electronics Co., Ltd]
Direct Link  http://www.everlight.com
Logo EVERLIGHT - Everlight Electronics Co., Ltd

19-21-T1D-ANPHY-3T Datasheet(HTML) 11 Page - Everlight Electronics Co., Ltd

Back Button 19-21-T1D-ANPHY-3T Datasheet HTML 4Page - Everlight Electronics Co., Ltd 19-21-T1D-ANPHY-3T Datasheet HTML 5Page - Everlight Electronics Co., Ltd 19-21-T1D-ANPHY-3T Datasheet HTML 6Page - Everlight Electronics Co., Ltd 19-21-T1D-ANPHY-3T Datasheet HTML 7Page - Everlight Electronics Co., Ltd 19-21-T1D-ANPHY-3T Datasheet HTML 8Page - Everlight Electronics Co., Ltd 19-21-T1D-ANPHY-3T Datasheet HTML 9Page - Everlight Electronics Co., Ltd 19-21-T1D-ANPHY-3T Datasheet HTML 10Page - Everlight Electronics Co., Ltd 19-21-T1D-ANPHY-3T Datasheet HTML 11Page - Everlight Electronics Co., Ltd 19-21-T1D-ANPHY-3T Datasheet HTML 12Page - Everlight Electronics Co., Ltd  
Zoom Inzoom in Zoom Outzoom out
 11 / 12 page
background image
EVERLIGHT ELECTRONICS CO.,LTD.
19-21/T1D-ANPHY/3T
Everlight Electronics Co., Ltd.
http://www.everlight.com
Rev. 1
Page: 11 of 12
Device No. : SZDSE-191-T04
Prepared date: 27-Nov-2006
Prepared by: Zheng Linyan
Precautions For Use
1. Over-current-proof
Customer must apply resistors for protection , otherwise slight voltage shift will cause big
current change ( Burn out will happen ).
2. Storage
2.1 Do not open moisture proof bag before the products are ready to use.
2.2 Before opening the package, the LEDs should be kept at 30℃ or less and 90%RH or less.
2.3 After opening the package: The LED's floor life is 1 year under 30℃ or less and 60% RH or less.
If unused LEDs remain, it should be stored in moisture proof packages.
2.4 If the moisture absorbent material (silica gel) has faded away or the LEDs have exceeded the
storage time, baking treatment should be performed using the following conditions.
Baking treatment : 60±5℃ for 24 hours.
3. Soldering Condition
3.1 Pb-free solder temperature profile
3.2 Reflow soldering should not be done more than two times.
3.3 When soldering, do not put stress on the LEDs during heating.
3.4 After soldering, do not warp the circuit board.


Similar Part No. - 19-21-T1D-ANPHY-3T

ManufacturerPart #DatasheetDescription
logo
HK TO-GRACE TECHNOLOGY ...
19-21-T1D-ANPHY-3T TO-GRACE-19-21-T1D-ANPHY-3T Datasheet
855Kb / 12P
   0603 Package Chip LED (0.8 mm Height)
More results

Similar Description - 19-21-T1D-ANPHY-3T

ManufacturerPart #DatasheetDescription
logo
HK TO-GRACE TECHNOLOGY ...
19-21-T1D-ANPHY-3T TO-GRACE-19-21-T1D-ANPHY-3T Datasheet
855Kb / 12P
   0603 Package Chip LED (0.8 mm Height)
19-21-T1D-CPQTY-3T TO-GRACE-19-21-T1D-CPQTY-3T Datasheet
767Kb / 12P
   0603 Package Chip LED (0.8 mm Height)
logo
Everlight Electronics C...
19-21-W1D-ANPHY-3T EVERLIGHT-19-21-W1D-ANPHY-3T Datasheet
154Kb / 11P
   0603 Package Chip LED (0.8 mm Height)
logo
HK TO-GRACE TECHNOLOGY ...
19-21-W1D-ANPHY-3T TO-GRACE-19-21-W1D-ANPHY-3T Datasheet
681Kb / 11P
   0603 Package Chip LED (0.8 mm Height)
logo
Everlight Electronics C...
19-21-T1D-CPQTY-3T EVERLIGHT-19-21-T1D-CPQTY-3T Datasheet
154Kb / 12P
   0603 Package Chip LED (0.8 mm Height)
19-213-BHC-AN1P2-3T EVERLIGHT-19-213-BHC-AN1P2-3T Datasheet
184Kb / 10P
   0603 Package Chip LED (0.6 mm Height)
19-213-GHC-YR1S2-3T EVERLIGHT-19-213-GHC-YR1S2-3T Datasheet
145Kb / 10P
   0603 Package Chip LED (0.6 mm Height)
logo
HK TO-GRACE TECHNOLOGY ...
19-213-BHC-AN1P2-3T TO-GRACE-19-213-BHC-AN1P2-3T Datasheet
1Mb / 10P
   0603 Package Chip LED (0.6 mm Height)
logo
Everlight Electronics C...
19-213-GHC-XS1T1N-3T EVERLIGHT-19-213-GHC-XS1T1N-3T Datasheet
155Kb / 10P
   0603 Package Chip LED (0.6 mm Height)
logo
HK TO-GRACE TECHNOLOGY ...
19-213-T1D-ANPHY-3T TO-GRACE-19-213-T1D-ANPHY-3T Datasheet
1Mb / 12P
   0603 Package Chip LED (0.6 mm Height)
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.NET
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com